Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS83102G0BVGL Datasheet(PDF) 4 Page - ATMEL Corporation

Part # TS83102G0BVGL
Description  10-bit 2 Gsps ADC
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS83102G0BVGL Datasheet(HTML) 4 Page - ATMEL Corporation

  TS83102G0BVGL Datasheet HTML 1Page - ATMEL Corporation TS83102G0BVGL Datasheet HTML 2Page - ATMEL Corporation TS83102G0BVGL Datasheet HTML 3Page - ATMEL Corporation TS83102G0BVGL Datasheet HTML 4Page - ATMEL Corporation TS83102G0BVGL Datasheet HTML 5Page - ATMEL Corporation TS83102G0BVGL Datasheet HTML 6Page - ATMEL Corporation TS83102G0BVGL Datasheet HTML 7Page - ATMEL Corporation TS83102G0BVGL Datasheet HTML 8Page - ATMEL Corporation TS83102G0BVGL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
4
TS83102G0B
2101D–BDC–06/04
Note:
1.
ADC performances are independent on V
PLUSD common mode voltage and performances are guaranteed in the
limits of the specified V
PLUSD range (from -0.9V to 1.7V).
Operating Temperature
Range
Commercial "C" grade
Industrial "V" grade
0°C < T
C; TJ < 90°C
-20°C < T
C; TJ < 110°C
°C
Storage Temperature
Tstg
-65 to 150
°C
Lead Temperature
Tlead
300
°C
Electrical Operating Characteristics
V
CC = 5V ; VPLUSD = 0V (unless otherwise specified). ADC performances are independent of VPLUSD common mode
voltage and performances are guaranteed within the limits of the specified V
PLUSD range (from -0.9V to 1.7V);
V
EE = DVEE = -5V; VIN - VINB = 500 mVpp (full-scale single-ended or differential input);
clock inputs differential driven; analog-input single-ended driven.
Parameter
Test
Level
Symbol
Min
Typ
Max
Unit
Resolution
10
Bits
Power Requirements
Positive supply voltage
- analog
- digital (ECL)
- digital (LVDS)
1
1
4
V
CC
VPLUSD
V
PLUSD
4.75
5
- 0.8
1.45
5.25
V
V
V
Positive supply current
- analog
- digital
1
1
I
VCC
I
VPLUSD
138
154
205
200
mA
mA
Negative supply voltage
- analog
- digital
1
1
V
EE
DVEE
-5.25
-5.25
-5
-5
-4.75
-4.75
V
V
Negative supply current
- analog
- digital
1
1
VEE
I
DVEE
615
160
750
200
mA
mA
Power dissipation
- ECL
- LVDS
1
4P
D
4.6
5.0
5.2
5.7
W
W
Analog Inputs
Full-scale input voltage range (differential mode)
(0 V common mode voltage)
4
4
VIN,
VINB
- 125
- 125
125
125
mV
mV
Full-scale input voltage range (single-ended input
option)
(0 V common mode voltage)
4
4
VIN,
V
INB
- 250
0
250
mV
mV
Recommended Conditions of Use (Continued)
Parameter
Symbol
Comments
Min
Typ
Max
Unit


Similar Part No. - TS83102G0BVGL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS831 STMICROELECTRONICS-TS831 Datasheet
93Kb / 11P
   MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
TS831 STMICROELECTRONICS-TS831 Datasheet
263Kb / 11P
   MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
TS831-3I STMICROELECTRONICS-TS831-3I Datasheet
93Kb / 11P
   MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
TS831-3ID STMICROELECTRONICS-TS831-3ID Datasheet
93Kb / 11P
   MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
TS831-3IDT STMICROELECTRONICS-TS831-3IDT Datasheet
93Kb / 11P
   MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
More results

Similar Description - TS83102G0BVGL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12D1000RF TI1-ADC12D1000RF_15 Datasheet
3Mb / 84P
[Old version datasheet]   12-Bit, 3.2-GSPS and 2-GSPS RF-Sampling ADC
logo
National Semiconductor ...
ADC10D1000 NSC-ADC10D1000 Datasheet
2Mb / 62P
   Low Power, 10-Bit, Dual 1.0 GSPS or Single 2.0 GSPS ADC
logo
ATMEL Corporation
TS8388B ATMEL-TS8388B Datasheet
1Mb / 57P
   ADC 8-bit 1 GSPS
AT84AS003 ATMEL-AT84AS003 Datasheet
157Kb / 8P
   10-bit 1.5 Gsps ADC With 1:4 DMUX
AT84AD001B ATMEL-AT84AD001B Datasheet
1Mb / 60P
   Dual 8-bit 1 Gsps ADC
logo
Texas Instruments
ADC10D1000 TI1-ADC10D1000 Datasheet
1Mb / 82P
[Old version datasheet]   Low Power, 10-Bit, Dual 1.0/1.5 GSPS or Single 2.0/3.0 GSPS ADC
logo
National Semiconductor ...
ADC10D1000 NSC-ADC10D1000_10 Datasheet
2Mb / 70P
   Low Power, 10-Bit, Dual 1.0/1.5 GSPS or Single 2.0/3.0 GSPS ADC
ADC12D1800 NSC-ADC12D1800 Datasheet
1Mb / 14P
   12-Bit, Single 3.6 GSPS ADC
logo
List of Unclassifed Man...
AT84AD001CVEPW ETC-AT84AD001CVEPW Datasheet
873Kb / 64P
   Dual 8-bit 1 Gsps ADC
logo
National Semiconductor ...
ADC10D1000 NSC-ADC10D1000_09 Datasheet
2Mb / 70P
   Low Power, 10-Bit, Dual 1.0/1.5 GSPS or Single 2.0/3.0 GSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com