Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T598D107M010ATE080 Datasheet(PDF) 3 Page - Kemet Corporation

Part # T598D107M010ATE080
Description  T591/T598 High Humidity/High Temperature Automotive Grade Polymer Electrolytic, 2.5 - 50 VDC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T598D107M010ATE080 Datasheet(HTML) 3 Page - Kemet Corporation

  T598D107M010ATE080 Datasheet HTML 1Page - Kemet Corporation T598D107M010ATE080 Datasheet HTML 2Page - Kemet Corporation T598D107M010ATE080 Datasheet HTML 3Page - Kemet Corporation T598D107M010ATE080 Datasheet HTML 4Page - Kemet Corporation T598D107M010ATE080 Datasheet HTML 5Page - Kemet Corporation T598D107M010ATE080 Datasheet HTML 6Page - Kemet Corporation T598D107M010ATE080 Datasheet HTML 7Page - Kemet Corporation T598D107M010ATE080 Datasheet HTML 8Page - Kemet Corporation T598D107M010ATE080 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2073_T591_T598 • 6/5/2017
33
KEMET Organic Capacitor (KO-CAP®) – Automotive Grade
T591/T598 High Humidity/High Temperature Automotive Grade Polymer Electrolytic, 2.5 – 50 VDC
Qualification
Test
Condition
Characteristics
Endurance
105°Catratedvoltage,2,000hours
125°Cat2/3ratedvoltage,1,000hours**
ΔC/C
Within−20%/+10%ofinitialvalue
DF
Within2xInitialLimits
DCL
Within2xInitialLimit
ESR
Within2xInitialLimit
StorageLife
105°Cat0volts,2,000hours
125°Cat0volts,1,000hours**
ΔC/C
Within−20%/+10%ofinitialvalue
DF
Within2xInitialLimits
DCL
Within2xInitialLimit
ESR
Within2xInitialLimit
Humidity
85°C,85%RH,Load,500hours(T591)
85°C,85%RH,Load,1,000hours(T598)
ΔC/C
Within−5%/+35%ofinitialvalue
DF
Within1.5xInitialLimits
DCL
WithinInitialLimit
ESR
Within2xInitialLimit
MoistureResistance*
MIL–STD–202,Method106,
65°C,90-100%RH,NoLoad,10cycles
ΔC/C
Within−10%/+20%ofinitialvalue
DF
WithinInitialLimits
DCL
WithinInitialLimit
ESR
Within2xInitialLimits
Thermal Shock
MIL–STD–202,Method107,ConditionB,mounted,
−55°Cto+105°C/+125°C**,1,000cycles
ΔC/C
Within−20%/+10%ofinitialvalue
DF
WithinInitialLimits
DCL
WithinInitialLimit
ESR
Within2xInitialLimits
SurgeVoltage
105°C,1.32xratedvoltage,1,000cycles,33Ωin
series
125°C,1.32x(0.67xV
R),1,000cycles,33Ωin
series**
ΔC/C
Within−20%/+10%ofinitialvalue
DF
Withininitiallimits
DCL
Withininitiallimits
ESR
Withininitiallimits
TemperatureStability
Extreme temperature exposure at a
successionofcontinuousstepsat
+25°C,−55°C,+25°C,+85°C,
+105°C/+125°C**,+25°C
+25°C
−55°C
+85°C
+105°C/+125°C**
ΔC/C
IL***
±20%
±20%
±30%
DF
IL
IL
1.2xIL
1.5xIL
DCL
IL
N/A
10xIL
10xIL
Mechanical Shock/
Vibration
AEC–Q200(MIL–STD–202,Method213,Figure1,
ConditionF)
ΔC/C
Within±10%ofinitialvalue
DF
Withininitiallimits
AEC–Q200(MIL–STD–202,Method204,5gfor20
min/12cycleseachof3orientations.Testfrom
10–2,000Hz).
ESR
Withininitiallimits
DCL
Withininitiallimits
* T598 only
** Refer to part number specifications for individual temperature classification
*** IL = Initial Limit


Similar Part No. - T598D107M010ATE080

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T598D107M010ATE080 KEMET-T598D107M010ATE080 Datasheet
464Kb / 4P
   T598, Tantalum, Polymer Tantalum, 100 uF, 20%, 10 VDC, SMD, Polymer, Molded, Low ESR, AEC-Q200, 80 mOhms, 7343, Height Max = 3.1mm
More results

Similar Description - T598D107M010ATE080

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T59XD107M010ATE025 KEMET-T59XD107M010ATE025 Datasheet
1Mb / 18P
   T591/T598 High Humidity/High Temperature Automotive Grade Polymer Electrolytic, 2.5 - 50 VDC
T530X337M010ATE005 KEMET-T530X337M010ATE005 Datasheet
1Mb / 17P
   T530 High Capacitance Low ESR Polymer Electrolytic 125째C, 2.5 ??16 VDC
T540D107M10AH6510 KEMET-T540D107M10AH6510 Datasheet
1Mb / 19P
   T540 COTS Polymer Electrolytic for High Reliability Applications, 2.5 ??63 VDC
T541D157M10AH6510 KEMET-T541D157M10AH6510 Datasheet
1Mb / 23P
   T540/T541 COTS Polymer Electrolytic for High Reliability Applications, 2.5 - 63 VDC
logo
TDK Electronics
CGA2B2NP01H181J050BA TDK-CGA2B2NP01H181J050BA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA2B2NP01H271J050BA TDK-CGA2B2NP01H271J050BA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA4J2X8R1E224K125AA TDK-CGA4J2X8R1E224K125AA Datasheet
139Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA4J2X8R1H104K125AA TDK-CGA4J2X8R1H104K125AA Datasheet
139Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA5H2NP01H473J115AA TDK-CGA5H2NP01H473J115AA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA6N3NP02E333J230AA TDK-CGA6N3NP02E333J230AA Datasheet
238Kb / 1P
   Automotive Grade ( High Temperature Application ) )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com