Electronic Components Datasheet Search |
|
SR1045 Datasheet(PDF) 1 Page - Nanjing International Group Co |
|
SR1045 Datasheet(HTML) 1 Page - Nanjing International Group Co |
1 / 2 page SCHOTTKY BARRIER RECTIFIERS MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. TYPE NUMBER Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig. 1 FEATURES MECHANICAL DATA Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 10.0A Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Ta=100 C Typical Junction Capacitance (Note1) NOTES: 1. Measured at 1MHz and applied reverse voltage of 4.0V D.C. 2. Thermal Resistance Junction to Ambient Vertical PC Board Mounting 0.5"(12.7mm) Lead Length. * Low forward voltage drop * High current capability * High reliability * High surge current capability * Epitaxial construction * Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Axial leads, solderable per MIL-STD-202, method 208 guranteed * Polarity: Color band denotes cathode end * Mounting position: Any * Weight: 1.10 grams S R1020 S R10100 THRU Typical Thermal Resistance R JA (Note 2) θ VOLTAGE RANGE 20 to 200 Volts CURRENT 10 .0 Amperes DO-27 Dimensions in inches and (millimeters) 0.945(24.0) MIN. 0.945(24.0) MIN. .375(9.5) .285(7.2) .052(1.3) .04 3(1.1) DIA. .220(5.6) .197(5.0) DIA. A A V uA mA pF 10 .0 2 50 100 5 12 -65 +150 -65 +150 0.5 0 42 0 S R1020 SR1040 SR1045 SR1060 SR1080 SR10100 UNITS 20 40 45 6 0 8 0 100 V 20 40 45 6 0 80 100 V 14 28 31.5 42 56 70 V 0. 65 0. 76 Operating Storage Temperature Range TSTG Temperature Range TJ C C C/W * Both normal and Pb free product are available: * Normal:80~95%Sn,5~20%Pb * Pb free:99 Sn above can meet Rohs enviroment substance directive request 10.0A |
Similar Part No. - SR1045 |
|
Similar Description - SR1045 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |