Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ODD-AXU-064 Datasheet(PDF) 1 Page - OptoDiode Corp

Part # ODD-AXU-064
Description  PHOTODIODE 0.0008 mm2
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTODIODE [OptoDiode Corp]
Direct Link  http://www.optodiode.com
Logo OPTODIODE - OptoDiode Corp

ODD-AXU-064 Datasheet(HTML) 1 Page - OptoDiode Corp

  ODD-AXU-064 Datasheet HTML 1Page - OptoDiode Corp ODD-AXU-064 Datasheet HTML 2Page - OptoDiode Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1260 Calle Suerte, Camarillo, California 93012
Phone: (805) 499-0335, Fax: (805) 499-8108
Email: sales@optodiode.com, Website: www.optodiode.com
FEATURES
• SSMA connector
• Ideal for electron detection
• 100% internal QE
• Ultra high speed
ELECTRO-OPTICAL CHARACTERISTICS AT 25°C
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Active Area
Responsivity, R
Reverse Breakdown Voltage, VR
Capacitance, C
Rise Time
Dark Current
THERMAL PARAMETERS
STORAGE AND OPERATING TEMPERATURE RANGE
Ambient1
Nitrogen or Vacuum
Maximum Junction Temperature
-10° TO 40°C1
-20°C TO 80°C
70°C
1Temperatures exceeding these parameters may create Oxide growth on the active area.
Over time responsivity to low energy radiation and wavelengths below 150nm will be compromised.
Tighten to maximum torque of 5 inch/pounds.
Permament damage will result if higher torque values are used and warranty is voided.
Dimensions are in inch [metric] units.
0.029mm x 0.029mm
(see graphs on next page)
IR = 1µA
VR = 50V
VR = 52V, RL = 50
VR = 52V
55
0.0008
1
50
0.5
3
10
mm2
Volts
pF
psec
nA
PHOTODIODE 0.0008 mm2
AXUVHS6
Revision July 20, 2015


Similar Part No. - ODD-AXU-064

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
ODD-AXU-002 OPTODIODE-ODD-AXU-002 Datasheet
1Mb / 2P
   PHOTODIODE 100 mm2 with Integrated Thin Film Filter
ODD-AXU-010 OPTODIODE-ODD-AXU-010 Datasheet
217Kb / 2P
   ELECTRON DETECTION 100 mm2
ODD-AXU-010 OPTODIODE-ODD-AXU-010 Datasheet
442Kb / 3P
   Electron Detection 100 mm2
ODD-AXU-019 OPTODIODE-ODD-AXU-019 Datasheet
392Kb / 2P
   PHOTODIODE 100 mm2 with Integrated Thin Film Filter
ODD-AXU-023 OPTODIODE-ODD-AXU-023 Datasheet
935Kb / 4P
   Photodiode 16 Element
More results

Similar Description - ODD-AXU-064

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
AXUVHS6 OPTODIODE-AXUVHS6_15 Datasheet
264Kb / 2P
   PHOTODIODE 0.0008 mm2
AXUVHS6 OPTODIODE-AXUVHS6 Datasheet
134Kb / 2P
   PHOTODIODE 0.0008 mm SMA connector
ODD-AXU-051 OPTODIODE-ODD-AXU-051 Datasheet
333Kb / 2P
   PHOTODIODE 63 mm2
ODD-SXU-051 OPTODIODE-ODD-SXU-051 Datasheet
287Kb / 2P
   PHOTODIODE 20 mm2
AXUV63HS1-CH OPTODIODE-AXUV63HS1-CH_15 Datasheet
444Kb / 2P
   PHOTODIODE 63 mm2
UVG100 OPTODIODE-UVG100_18 Datasheet
227Kb / 2P
   Photodiode 100 mm2
UVG20C OPTODIODE-UVG20C_15 Datasheet
368Kb / 2P
   PHOTODIODE 20 mm2
AXUVHS5 OPTODIODE-AXUVHS5_15 Datasheet
261Kb / 2P
   PHOTODIODE 1 mm2
UVG5 OPTODIODE-UVG5 Datasheet
407Kb / 2P
   PHOTODIODE 5 mm2
ODD-AXU-058 OPTODIODE-ODD-AXU-058 Datasheet
261Kb / 2P
   PHOTODIODE 1 mm2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com