Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F6416KADFD Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R5F6416KADFD
Description  R32C/100 Series CPU Core
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6416KADFD Datasheet(HTML) 3 Page - Renesas Technology Corp

  R5F6416KADFD Datasheet HTML 1Page - Renesas Technology Corp R5F6416KADFD Datasheet HTML 2Page - Renesas Technology Corp R5F6416KADFD Datasheet HTML 3Page - Renesas Technology Corp R5F6416KADFD Datasheet HTML 4Page - Renesas Technology Corp R5F6416KADFD Datasheet HTML 5Page - Renesas Technology Corp R5F6416KADFD Datasheet HTML 6Page - Renesas Technology Corp R5F6416KADFD Datasheet HTML 7Page - Renesas Technology Corp R5F6416KADFD Datasheet HTML 8Page - Renesas Technology Corp R5F6416KADFD Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 104 page
background image
R01DS0066EJ0120 Rev.1.20
Page 3 of 99
Dec 10, 2014
R32C/116A Group
1. Overview
Note:
1.
Contact a Renesas Electronics sales office to use the optional features.
Table 1.2
Performance Overview for the 176-pin Package (2/2)
Unit
Function
Explanation
Timer
Timer A
16-bit timer × 5
Timer mode, event counter mode, one-shot timer mode, pulse-width
modulation (PWM) mode
Two-phase pulse signal processing in event counter mode (two-
phase encoder input) × 3
Timer B
16-bit timer × 6
Timer mode, event counter mode, pulse frequency measurement
mode, pulse-width measurement mode
Three-phase
motor control
timer
Three-phase motor control timer × 1 (timers A1, A2, A4, and B2 used)
8-bit programmable dead time timer
Serial
Interface
UART0 to
UART10
Asynchronous/synchronous serial interface × 11 channels
•I2C-bus (UART0 to UART6)
• Special mode 2 (UART0 to UART6)
• IEBus (optional (1)) (UART0 to UART6)
A/D Converter
10-bit resolution × 34 channels
Sample and hold functionality integrated
Self test/Open-circuit detection assist
D/A Converter
8-bit resolution × 2
CRC Calculator
CRC-CCITT (X16 + X12 + X5 + 1)
X-Y Converter
16 bits × 16 bits
Intelligent I/O
Time measurement (input capture): 16 bits × 16
Waveform generation (output compare): 16 bits × 24
Serial interface: Variable-length synchronous serial I/O mode, IEBus
mode (optional (1))
Multi-master I2C-bus Interface
1 channel
Flash Memory
Programming and erasure supply voltage: VCC = 3.0 to 5.5 V
Minimum endurance: 1,000 program/erase cycles
Suspend/resume function available
Security protection: ROM code protect, ID code protect
Debugging: On-chip debug, on-board flash programming
Operating Frequency/Supply
Voltage
64 MHz/VCC = 3.0 to 5.5 V
Operating Temperature
-40°C to 85°C (D version)
-40°C to 85°C (P version)
Current Consumption
45 mA (VCC = 5.0 V, f(CPU) = 64 MHz)
8 µA (VCC = 3.3 V, f(XCIN) = 32.768 kHz, in wait mode)
Package
176-pin plastic molded LQFP (PLQP0176KB-A)


Similar Part No. - R5F6416KADFD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F6416KADFD RENESAS-R5F6416KADFD Datasheet
819Kb / 102P
   RENESAS MCU
R5F6416KADFD RENESAS-R5F6416KADFD Datasheet
815Kb / 103P
   RENESAS MCU
More results

Similar Description - R5F6416KADFD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R32C-118A RENESAS-R32C-118A Datasheet
940Kb / 132P
   R32C/100 Series CPU Core
R32C-117A RENESAS-R32C-117A Datasheet
880Kb / 118P
   R32C/100 Series CPU Core
logo
Cypress Semiconductor
MB95630H CYPRESS-MB95630H Datasheet
4Mb / 102P
   F2MC-8FX CPU core
MB95F613H CYPRESS-MB95F613H Datasheet
10Mb / 110P
   F2MC-8FX CPU core
MB95650L CYPRESS-MB95650L Datasheet
11Mb / 105P
   F2MC-8FX CPU core
logo
Renesas Technology Corp
RX24T RENESAS-RX24T Datasheet
1Mb / 133P
   32-bit RXv2 CPU core
logo
NXP Semiconductors
68HC705JB2 NXP-68HC705JB2 Datasheet
1Mb / 128P
   Industry standard M68HC05 CPU core
REV 1.1
logo
Renesas Technology Corp
RX24U RENESAS-RX24U Datasheet
1Mb / 131P
   32-bit RXv2 CPU core
logo
Cypress Semiconductor
S6J3110 CYPRESS-S6J3110 Datasheet
359Kb / 4P
   32bit ARMR CortexR-R5 CPU Core
logo
AAEON Technology
AEC-6646 AAEON-AEC-6646 Datasheet
394Kb / 2P
   Intel짰 Core??i Desktop LGA1155 Socket CPU Support(Maximum 65W CPU)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com