Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C052H272K2G5GA7061 Datasheet(PDF) 4 Page - Kemet Corporation

Part # C052H272K2G5GA7061
Description  Radial Through-Hole Multilayer Ceramic Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C052H272K2G5GA7061 Datasheet(HTML) 4 Page - Kemet Corporation

  C052H272K2G5GA7061 Datasheet HTML 1Page - Kemet Corporation C052H272K2G5GA7061 Datasheet HTML 2Page - Kemet Corporation C052H272K2G5GA7061 Datasheet HTML 3Page - Kemet Corporation C052H272K2G5GA7061 Datasheet HTML 4Page - Kemet Corporation C052H272K2G5GA7061 Datasheet HTML 5Page - Kemet Corporation C052H272K2G5GA7061 Datasheet HTML 6Page - Kemet Corporation C052H272K2G5GA7061 Datasheet HTML 7Page - Kemet Corporation C052H272K2G5GA7061 Datasheet HTML 8Page - Kemet Corporation C052H272K2G5GA7061 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1073_HT_C0G_RADIAL_MOLDED • 9/25/2015
4
Radial Through-Hole Multilayer Ceramic Capacitors
High Temperature 200°C, Radial, Molded, C0G Dielectric, 50 – 200 VDC (Industrial Grade)
Table 1A – C052 Style/Size (0.20" Lead Spacing), Capacitance Range Waterfall
(1) (2) To complete ordering code, insert the proper character for capacitance tolerance: (See table above for character definitions)
(1) Available capacitance tolerances: B, C, D
(2) Available capacitance tolerances: F, G, J, K
(3) To complete ordering code, enter the four-digit numeric or alphanumeric "Packaging C-Spec Ordering Code." See details below:
Blank = Bulk Bag
T250 = 250 pcs / 12" Reel
T500 = 500pcs / 12" Reel
T1K0 = 1,000 pcs / 12" reel
7301 = Full Reel Qty / 12" reel
7303 = Full Reel Qty / 12" reel
7061 = Bulk Tray
These products are protected under U.S. Patents 7172985 & 7670981, other patents pending, and any foreign counterparts.
C052 Style/Size (0.20" Lead Spacing)
Rated Voltage (VDC)
50
100
200
Voltage Code
5
1
2
Capacitance
Capacitance
Tolerance
Capacitance Code (Available Capacitance)
1 pF
B = ±0.1pF
C = ±0.25pF
D = ±0.5pF
C052H109(1)5G5GA(3)
C052H109(1)1G5GA(3)
C052H109(1)2G5GA(3)
1.2 pF
C052H129(1)5G5GA(3)
C052H129(1)1G5GA(3)
C052H129(1)2G5GA(3)
1.5 pF
C052H159(1)5G5GA(3)
C052H159(1)1G5GA(3)
C052H159(1)2G5GA(3)
1.8 pF
C052H189(1)5G5GA(3)
C052H189(1)1G5GA(3)
C052H189(1)2G5GA(3)
2.2 pF
C052H229(1)5G5GA(3)
C052H229(1)1G5GA(3)
C052H229(1)2G5GA(3)
2.7 pF
C052H279(1)5G5GA(3)
C052H279(1)1G5GA(3)
C052H279(1)2G5GA(3)
3.3 pF
C052H339(1)5G5GA(3)
C052H339(1)1G5GA(3)
C052H339(1)2G5GA(3)
3.9 pF
C052H399(1)5G5GA(3)
C052H399(1)1G5GA(3)
C052H399(1)2G5GA(3)
4.7 pF
C052H479(1)5G5GA(3)
C052H479(1)1G5GA(3)
C052H479(1)2G5GA(3)
5.6 pF
C052H569(1)5G5GA(3)
C052H569(1)1G5GA(3)
C052H569(1)2G5GA(3)
6.8 pF
C052H689(1)5G5GA(3)
C052H689(1)1G5GA(3)
C052H689(1)2G5GA(3)
8.2 pF
C052H829(1)5G5GA(3)
C052H829(1)1G5GA(3)
C052H829(1)2G5GA(3)
10 pF
F = ±1%
G = ±2%
J = ±5%
K = ±10%
C052H100(2)5G5GA(3)
C052H100(2)1G5GA(3)
C052H100(2)2G5GA(3)
12 pF
C052H120(2)5G5GA(3)
C052H120(2)1G5GA(3)
C052H120(2)2G5GA(3)
15 pF
C052H150(2)5G5GA(3)
C052H150(2)1G5GA(3)
C052H150(2)2G5GA(3)
18 pF
C052H180(2)5G5GA(3)
C052H180(2)1G5GA(3)
C052H180(2)2G5GA(3)
22 pF
C052H220(2)5G5GA(3)
C052H220(2)1G5GA(3)
C052H220(2)2G5GA(3)
27 pF
C052H270(2)5G5GA(3)
C052H270(2)1G5GA(3)
C052H270(2)2G5GA(3)
33 pF
C052H330(2)5G5GA(3)
C052H330(2)1G5GA(3)
C052H330(2)2G5GA(3)
39 pF
C052H390(2)5G5GA(3)
C052H390(2)1G5GA(3)
C052H390(2)2G5GA(3)
47 pF
C052H470(2)5G5GA(3)
C052H470(2)1G5GA(3)
C052H470(2)2G5GA(3)
56 pF
C052H560(2)5G5GA(3)
C052H560(2)1G5GA(3)
C052H560(2)2G5GA(3)
68 pF
C052H680(2)5G5GA(3)
C052H680(2)1G5GA(3)
C052H680(2)2G5GA(3)
82 pF
C052H820(2)5G5GA(3)
C052H820(2)1G5GA(3)
C052H820(2)2G5GA(3)
100 pF
C052H101(2)5G5GA(3)
C052H101(2)1G5GA(3)
C052H101(2)2G5GA(3)
120 pF
C052H121(2)5G5GA(3)
C052H121(2)1G5GA(3)
C052H121(2)2G5GA(3)
150 pF
C052H151(2)5G5GA(3)
C052H151(2)1G5GA(3)
C052H151(2)2G5GA(3)
180 pF
C052H181(2)5G5GA(3)
C052H181(2)1G5GA(3)
C052H181(2)2G5GA(3)
220 pF
C052H221(2)5G5GA(3)
C052H221(2)1G5GA(3)
C052H221(2)2G5GA(3)
270 pF
C052H271(2)5G5GA(3)
C052H271(2)1G5GA(3)
C052H271(2)2G5GA(3)
330 pF
C052H331(2)5G5GA(3)
C052H331(2)1G5GA(3)
C052H331(2)2G5GA(3)
390 pF
C052H391(2)5G5GA(3)
C052H391(2)1G5GA(3)
C052H391(2)2G5GA(3)
470 pF
C052H471(2)5G5GA(3)
C052H471(2)1G5GA(3)
C052H471(2)2G5GA(3)
560 pF
C052H561(2)5G5GA(3)
C052H561(2)1G5GA(3)
C052H561(2)2G5GA(3)
680 pF
C052H681(2)5G5GA(3)
C052H681(2)1G5GA(3)
C052H681(2)2G5GA(3)
820 pF
C052H821(2)5G5GA(3)
C052H821(2)1G5GA(3)
C052H821(2)2G5GA(3)
1,000 pF
C052H102(2)5G5GA(3)
C052H102(2)1G5GA(3)
C052H102(2)2G5GA(3)
1,200 pF
C052H122(2)5G5GA(3)
C052H122(2)1G5GA(3)
C052H122(2)2G5GA(3)
1,500 pF
C052H152(2)5G5GA(3)
C052H152(2)1G5GA(3)
C052H152(2)2G5GA(3)
1,800 pF
C052H182(2)5G5GA(3)
C052H182(2)1G5GA(3)
C052H182(2)2G5GA(3)
2,200 pF
C052H222(2)5G5GA(3)
C052H222(2)1G5GA(3)
C052H222(2)2G5GA(3)
Rated Voltage (VDC)
50
100
200
Voltage Code
5
1
2


Similar Part No. - C052H272K2G5GA7061

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C052H100J2G5GA KEMET-C052H100J2G5GA Datasheet
53Kb / 1P
   Ceramic, 200C, MoldedHighTemp, 10 pF, 5%, 200 V, C0G, High Temp, 200C, Radial Molded, Gold Termination, Industrial Grade, Lead Spacing = 5.08mm
C052H103K1G5GA KEMET-C052H103K1G5GA Datasheet
53Kb / 1P
   Ceramic, 200C, MoldedHighTemp, 0.01 uF, 10%, 100 V, C0G, High Temp, 200C, Radial Molded, Gold Termination, Industrial Grade, Lead Spacing = 5.08mm
C052H104K5G5GAT500 KEMET-C052H104K5G5GAT500 Datasheet
53Kb / 1P
   Capacitor, ceramic
C052H105J1R5GA7061 KEMET-C052H105J1R5GA7061 Datasheet
1Mb / 13P
   Radial Through-Hole Multilayer Ceramic Capacitors
C052H105J1R5GA7301 KEMET-C052H105J1R5GA7301 Datasheet
1Mb / 13P
   Radial Through-Hole Multilayer Ceramic Capacitors
More results

Similar Description - C052H272K2G5GA7061

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C062H105K5R5GA7303 KEMET-C062H105K5R5GA7303 Datasheet
1Mb / 13P
   Radial Through-Hole Multilayer Ceramic Capacitors
logo
Kingtronics Internation...
MKT KINGTRONICS-MKT Datasheet
352Kb / 3P
   Radial Multilayer Ceramic Capacitors
logo
Kemet Corporation
T35XA105M035AS KEMET-T35XA105M035AS Datasheet
504Kb / 13P
   Tantalum Through-Hole Capacitors ??Radial Dipped
logo
Vishay Siliconix
K102J15C0GF5TH5 VISHAY-K102J15C0GF5TH5 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
logo
Kemet Corporation
C335C225M5U5TA7303 KEMET-C335C225M5U5TA7303 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C106K3R5TA7301 KEMET-C320C106K3R5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C102M1R5TA KEMET-C320C102M1R5TA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C052G102J1G5CR KEMET-C052G102J1G5CR_10 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
logo
United Chemi-Con, Inc.
KTD251B104M32A0T00 CHEMI-CON-KTD251B104M32A0T00 Datasheet
56Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com