Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMHE41A364AGBG Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RMHE41A364AGBG
Description  1.1G-BIT Low Latency DRAM-III Common I/O Burst Length of 4
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RMHE41A364AGBG Datasheet(HTML) 3 Page - Renesas Technology Corp

  RMHE41A364AGBG Datasheet HTML 1Page - Renesas Technology Corp RMHE41A364AGBG Datasheet HTML 2Page - Renesas Technology Corp RMHE41A364AGBG Datasheet HTML 3Page - Renesas Technology Corp RMHE41A364AGBG Datasheet HTML 4Page - Renesas Technology Corp RMHE41A364AGBG Datasheet HTML 5Page - Renesas Technology Corp RMHE41A364AGBG Datasheet HTML 6Page - Renesas Technology Corp RMHE41A364AGBG Datasheet HTML 7Page - Renesas Technology Corp RMHE41A364AGBG Datasheet HTML 8Page - Renesas Technology Corp RMHE41A364AGBG Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
RMHE41A184AGBG, RMHE41A364AGBG
Datasheet
R10DS0250EJ0100 Rev. 1.00
Page 3 of 51
Jun. 19, 2015
Pin Configurations
180-pin FCBGA (18.5 x 14) (Top View)
[RMHE41A184AGBG] ( x18 )
1
2
3
4
5
6
7
8
9
10
11
12
13
A
TMS
VDD
TCK
VDDQ
VSS
VSS
VDDQ
VEXT
VDD
QK0
B
VSS
DNU,
VSS
VSS
DQ6
VDD
x18
VDD
DNU,
VSS
VSS
DQ8
VSS
C
QVLD
VDDQ
DNU,
VSS
VDDQ
DQ4
Burst of 4
DNU,
VSS
VDDQ
DQ7
VDDQ
QK0#
D
VSS
DNU,
VSS
VSS
DQ2
VSS
259 sq. mm
VSS
DNU,
VSS
VSS
DQ5
VSS
E
DNU,
VSS
VDDQ
DNU,
VSS
VDDQ
DQ0
DNU,
VSS
VDDQ
DQ1
VDDQ
DQ3
F
VSS
DINV0
VSS
DNU,
VDDQ
VSS
VSS
DNU,
VDDQ
VSS
DNU,
VSS
VSS
G
VDD
VDDQ
DNU,
VDDQ
VDDQ
DNU,
VDDQ
DNU,
VDDQ
VDDQ
DNU,
VDDQ
VDDQ
VDD
H
VSS
RST#
VSS
A6
VSS
Note
Top
View
VSS
A5
VSS
DM
VSS
J
MF
VDDQ
DK0
VSS
VDD
CK
VSS
DNU,
VSS
VDDQ
LBK#
K
VREF
VSS
DK0#
VDDQ
VDD
CK#
VDDQ
DNU,
VSS
VSS
VREF
L
TRST#
CS#
VSS
A4
VSS
VSS
A3
VSS
WE#
VSS
M
VDD
VDDQ
DNU,
VDDQ
VDDQ
A2
REF#
VDDQ
DNU,
VDDQ
VDDQ
VDD
N
VSS
DINV1
VSS
A0
VSS
VSS
A1
VSS
DNU,
VSS
VSS
P
DNU,
VSS
VDDQ
DNU,
VSS
VDDQ
DQ9
DNU,
VSS
VDDQ
DQ10
VDDQ
DQ12
R
VSS
DNU,
VSS
VSS
DQ11
VSS
VSS
DNU,
VSS
VSS
DQ14
VSS
T
QK1#
VDDQ
DNU,
VSS
VDDQ
DQ13
DNU,
VSS
VDDQ
DQ16
VDDQ
TDO
U
VSS
DNU,
VSS
VSS
DQ15
VDD
VDD
DNU,
VSS
VSS
DQ17
VSS
V
QK1
VDD
ZQ
VDDQ
VSS
VSS
VDDQ
VEXT
VDD
TDI
Note When VDDQ is set to a nominal 1.0 V supply, H5 pin must be connected to VSS.
When VDDQ is set to a nominal 1.2 V supply, H5 pin must be connected to VDDQ.
DQ0–DQ17
: Data inputs / output
REF#
: Refresh enable
DINV0–DINV1 : Data inversion
LBK#
: Loopback mode
DM
: Write data mask
MF
: Mirror function
A0–A6
: Address
TMS
: IEEE 1149.1 test input
CK, CK#
: Input clock
TDI
: IEEE 1149.1 test input
DK0, DK0#
: Input data clock
TCK
: IEEE 1149.1 clock input
QVLD
: Read data valid
TDO
: IEEE 1149.1 test output
QK0–QK1,
: Output data clock
TRST#
: IEEE 1149.1 test reset input
QK0#–QK1#
VREF
: HSTL input reference input
ZQ
: Output impedance & input
VDD
: Power supply, 1.5 V nominal
termination control
VDDQ
: DQ power supply, 1.0 V or 1.2 V nominal
RST#
: Master reset
VEXT
: Power supply, 2.5 V nominal
CS#
: Chip select
VSS
: Ground
WE#
: Write enable
DNU, VSS
: Must not be used, or must be connected to VSS
DNU, VDDQ
: Must not be used, or must be connected to VDDQ


Similar Part No. - RMHE41A364AGBG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RMHE VISHAY-RMHE Datasheet
393Kb / 5P
   Rotative Transducer Elements in Hall Effect Technology
01-Jan-2022
RMHE1A1WAXXXXBO10E1 VISHAY-RMHE1A1WAXXXXBO10E1 Datasheet
393Kb / 5P
   Rotative Transducer Elements in Hall Effect Technology
01-Jan-2022
RMHE1A1WBXXXXBO10E1 VISHAY-RMHE1A1WBXXXXBO10E1 Datasheet
393Kb / 5P
   Rotative Transducer Elements in Hall Effect Technology
01-Jan-2022
RMHE1A1WCXXXXBO10E1 VISHAY-RMHE1A1WCXXXXBO10E1 Datasheet
393Kb / 5P
   Rotative Transducer Elements in Hall Effect Technology
01-Jan-2022
RMHE1A1WDXXXXBO10E1 VISHAY-RMHE1A1WDXXXXBO10E1 Datasheet
393Kb / 5P
   Rotative Transducer Elements in Hall Effect Technology
01-Jan-2022
More results

Similar Description - RMHE41A364AGBG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD48011418 RENESAS-UPD48011418 Datasheet
1Mb / 51P
   1.1G-BIT Lo w Latency DRAM-III Common I/O Burst Length of 4
Feb 01, 2013
UPD48011318 RENESAS-UPD48011318 Datasheet
1Mb / 51P
   1.1G-BIT L ow Latency DRAM-III Common I/O Burst Length of 2
Feb 01, 2013
UPD48288209-A RENESAS-UPD48288209-A Datasheet
862Kb / 50P
   288M-BIT Low Latency DRAM Common I/O
Feb 01, 2013
UPD48576209 RENESAS-UPD48576209 Datasheet
1Mb / 53P
   576M-BIT Low Latency DRAM Common I/O
Oct 01, 2012
UPD48288118-A RENESAS-UPD48288118-A Datasheet
843Kb / 48P
   288M-BIT Low Latency DRAM Separate I/O
Feb 01, 2013
UPD48576109 RENESAS-UPD48576109 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM Separate I/O
Oct 01, 2012
UPD48288209A RENESAS-UPD48288209A Datasheet
1Mb / 53P
   288M-BIT Low Laten cy DRAM Common I/O
Oct 01, 2012
UPD48576118F1 RENESAS-UPD48576118F1 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM
UPD48576209F1 RENESAS-UPD48576209F1 Datasheet
1Mb / 54P
   576M-BIT Low Latency DRAM
UPD48288209AF1 RENESAS-UPD48288209AF1 Datasheet
1Mb / 54P
   288M-BIT Low Latency DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com