Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F6417LADFD Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R5F6417LADFD
Description  R32C/100 Series CPU Core
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6417LADFD Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R5F6417LADFD Datasheet HTML 7Page - Renesas Technology Corp R5F6417LADFD Datasheet HTML 8Page - Renesas Technology Corp R5F6417LADFD Datasheet HTML 9Page - Renesas Technology Corp R5F6417LADFD Datasheet HTML 10Page - Renesas Technology Corp R5F6417LADFD Datasheet HTML 11Page - Renesas Technology Corp R5F6417LADFD Datasheet HTML 12Page - Renesas Technology Corp R5F6417LADFD Datasheet HTML 13Page - Renesas Technology Corp R5F6417LADFD Datasheet HTML 14Page - Renesas Technology Corp R5F6417LADFD Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 118 page
background image
R01DS0067EJ0120 Rev.1.20
Page 11 of 113
Dec 10, 2014
R32C/117A Group
1. Overview
Table 1.7
Pin Characteristics for the 176-pin Package (2/5)
Pin
No.
Control
Pin
Port
Interrupt
Pin
Timer Pin UART/CAN Module Pin
Intelligent I/O Pin
Analog
Pin
Bus Control
Pin
37
P7_4
TA2OUT/W CLK8
IIO1_1
38
P17_7
39
P17_6
40
P17_5
41
P17_4
42
P7_3
TA1IN/
VCTS2/RTS2/SS2/TXD8 IIO1_0
43
P7_2
TA1OUT/V CLK2
44
P7_1
TA0IN/
TB5IN
RXD2/SCL2/STXD2/
MSCL
IIO1_7/OUTC2_2/
ISRXD2/IEIN
45
P7_0
TA0OUT
TXD2/SDA2/SRXD2/
MSDA
IIO1_6/OUTC2_0/
ISTXD2/IEOUT
46
P6_7
TXD1/SDA1/SRXD1
47
P14_7
48
P6_6
RXD1/SCL1/STXD1
49
P11_7
50
P6_5
CLK1
51
P6_4
CTS1/RTS1/SS1
OUTC2_1/ISCLK2
52
P6_3
TXD0/SDA0/SRXD0
53
P6_2
TB2IN
RXD0/SCL0/STXD0
54
P6_1
TB1IN
CLK0
55
P6_0
TB0IN
CTS0/RTS0/SS0
56
P19_5
57
P13_7
OUTC2_7
D31
58
P13_6
OUTC2_1/ISCLK2
D30
59
P13_5
OUTC2_2/ISRXD2/
IEIN
D29
60
P13_4
OUTC2_0/ISTXD2/
IEOUT
D28
61
P19_4
62
P5_7
CTS7/RTS7
RDY/CS3
63
P5_6
RXD7
ALE/
CS2
64
P5_5
CLK7
HOLD
65
P5_4
TXD7
HLDA/CS1
66
P13_3
OUTC2_3
D27
67
VSS
68
P13_2
OUTC2_6
D26
69
VCC
70
P13_1
OUTC2_5
D25
71
P13_0
OUTC2_4
D24
72
P5_3
CLKOUT/
BCLK
73
P5_2
RD
74
P5_1
WR1/BC1


Similar Part No. - R5F6417LADFD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F6417LADFD RENESAS-R5F6417LADFD Datasheet
879Kb / 116P
   RENESAS MCU
More results

Similar Description - R5F6417LADFD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R32C-116A RENESAS-R32C-116A Datasheet
819Kb / 104P
   R32C/100 Series CPU Core
R32C-118A RENESAS-R32C-118A Datasheet
940Kb / 132P
   R32C/100 Series CPU Core
logo
Cypress Semiconductor
MB95630H CYPRESS-MB95630H Datasheet
4Mb / 102P
   F2MC-8FX CPU core
MB95F613H CYPRESS-MB95F613H Datasheet
10Mb / 110P
   F2MC-8FX CPU core
MB95650L CYPRESS-MB95650L Datasheet
11Mb / 105P
   F2MC-8FX CPU core
logo
Renesas Technology Corp
RX24T RENESAS-RX24T Datasheet
1Mb / 133P
   32-bit RXv2 CPU core
logo
NXP Semiconductors
68HC705JB2 NXP-68HC705JB2 Datasheet
1Mb / 128P
   Industry standard M68HC05 CPU core
REV 1.1
logo
Renesas Technology Corp
RX24U RENESAS-RX24U Datasheet
1Mb / 131P
   32-bit RXv2 CPU core
logo
Cypress Semiconductor
S6J3110 CYPRESS-S6J3110 Datasheet
359Kb / 4P
   32bit ARMR CortexR-R5 CPU Core
logo
AAEON Technology
AEC-6646 AAEON-AEC-6646 Datasheet
394Kb / 2P
   Intel짰 Core??i Desktop LGA1155 Socket CPU Support(Maximum 65W CPU)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com