Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMLV1616AGBG-5S2 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RMLV1616AGBG-5S2
Description  16Mb Advanced LPSRAM (1M word16bit / 2M word x 8bit)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RMLV1616AGBG-5S2 Datasheet(HTML) 3 Page - Renesas Technology Corp

  RMLV1616AGBG-5S2 Datasheet HTML 1Page - Renesas Technology Corp RMLV1616AGBG-5S2 Datasheet HTML 2Page - Renesas Technology Corp RMLV1616AGBG-5S2 Datasheet HTML 3Page - Renesas Technology Corp RMLV1616AGBG-5S2 Datasheet HTML 4Page - Renesas Technology Corp RMLV1616AGBG-5S2 Datasheet HTML 5Page - Renesas Technology Corp RMLV1616AGBG-5S2 Datasheet HTML 6Page - Renesas Technology Corp RMLV1616AGBG-5S2 Datasheet HTML 7Page - Renesas Technology Corp RMLV1616AGBG-5S2 Datasheet HTML 8Page - Renesas Technology Corp RMLV1616AGBG-5S2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
RMLV1616A Series
R10DS0258EJ0100 Rev.1.00
Page 3 of 14
2016.01.06
Pin Description
Pin name
Function
VCC
Power supply
VSS
Ground
A0 to A19
Address input (word mode)
A-1 to A19
Address input (byte mode)
DQ0 to DQ15
Data input/output
CS1#
Chip select 1
CS2
Chip select 2
OE#
Output enable
WE#
Write enable
LB#
Lower byte select
UB#
Upper byte select
BYTE#
Byte control mode enable
NC
No connection
Block Diagram
Memory Array
1048576 Words
x 16BITS
OR
2097152 Words
x 8BITS
CLOCK
GENERATOR
x8/x16
SWITCHING
CIRCUIT
CS2
CS1#
LB#
UB#
A0
A19
WE#
OE#
BYTE#
DQ0
DQ7
DQ8
DQ15
/ A-1
Vcc
Vss
Note 1.
BYTE# pin supported by only 48pin TSOP (I) and 52pin µTSOP (II) types.


Similar Part No. - RMLV1616AGBG-5S2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RMLV1616A-U RENESAS-RMLV1616A-U Datasheet
337Kb / 15P
   16Mbit LPSRAM (1M word × 16bit / 2M word x 8bit)
2022.12.05
More results

Similar Description - RMLV1616AGBG-5S2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RMLV1616A-U RENESAS-RMLV1616A-U Datasheet
337Kb / 15P
   16Mbit LPSRAM (1M word × 16bit / 2M word x 8bit)
2022.12.05
R1LV0816ASD RENESAS-R1LV0816ASD Datasheet
264Kb / 19P
   8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
2009.12.08
RMLV3216A RENESAS-RMLV3216A Datasheet
299Kb / 16P
   32Mb Advanced LPSRAM (2M word × 16bit / 4M word x 8bit)
2018.12.26
R1LV0816ASD-5SI RENESAS-R1LV0816ASD-5SI Datasheet
264Kb / 19P
   8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
R1LV3216R RENESAS-R1LV3216R Datasheet
200Kb / 18P
   32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
R1LV0816ASA-5SI RENESAS-R1LV0816ASA-5SI Datasheet
261Kb / 19P
   8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
R1LV0816ASA RENESAS-R1LV0816ASA Datasheet
261Kb / 19P
   8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
2009.12.08
R1LV3216RSD-5SIB0 RENESAS-R1LV3216RSD-5SIB0 Datasheet
150Kb / 20P
   32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
R1LV3216R RENESAS-R1LV3216R_15 Datasheet
150Kb / 20P
   32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
RMWV3216A RENESAS-RMWV3216A Datasheet
474Kb / 15P
   32Mb Advanced LPSRAM (2M word 횞 16bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com