Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F523T5AGFL Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R5F523T5AGFL
Description  40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F523T5AGFL Datasheet(HTML) 3 Page - Renesas Technology Corp

  R5F523T5AGFL Datasheet HTML 1Page - Renesas Technology Corp R5F523T5AGFL Datasheet HTML 2Page - Renesas Technology Corp R5F523T5AGFL Datasheet HTML 3Page - Renesas Technology Corp R5F523T5AGFL Datasheet HTML 4Page - Renesas Technology Corp R5F523T5AGFL Datasheet HTML 5Page - Renesas Technology Corp R5F523T5AGFL Datasheet HTML 6Page - Renesas Technology Corp R5F523T5AGFL Datasheet HTML 7Page - Renesas Technology Corp R5F523T5AGFL Datasheet HTML 8Page - Renesas Technology Corp R5F523T5AGFL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 98 page
background image
R01DS0248EJ0110 Rev.1.10
Page 3 of 98
Jan 13, 2016
RX23T Group
1. Overview
Interrupt
Interrupt controller (ICUb)
 Interrupt vectors: 83
 External interrupts: 7 (NMI, IRQ0 to IRQ5 pins)
 Non-maskable interrupts: 5 (NMI pin, oscillation stop detection interrupt, voltage monitoring 1
interrupt, voltage monitoring 2 interrupt, and IWDT interrupt)
 16 levels specifiable for the order of priority
DMA
Data transfer controller
(DTCa)
 Transfer modes: Normal transfer, repeat transfer, and block transfer
 Activation sources: Interrupts
 Chain transfer function
I/O ports
General I/O ports
64-/52-/48-pin
 I/O: 50/40/37
 Input: 1/1/1
 Pull-up resistors: 50/40/37
 Open-drain outputs: 42/32/29
 5-V tolerance: 2/2/2
Multi-function pin controller (MPC)
Capable of selecting the input/output function from multiple pins
Timers
Multi-function timer pulse
unit 3 (MTU3c)
 6 units (16bis × 6 channels)
 Provides up to 16 pulse-input/output lines and three pulse-input lines
 Select from among fourteen counter-input clock signals for each channel (PCLK/1, PCLK/2, PCLK/4,
PCLK/8, PCLK/16, PCLK/32, PCLK/64, PCLK/256, PCLK/1024, MTCLKA, MTCLKB, MTCLKC,
MTCLKD, MTIOC1A) other than channel 1/3/4, for which only eleven signals are available, channel 2
for 12, channel 5 for 10
 26 output compare/input capture registers
 Counter clear operation (with compare match- or input capture-sourced simultaneous counter clear
capability)
 Simultaneous writing to multiple timer counters (TCNT)
 Simultaneous register input/output by synchronous counter operation
 Buffer operation
 Cascaded operation
 28 interrupt sources
 Automatic transfer of register data
 Pulse output modes: Toggle/PWM/complementary PWM/reset-synchronized PWM
 Complementary PWM output mode
3-phase non-overlapping waveform output for inverter control
Automatic dead time setting
Adjustable PWM duty cycle: from 0 to 100%
A/D conversion request delaying function
Interrupt at crest/trough can be skipped
Double buffer function
 Reset-synchronized PWM mode
Outputs three phases each for positive and negative PWM waveforms in user-specified duty cycle
 Phase counting modes: 16-bit mode (channel 1 and 2)/32-bit mode (channel 1 and 2)
 Dead time compensation counter function
 A/D converter start trigger can be generated
 A/D converter start triggers can be skipped
 Signals from the input capture and external counter clock pins are input via a digital filter
Port output enable 3
(POE3b)
Controls the high-impedance state of the MTU’s waveform output pins
Compare match timer
(CMT)
 (16 bits × 2 channels) × 2 units
 Select from among four clock signals (PCLK/8, PCLK/32, PCLK/128, PCLK/512)
Independent watchdog
timer (IWDTa)
 14 bits × 1 channel
 Count clock: Dedicated low-speed on-chip oscillator for the IWDT
Frequency divided by 1, 16, 32, 64, 128, or 256
8-bit timer (TMR)
 (8 bits × 2 channels) × 2 units
 Seven internal clocks (PCLK/1, PCLK/2, PCLK/8, PCLK/32, PCLK/64, PCLK/1024, and PCLK/8192)
and an external clock can be selected
 Pulse output and PWM output with any duty cycle are available
 Two channels can be cascaded and used as a 16-bit timer
 Generates A/D conversion start trigger
 Generates baud rate clock for the SCI5
Table 1.1
Outline of Specifications (2/3)
Classification
Module/Function
Description


Similar Part No. - R5F523T5AGFL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F52305ADFL RENESAS-R5F52305ADFL Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
R5F52305ADFL RENESAS-R5F52305ADFL Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory, various communication functions including USB 2.0 full-speed host/function/OTG, CAN, SD hostnterface,serial sound interface, capacitive touch sensing unit,
Sep 28, 2018
R5F52305ADFL#30 RENESAS-R5F52305ADFL#30 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
R5F52305ADFL30 RENESAS-R5F52305ADFL30 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory, various communication functions including USB 2.0 full-speed host/function/OTG, CAN, SD hostnterface,serial sound interface, capacitive touch sensing unit,
Sep 28, 2018
R5F52305ADFM RENESAS-R5F52305ADFM Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
More results

Similar Description - R5F523T5AGFL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F562TAADFH RENESAS-R5F562TAADFH Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX63T RENESAS-RX63T_16 Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com