Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MLGDFB Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R5F564MLGDFB
Description  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
Download  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MLGDFB Datasheet(HTML) 2 Page - Renesas Technology Corp

  R5F564MLGDFB Datasheet HTML 1Page - Renesas Technology Corp R5F564MLGDFB Datasheet HTML 2Page - Renesas Technology Corp R5F564MLGDFB Datasheet HTML 3Page - Renesas Technology Corp R5F564MLGDFB Datasheet HTML 4Page - Renesas Technology Corp R5F564MLGDFB Datasheet HTML 5Page - Renesas Technology Corp R5F564MLGDFB Datasheet HTML 6Page - Renesas Technology Corp R5F564MLGDFB Datasheet HTML 7Page - Renesas Technology Corp R5F564MLGDFB Datasheet HTML 8Page - Renesas Technology Corp R5F564MLGDFB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 228 page
background image
RX64M Group
1. Overview
R01DS0173EJ0110 Rev.1.10
Page 2 of 228
Oct 24, 2016
1.
Overview
1.1
Outline of Specifications
Table 1.1 lists the specifications in outline, and Table 1.2 gives a comparison of the functions of products in different
packages.
Table 1.1 shows the outline of maximum specifications, and the number of peripheral module channels differs
depending on the pin number on the package and the code flash memory capacity. For details, see Table 1.2,
Comparison of Functions for Different Packages.
Table 1.1
Outline of Specifications (1/9)
Classification
Module/Function
Description
CPU
CPU
 Maximum operating frequency: 120 MHz
 32-bit RX CPU (RXv2)
 Minimum instruction execution time: One instruction per state (cycle of the system
clock)
 Address space: 4-Gbyte linear
 Register set of the CPU
General purpose: Sixteen 32-bit registers
Control: Ten 32-bit registers
Accumulator: Two 72-bit registers
 Basic instructions: 75
 Floating-point instructions: 11
 DSP instructions: 23
 Addressing modes: 11
 Data arrangement
Instructions: Little endian
Data: Selectable as little endian or big endian
 On-chip 32-bit multiplier: 32 × 32 → 64 bits
 On-chip divider: 32 / 32 → 32 bits
 Barrel shifter: 32 bits
FPU
 Single precision (32-bit) floating point
 Data types and floating-point exceptions in conformance with the IEEE754 standard
Memory
Code flash memory
 Capacity: 2 Mbytes, 2.5 Mbytes, 3 Mbytes, 4 Mbytes
 120 MHz, no-wait access
 On-board programming: Four types
 Off-board programming (parallel programmer mode)
 The trusted memory (TM) function protects against the reading of programs from blocks
8 and 9.
Data flash memory
 Capacity: 64 Kbytes
 Programming/erasing: 100,000 times
RAM
 Capacity: 512 Kbytes
 120 MHz, no-wait access
 SED (single error detection)
Unique ID
 12-byte length ID unique to the device
RAM with ECC
 Capacity: 32 Kbytes
 120 MHz, single wait access
 SEC-DED (single error correction/double error detection)
Standby RAM
 Capacity: 8 Kbytes
 Operation synchronized with PCLKB: Up to 60 MHz, two-cycle access
Operating modes
 Operating modes by the mode-setting pins at the time of release from the reset state
Single-chip mode
Boot mode (for the SCI interface)
Boot mode (for the USB interface)
User boot mode
 Selection of operating mode by register setting
Single-chip mode, user boot mode
On-chip ROM disabled extended mode
On-chip ROM enabled extended mode
 Endian selectable


Similar Part No. - R5F564MLGDFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F564MLGDBG RENESAS-R5F564MLGDBG Datasheet
451Kb / 67P
   MCUs
R5F564MLGDLC RENESAS-R5F564MLGDLC Datasheet
451Kb / 67P
   MCUs
R5F564MLGDLJ RENESAS-R5F564MLGDLJ Datasheet
451Kb / 67P
   MCUs
R5F564MLGDLK RENESAS-R5F564MLGDLK Datasheet
451Kb / 67P
   MCUs
More results

Similar Description - R5F564MLGDFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX65N RENESAS-RX65N Datasheet
1Mb / 190P
   120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
RX71M RENESAS-RX71M Datasheet
1Mb / 164P
   240-MHz 32-bit RX MCU, on-chip FPU, 480 DMIPS, up to 4-MB flash memory
Rev.1.20 Oct 20, 2022
RX63T RENESAS-RX63T_16 Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
RX634 RENESAS-RX634 Datasheet
902Kb / 106P
   54 MHz 32-bit RX MCU with FPU, 90 DMIPS, up to 2-Mbyte flash memory
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX62N RENESAS-RX62N_12 Datasheet
1Mb / 149P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX72M RENESAS-RX72M Datasheet
1Mb / 158P
   240-MHz 32-bit RX MCU, on-chip double-precision FPU, 1396 CoreMark
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com