Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9400WZ24I-2.7 Datasheet(PDF) 5 Page - Xicor Inc.

Part # X9400WZ24I-2.7
Description  Quad Digitally Controlled Potentiometers (XDCP)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9400WZ24I-2.7 Datasheet(HTML) 5 Page - Xicor Inc.

  X9400WZ24I-2.7 Datasheet HTML 1Page - Xicor Inc. X9400WZ24I-2.7 Datasheet HTML 2Page - Xicor Inc. X9400WZ24I-2.7 Datasheet HTML 3Page - Xicor Inc. X9400WZ24I-2.7 Datasheet HTML 4Page - Xicor Inc. X9400WZ24I-2.7 Datasheet HTML 5Page - Xicor Inc. X9400WZ24I-2.7 Datasheet HTML 6Page - Xicor Inc. X9400WZ24I-2.7 Datasheet HTML 7Page - Xicor Inc. X9400WZ24I-2.7 Datasheet HTML 8Page - Xicor Inc. X9400WZ24I-2.7 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
X9400
Characteristics subject to change without notice.
5 of 22
REV 1.1.4 10/11/02
www.xicor.com
Figure 3. Instruction Byte Format
The four high order bits of the instruction byte specify
the operation. The next two bits (R1 and R0) select one
of the four registers that is to be acted upon when a
register oriented instruction is issued. The last two bits
(P1
and
P0) selects which one of the four
potentiometers is to be affected by the instruction.
Four of the ten instructions are two bytes in length and
end with the transmission of the instruction byte. These
instructions are:
– XFR Data Register to Wiper Counter Register—This
transfers the contents of one specified Data Register
to the associated Wiper Counter Register.
– XFR Wiper Counter Register to Data Register —This
transfers the contents of the specified Wiper Counter
Register to the specified associated Data Register.
– Global XFR Data Register to Wiper Counter Register —
This transfers the contents of all specified Data
Registers to the associated Wiper Counter Registers.
– Global XFR Wiper Counter Register to Data Register —
This transfers the contents of all Wiper Counter
Registers to the specified associated Data Registers.
The basic sequence of the two byte instructions is
illustrated in Figure 4. These two-byte instructions
exchange data between the WCR and one of the data
registers. A transfer from a Data Register to a WCR is
essentially a write to a static RAM, with the static RAM
controlling the wiper position. The response of the wiper
to this action will be delayed by tWRL. A transfer from
the WCR (current wiper position), to a data register is a
write to nonvolatile memory and takes a minimum of
tWR to complete. The transfer can occur between one of
the four potentiometers and one of its associated
registers; or it may occur globally, where the transfer
occurs between all potentiometers and one associated
register.
Five instructions require a three-byte sequence to
complete. These instructions transfer data between the
host and the X9400; either between the host and one of
the data registers or directly between the host and the
Wiper Counter Register. These instructions are:
– Read Wiper Counter Register—read the current
wiper position of the selected pot,
–Write Wiper Counter Register—change current wiper
position of the selected pot,
– Read Data Register—read the contents of the
selected data register;
–Write Data Register—write a new value to the
selected data register.
– Read Status—This command returns the contents of
the WIP bit which indicates if the internal write cycle
is in progress.
The sequence of these operations is shown in Figure 5
and Figure 6.
The final command is Increment/Decrement. It is
different from the other commands, because it’s length is
indeterminate. Once the command is issued, the master
can clock the selected wiper up and/or down in one
resistor segment steps; thereby, providing a fine tuning
capability to the host. For each SCK clock pulse (tHIGH)
while SI is HIGH, the selected wiper will move one
resistor segment towards the VH/RH terminal. Similarly,
for each SCK clock pulse while SI is LOW, the selected
wiper will move one resistor segment towards the VL/RL
terminal. A detailed illustration of the sequence and
timing for this operation are shown in Figure 7 and Figure
8.
I1
I2
I3
I0
R1
R0
P1
P0
Pot Select
Register
Select
Instructions


Similar Part No. - X9400WZ24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9400WS24 INTERSIL-X9400WS24 Datasheet
375Kb / 21P
   Low Noise/Low Power/SPI Bus
X9400WS24 INTERSIL-X9400WS24 Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
X9400WS24-2.7 INTERSIL-X9400WS24-2.7 Datasheet
375Kb / 21P
   Low Noise/Low Power/SPI Bus
X9400WS24-2.7 INTERSIL-X9400WS24-2.7 Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
X9400WS24I INTERSIL-X9400WS24I Datasheet
375Kb / 21P
   Low Noise/Low Power/SPI Bus
More results

Similar Description - X9400WZ24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9250TS24I INTERSIL-X9250TS24I Datasheet
360Kb / 20P
   Quad Digitally Controlled Potentiometers (XDCP
August 29, 2006
X9408 INTERSIL-X9408_09 Datasheet
336Kb / 20P
   Quad Digitally Controlled (XDCP?? Potentiometers
logo
Xicor Inc.
X9250 XICOR-X9250 Datasheet
181Kb / 21P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
ISL90841 INTERSIL-ISL90841_06 Datasheet
1Mb / 12P
   Quad Digitally Controlled Potentiometers (XDCP??
logo
Xicor Inc.
X9259 XICOR-X9259 Datasheet
400Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometers
logo
Intersil Corporation
ISL90840 INTERSIL-ISL90840_06 Datasheet
1Mb / 13P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Renesas Technology Corp
ISL90840 RENESAS-ISL90840 Datasheet
1Mb / 13P
   Quad Digitally Controlled Potentiometers (XDCP™)
November 14, 2006
logo
Intersil Corporation
ISL22329 INTERSIL-ISL22329 Datasheet
393Kb / 13P
   Dual Digitally Controlled Potentiometers XDCP
X9268TS24 INTERSIL-X9268TS24 Datasheet
323Kb / 22P
   Dual Digitally-Controlled (XDCP) Potentiometers
August 29, 2006
ISL22346 INTERSIL-ISL22346_09 Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com