Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F563TBEDFB Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R5F563TBEDFB
Description  100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
Download  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F563TBEDFB Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R5F563TBEDFB Datasheet HTML 2Page - Renesas Technology Corp R5F563TBEDFB Datasheet HTML 3Page - Renesas Technology Corp R5F563TBEDFB Datasheet HTML 4Page - Renesas Technology Corp R5F563TBEDFB Datasheet HTML 5Page - Renesas Technology Corp R5F563TBEDFB Datasheet HTML 6Page - Renesas Technology Corp R5F563TBEDFB Datasheet HTML 7Page - Renesas Technology Corp R5F563TBEDFB Datasheet HTML 8Page - Renesas Technology Corp R5F563TBEDFB Datasheet HTML 9Page - Renesas Technology Corp R5F563TBEDFB Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 186 page
background image
R01DS0087EJ0220 Rev.2.20
Page 6 of 186
Mar 31, 2016
RX63T Group
1. Overview
Communication
function
I2C bus interfaces
(RIIC)
 2 channels
Communication formats
I2C bus format/SMBus format
Supports the multi-master
Max. transfer rate: 400 kbps
CAN module (CAN)
 1 channels
 Compliance with the ISO11898-1 specification (standard frame and extended frame)
 32 mailboxes per channel
Serial peripheral
interfaces (RSPI)
 2 channels
 RSPI transfer facility
Using the MOSI (master out, slave in), MISO (master in, slave out), SSL (slave select),
and RSPCK (RSPI clock) signals enables serial transfer through SPI operation (four
lines) or clock-synchronous operation (three lines)
Capable of handling serial transfer as a master or slave
 Data formats
Switching between MSB first and LSB first
The number of bits in each transfer can be changed to any number of bits from 8 to 16,
or to 20, 24, or 32 bits.
128-bit buffers for transmission and reception
Up to four frames can be transmitted or received in a single transfer operation (with
each frame having up to 32 bits)
 Buffered structure
Double buffers for both transmission and reception
 Max. transfer rate
In master mode: [144-, 120-, 112- and 100-pin versions]
25 Mbps
[64- and 48-pin versions]
12.5 Mbps
In slave mode: 6.25 Mbps
12-bit A/D converter (S12ADB)
[144-, 120-, 112- and 100-pin versions]
 12 bits (4 channels x 2 unit)
 12-bit resolution
 Conversion time
1.0
s per channel (clock for S12ADB, PCLKD (A/D conversion clock ADCLK) = 50
MHz, AVCC0 = 4.0 to 5.5 V)
2.0
s per channel (clock for S12ADB, PCLKD (A/D conversion clock ADCLK) = 25
MHz, AVCC0 = 3.0 to 3.6 V)
 Operating modes
Scan mode (single-cycle scan mode/continuous scan mode/group scan mode)
Group A priority control (only for the group scan mode)
 Sample-and-hold function
A common sample-and-hold circuit for units is included.
Additionally, sample-and-hold circuit for each unit is included. (three channels per unit)
 Self-diagnostic function
The self-diagnostic function internally generates three analog input voltages (VREFL0,
VREFH0 x 1/2, VREFH0).
 Double trigger mode (duplication of A/D converted data)
 Input signal amplification function using programmable gain amplifier (three channels
per unit)
Amplification factors: 2.0 times, 2.5 times, 3.077 times, 3.636 times, 4.0 times, 4.444
times, 5.0 times, 5.714 times, 6.667 times, 10.0 times, 13.333 times (total of 11 steps)
 Three ways to start A/D conversion
Conversion can be started by software, a conversion start trigger from a timer (MTU3 or
GPT), or an external trigger signal.
 Window comparators (three channels per unit)
Table 1.1
Outline of Specifications (5/7)
Classification
Module/Function
Description


Similar Part No. - R5F563TBEDFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F563TBEDFB RENESAS-R5F563TBEDFB Datasheet
669Kb / 16P
   MPU/MCU
More results

Similar Description - R5F563TBEDFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
R5F562TAADFH RENESAS-R5F562TAADFH Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
RX62N RENESAS-RX62N_12 Datasheet
1Mb / 149P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet
RX62N RENESAS-RX62N Datasheet
1Mb / 25P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet, USB 2.0
RX71M RENESAS-RX71M Datasheet
1Mb / 164P
   240-MHz 32-bit RX MCU, on-chip FPU, 480 DMIPS, up to 4-MB flash memory
Rev.1.20 Oct 20, 2022
RX64M RENESAS-RX64M_16 Datasheet
2Mb / 228P
   120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
RX65N RENESAS-RX65N Datasheet
1Mb / 190P
   120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
RX72M RENESAS-RX72M Datasheet
1Mb / 158P
   240-MHz 32-bit RX MCU, on-chip double-precision FPU, 1396 CoreMark
RX72N RENESAS-RX72N Datasheet
2Mb / 179P
   240-MHz 32-bit RX MCU, on-chip double-precision FPU, 1396 CoreMark
Rev.1.11 Feb 26, 2021
RX66N RENESAS-RX66N Datasheet
1Mb / 175P
   120-MHz 32-bit RX MCU, on-chip double-precision FPU, 698 CoreMark
Feb 26, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com