Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9400YZ24I-2.7 Datasheet(PDF) 11 Page - Xicor Inc.

Part # X9400YZ24I-2.7
Description  Quad Digitally Controlled Potentiometers (XDCP)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9400YZ24I-2.7 Datasheet(HTML) 11 Page - Xicor Inc.

Back Button X9400YZ24I-2.7 Datasheet HTML 7Page - Xicor Inc. X9400YZ24I-2.7 Datasheet HTML 8Page - Xicor Inc. X9400YZ24I-2.7 Datasheet HTML 9Page - Xicor Inc. X9400YZ24I-2.7 Datasheet HTML 10Page - Xicor Inc. X9400YZ24I-2.7 Datasheet HTML 11Page - Xicor Inc. X9400YZ24I-2.7 Datasheet HTML 12Page - Xicor Inc. X9400YZ24I-2.7 Datasheet HTML 13Page - Xicor Inc. X9400YZ24I-2.7 Datasheet HTML 14Page - Xicor Inc. X9400YZ24I-2.7 Datasheet HTML 15Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
X9400
Characteristics subject to change without notice.
11 of 22
REV 1.1.4 10/11/02
www.xicor.com
D.C. OPERATING CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified.)
ENDURANCE AND DATA RETENTION
CAPACITANCE
POWER-UP TIMING
Symbol
Parameter
Limits
Test Conditions
Min.
Typ.
Max.
Units
ICC1
VCC supply current (Active)
400
µA
fSCK = 2MHz, SO = Open,
Other Inputs = VSS
ICC2
VCC supply current (Nonvol-
atile Write)
1mA
fSCK = 2MHz, SO = Open,
Other Inputs = VSS
ISB
VCC current (standby)
1
µA
SCK = SI = VSS, Addr. = VSS
ILI
Input leakage current
10
µA
VIN = VSS to VCC
ILO
Output leakage current
10
µA
VOUT = VSS to VCC
VIH
Input HIGH voltage
VCC x 0.7
VCC + 0.5
V
VIL
Input LOW voltage
–0.5
VCC x 0.1
V
VOL
Output LOW voltage
0.4
V
IOL = 3mA
Parameter
Min.
Unit
Minimum endurance
100,000
Data changes per bit per register
Data retention
100
years
Symbol
Test
Max.
Unit
Test Conditions
COUT
(4)
Output capacitance (SO)
8
pF
VOUT = 0V
CIN
(4)
Input capacitance (A0, A1, SI, and SCK)
6
pF
VIN = 0V
Symbol
Parameter
Min.
Max.
Unit
tPUR
(5)
Power-up to initiation of read operation
1
ms
tPUW
(5)
Power-up to initiation of write operation
5
ms
tR VCC
(4)
VCC Power up ramp
0.2
50
V/msec
POWER UP REQUIREMENTS (Power Up sequencing
can affect correct recall of the wiper registers)
The preferred power-on sequence is as follows: First
VCC, then the potentiometer pins, RH, RL, and RW.
Voltage should not be applied to the potentiometer pins
before V+ or V- is applied. The VCC ramp rate specifi-
cation should be met, and any glitches or slope
changes in the VCC line should be held to <100mV if
possible. If VCC powers down, it should be held below
0.1V for more than 1 second before powering up again
in order for proper wiper register recall. Also, VCC
should not reverse polarity by more than 0.5V. Recall of
wiper position will not be complete until VCC, V+ and V-
reach their final value.
EQUIVALENT A.C. LOAD CIRCUIT
5V
1533
100pF
SDA Output


Similar Part No. - X9400YZ24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9400YS24 INTERSIL-X9400YS24 Datasheet
375Kb / 21P
   Low Noise/Low Power/SPI Bus
X9400YS24 INTERSIL-X9400YS24 Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
X9400YS24-2.7 INTERSIL-X9400YS24-2.7 Datasheet
375Kb / 21P
   Low Noise/Low Power/SPI Bus
X9400YS24-2.7 INTERSIL-X9400YS24-2.7 Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
X9400YS24I INTERSIL-X9400YS24I Datasheet
375Kb / 21P
   Low Noise/Low Power/SPI Bus
More results

Similar Description - X9400YZ24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9250TS24I INTERSIL-X9250TS24I Datasheet
360Kb / 20P
   Quad Digitally Controlled Potentiometers (XDCP
August 29, 2006
X9408 INTERSIL-X9408_09 Datasheet
336Kb / 20P
   Quad Digitally Controlled (XDCP?? Potentiometers
logo
Xicor Inc.
X9250 XICOR-X9250 Datasheet
181Kb / 21P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
ISL90841 INTERSIL-ISL90841_06 Datasheet
1Mb / 12P
   Quad Digitally Controlled Potentiometers (XDCP??
logo
Xicor Inc.
X9259 XICOR-X9259 Datasheet
400Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometers
logo
Intersil Corporation
ISL90840 INTERSIL-ISL90840_06 Datasheet
1Mb / 13P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Renesas Technology Corp
ISL90840 RENESAS-ISL90840 Datasheet
1Mb / 13P
   Quad Digitally Controlled Potentiometers (XDCP™)
November 14, 2006
logo
Intersil Corporation
ISL22329 INTERSIL-ISL22329 Datasheet
393Kb / 13P
   Dual Digitally Controlled Potentiometers XDCP
X9268TS24 INTERSIL-X9268TS24 Datasheet
323Kb / 22P
   Dual Digitally-Controlled (XDCP) Potentiometers
August 29, 2006
ISL22346 INTERSIL-ISL22346_09 Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com