Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR17L152CM Datasheet(PDF) 4 Page - Exar Corporation

Part # XR17L152CM
Description  3.3V PCI BUS DUAL UART
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR17L152CM Datasheet(HTML) 4 Page - Exar Corporation

  XR17L152CM Datasheet HTML 1Page - Exar Corporation XR17L152CM Datasheet HTML 2Page - Exar Corporation XR17L152CM Datasheet HTML 3Page - Exar Corporation XR17L152CM Datasheet HTML 4Page - Exar Corporation XR17L152CM Datasheet HTML 5Page - Exar Corporation XR17L152CM Datasheet HTML 6Page - Exar Corporation XR17L152CM Datasheet HTML 7Page - Exar Corporation XR17L152CM Datasheet HTML 8Page - Exar Corporation XR17L152CM Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
áç
áç
áç
áç
XR17L152
3.3V PCI BUS DUAL UART
DISCONTINUED
REV. 1.1.0
4
DSR0#
68
I
UART channel 0 Data Set Ready or general purpose input (active low). This
input should be connected to VCC when not used.
CD0#
69
I
UART channel 0
Carrier Detect or general purpose input (active low).
This input should be connected to VCC when not used.
RI0#
70
I
UART channel 0 Ring Indicator or general purpose input (active low). This
input should be connected to VCC when not used.
TX1
62
O
UART channel 1 Transmit Data or infrared transmit data. Normal TXD output
idles at logic 1 condition while infrared TXD output idles at a logic 0 condition.
RX1
55
I
UART channel 1 Receive Data or infrared receive data. Normal RXD input
idles at logic 1 condition while infrared RXD input idles at a logic 0 condition.
In the infrared mode, the polarity of the incoming RXD signal can be selected
via FCTR bit-4. If this bit is a logic 0, logic 0 on the RXD input is considered a
mark and if this bit is a logic 1, a logic 0 on the RXD input is considered a
space.
RTS1#
60
O
UART channel 1 Request to Send or general purpose output (active low). If
this output is not used, leave it unconnected.
CTS1#
56
I
UART channel 1 Clear to Send or general purpose input (active low). This
input should be connected to VCC when not used.
DTR1#
61
O
UART channel 1 Data Terminal Ready or general purpose output (active low).
If this output is not used, leave it unconnected.
DSR1#
57
I
UART channel 1 Data Set Ready or general purpose input (active low). This
input should be connected to VCC when not used.
CD1#
58
I
UART channel 1 Carrier Detect or general purpose input (active low). This
input should be connected to VCC when not used.
RI1#
59
I
UART channel 1 Ring Indicator or general purpose input (active low). This
input should be connected to VCC when not used.
ANCILLARY SIGNALS
MPIO0-MPIO7
52-45
I/O
Multi-purpose inputs/outputs 0-7. The function of these pin are defined thru
the Configuration Register MPIOSEL, MPIOLVL, MPIOINV, MPIO3T and
MPIOINT
EECK
84
O
Serial clock to EEPROM. Pin has a weak internal pull-down resistor and
requires an external 10K resistor to operate correctly with the EEPROM. An
internal clock of CLK divide by 256 is used for reading the vendor and sub-
vendor ID and model number during power up or reset. However, it can be
manually clocked thru the Configuration Register REGB.
EECS
83
O
Chip select to a EEPROM device like 93C46. It is manually selectable thru the
Configuration Register REGB. Requires a pull-up 4.7K ohm resister for exter-
nal sensing of EEPROM during power up. See DAN112 for further details.
EEDI
82
O
Write data to EEPROM device. It is manually accessible thru the Configura-
tion Register REGB. The L152 auto-configuration register interface logic uses
the 16-bit format.
EEDO
81
I
Read data from EEPROM device. It is manually accessible thru the Configu-
ration Register REGB.
PIN DESCRIPTIONS
NAME
PIN #TYPE
DESCRIPTION


Similar Part No. - XR17L152CM

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17L154 EXAR-XR17L154 Datasheet
587Kb / 56P
   3.3V PCI BUS QUAD UART
XR17L154CV EXAR-XR17L154CV Datasheet
587Kb / 56P
   3.3V PCI BUS QUAD UART
XR17L154IV EXAR-XR17L154IV Datasheet
587Kb / 56P
   3.3V PCI BUS QUAD UART
More results

Similar Description - XR17L152CM

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17L154 EXAR-XR17L154 Datasheet
587Kb / 56P
   3.3V PCI BUS QUAD UART
XR17D152 EXAR-XR17D152 Datasheet
772Kb / 68P
   UNIVERSAL (3.3V AND 5V) PCI BUS DUAL UART
XR17D152IM-F EXAR-XR17D152IM-F Datasheet
727Kb / 68P
   UNIVERSAL (3.3V AND 5V) PCI BUS DUAL UART
XR17C152 EXAR-XR17C152 Datasheet
649Kb / 62P
   5V PCI BUS DUAL UART
XR17D154 EXAR-XR17D154 Datasheet
836Kb / 69P
   UNIVERSAL (3.3V AND 5V) PCI BUS QUAD UART
XR17D158 EXAR-XR17D158 Datasheet
1Mb / 72P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17D158 EXAR-XR17D158_05 Datasheet
1Mb / 73P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17D158IV-F EXAR-XR17D158IV-F Datasheet
1Mb / 73P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17C154 EXAR-XR17C154_05 Datasheet
1Mb / 62P
   5V PCI BUS QUAD UART
XR17C154 EXAR-XR17C154 Datasheet
721Kb / 62P
   5V PCI BUS QUAD UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com