Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT56L22 Datasheet(PDF) 4 Page - Exar Corporation

Part # XRT56L22
Description  Low Power Repeater/Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT56L22 Datasheet(HTML) 4 Page - Exar Corporation

  XRT56L22 Datasheet HTML 1Page - Exar Corporation XRT56L22 Datasheet HTML 2Page - Exar Corporation XRT56L22 Datasheet HTML 3Page - Exar Corporation XRT56L22 Datasheet HTML 4Page - Exar Corporation XRT56L22 Datasheet HTML 5Page - Exar Corporation XRT56L22 Datasheet HTML 6Page - Exar Corporation XRT56L22 Datasheet HTML 7Page - Exar Corporation XRT56L22 Datasheet HTML 8Page - Exar Corporation XRT56L22 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
XR-T56L22
4
Rev. 1.02
ELECTRICAL CHARACTERISTICS
Test Conditions: TA = -40
°C to +85°C, VCC = 5.1V ± 5% unless otherwise specified - refer to test circuit (Figure 6).
Parameter
Pin
Min.
Typ.
Max.
Unit
Conditions
General
Supply Voltage
12
4.85
5.35
V
Pin 12, 13 to VCC1
Supply Current
12
7
8.75
mA
Data Output Leakage Current
9, 10
100
mA
Vpull-up = 8V
ALBO Port Off Voltage
2, 3
0.1
V
VCC = 5.35 V1
Amplifier Pin Voltage
4, 5
2.7
3.2
3.7
V
Amplifier Pin Voltage
6, 7
Amplifier
Input Impedance
4, 5
40
K
W
Input Offset Voltage
4, 5
-10
10
mV
RS = 8.2K2
Input Bias Current
4, 5
5
mA
RS = 8.2K2
Input Offset Current
4, 5
-1
1
mV
RS = 8.2K2
Output Offset Voltage
6, 7
-50
50
W
RS = 8.2K2
Common Mode Rejection Ratio
4, 5, 6, 7
40
dB
Output Volage Swing
6, 7
1.9
V
Clock Amplifier
Input Offset Voltage
17, 16
0.5
6
mV
RS = 10K3
Input Bias Current
17, 16
5
mA
4
AC Gain
40
dB
-3db bandwidth
10
MHz
Delay
35
ns
ALBO
ALBO Filter Resistance
18-1
31
57
K
W
ALBO Impedance Match
2, 3
10
%
On Current
1
1.3
2.4
mA
Drive Current
18
0.4
1.4
mA
Maximum On Impedance
2, 3-1
25
W
5
Minimum Off Inpedance
2, 3-1
20
KW
5
Notes
1 Internal regulator disabled.
2 Source Resistance.
3 RS = Wou4d3 43wiw5qnd3 PIN 16 positive with respect to Pin 17
4 Pin 16 = Pin 17 = 3.6V
5 ftest = 1MHz
Specifications are subject to change without notice


Similar Part No. - XRT56L22

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT56L85 EXAR-XRT56L85 Datasheet
261Kb / 12P
   Low Power PCM Line Interface
XRT56L85D EXAR-XRT56L85D Datasheet
261Kb / 12P
   Low Power PCM Line Interface
XRT56L85P EXAR-XRT56L85P Datasheet
261Kb / 12P
   Low Power PCM Line Interface
More results

Similar Description - XRT56L22

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-A102 KYL-KYL-A102 Datasheet
249Kb / 1P
   Low Power ConsumptionASK Receiver
logo
Samsung semiconductor
S5T3170 SAMSUNG-S5T3170 Datasheet
140Kb / 10P
   LOW POWER DTMF RECEIVER
KT3170 SAMSUNG-KT3170 Datasheet
117Kb / 7P
   LOW POWER DTMF RECEIVER
logo
Pepperl+Fuchs Inc.
KLD2-PR-EX1.IEC1 PF-KLD2-PR-EX1.IEC1 Datasheet
1Mb / 6P
   Fieldbus Power Repeater
2021-01-12
KLD2-PR-EX1.IEC PF-KLD2-PR-EX1.IEC Datasheet
1Mb / 5P
   Fieldbus Power Repeater
KLD2-PR-1.IEC PF-KLD2-PR-1.IEC Datasheet
844Kb / 4P
   Fieldbus Power Repeater
logo
Texas Instruments
DS280BR810 TI1-DS280BR810 Datasheet
890Kb / 11P
[Old version datasheet]   Low Power 28 Gbps 8 Channel Linear Repeater
logo
NXP Semiconductors
PCA9509P NXP-PCA9509P Datasheet
1Mb / 23P
   Low power level translating I2C-bus/SMBus repeater
Rev. 1-14 August 2012
logo
Texas Instruments
DS280BR820 TI1-DS280BR820 Datasheet
633Kb / 8P
[Old version datasheet]   Low Power 28 Gbps 8 Channel Linear Repeater
DS280MB810 TI1-DS280MB810 Datasheet
880Kb / 13P
[Old version datasheet]   Low Power 28 Gbps 8 Channel Linear Repeater
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com