Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT56L22 Datasheet(PDF) 5 Page - Exar Corporation

Part # XRT56L22
Description  Low Power Repeater/Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT56L22 Datasheet(HTML) 5 Page - Exar Corporation

  XRT56L22 Datasheet HTML 1Page - Exar Corporation XRT56L22 Datasheet HTML 2Page - Exar Corporation XRT56L22 Datasheet HTML 3Page - Exar Corporation XRT56L22 Datasheet HTML 4Page - Exar Corporation XRT56L22 Datasheet HTML 5Page - Exar Corporation XRT56L22 Datasheet HTML 6Page - Exar Corporation XRT56L22 Datasheet HTML 7Page - Exar Corporation XRT56L22 Datasheet HTML 8Page - Exar Corporation XRT56L22 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
XR-T56L22
5
Rev. 1.02
ELECTRICAL CHARACTERISTICS (CON’T)
Parameter
Pin
Min.
Typ.
Max.
Unit
Conditions
Threshold Voltages
ALBO Threshold +Ve
7, 6
1.4
1.6
V
1, 2
ALBO Threshold -Ve
7, 6
1.4
1.6
V
1, 2
ALBO Threshold Difference
-3
3
%
3
Clock Drive on Current + Ve
80
140
mA
4
Clock Drive on Current -Ve
80
140
mA
4
Clock Drive Difference
-3
3
%
3
Clock Threshold +Ve
7, 6
69
79
%
5
Clock Threshold -Ve
7, 6
69
79
%
5
Clock Threshold Difference
-3
3
%
3
Data Threshold +Ve
7, 6
41
50
%
3
Data Threshold -Ve
7, 6
41
50
%
5
Data Threshold Difference
-3
3
%
3
Data Output Stages
Output Pulse Rise Time + Ve (Tr)
9
40
nS
10%-90%6
Output Pulse Rise -Time-Ve(Tr)
10
40
nS
10%-90%6
Output Pulse Fall Time+Ve(Tf)
9
40
nS
10%-90%6
Output Pulse Fall Time -Ve (Tf)
10
40
nS
10%-90%6
Output Pulse Width +Ve (Tw)
9
224
264
nS
at 50%
Output Pulse Width -Ve (Tw)
10
224
264
nS
at 50%
Output Pulse Width Difference
(dTw)
-12
12
nS
at 50%
Output Voltage (low) (VOL)
9, 10
0.6
0.95
V
6
Output Voltage Difference (VOL)
9, 10
-0.15
0.15
V
6
Notes
1 Pk/pk voltage at Pins 6 and 7 of a 1MHz sine wave derived through amplifier and measured differentially.
2 Pk/pk voltage at Pins 6 and 7 adjusted for a current increase of 2mA at pin 1.
3 Calculation only: percentage difference = [higher value/lower value]-1 x 100%.
4 V6 - V7 adjusted to ALBO threshold voltage (Pin 16 = 3.6V)
5 Figure taken as a percentage of ALBO threshold.
6 Using a 130
W pull up resistor between 9, 10 and VCC and 15pF capacitance to GND.
Specifications are subject to change without notice


Similar Part No. - XRT56L22

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT56L85 EXAR-XRT56L85 Datasheet
261Kb / 12P
   Low Power PCM Line Interface
XRT56L85D EXAR-XRT56L85D Datasheet
261Kb / 12P
   Low Power PCM Line Interface
XRT56L85P EXAR-XRT56L85P Datasheet
261Kb / 12P
   Low Power PCM Line Interface
More results

Similar Description - XRT56L22

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-A102 KYL-KYL-A102 Datasheet
249Kb / 1P
   Low Power ConsumptionASK Receiver
logo
Samsung semiconductor
S5T3170 SAMSUNG-S5T3170 Datasheet
140Kb / 10P
   LOW POWER DTMF RECEIVER
KT3170 SAMSUNG-KT3170 Datasheet
117Kb / 7P
   LOW POWER DTMF RECEIVER
logo
Pepperl+Fuchs Inc.
KLD2-PR-EX1.IEC1 PF-KLD2-PR-EX1.IEC1 Datasheet
1Mb / 6P
   Fieldbus Power Repeater
2021-01-12
KLD2-PR-EX1.IEC PF-KLD2-PR-EX1.IEC Datasheet
1Mb / 5P
   Fieldbus Power Repeater
KLD2-PR-1.IEC PF-KLD2-PR-1.IEC Datasheet
844Kb / 4P
   Fieldbus Power Repeater
logo
Texas Instruments
DS280BR810 TI1-DS280BR810 Datasheet
890Kb / 11P
[Old version datasheet]   Low Power 28 Gbps 8 Channel Linear Repeater
logo
NXP Semiconductors
PCA9509P NXP-PCA9509P Datasheet
1Mb / 23P
   Low power level translating I2C-bus/SMBus repeater
Rev. 1-14 August 2012
logo
Texas Instruments
DS280BR820 TI1-DS280BR820 Datasheet
633Kb / 8P
[Old version datasheet]   Low Power 28 Gbps 8 Channel Linear Repeater
DS280MB810 TI1-DS280MB810 Datasheet
880Kb / 13P
[Old version datasheet]   Low Power 28 Gbps 8 Channel Linear Repeater
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com