Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F563T5EGFM Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R5F563T5EGFM
Description  100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
Download  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F563T5EGFM Datasheet(HTML) 2 Page - Renesas Technology Corp

  R5F563T5EGFM Datasheet HTML 1Page - Renesas Technology Corp R5F563T5EGFM Datasheet HTML 2Page - Renesas Technology Corp R5F563T5EGFM Datasheet HTML 3Page - Renesas Technology Corp R5F563T5EGFM Datasheet HTML 4Page - Renesas Technology Corp R5F563T5EGFM Datasheet HTML 5Page - Renesas Technology Corp R5F563T5EGFM Datasheet HTML 6Page - Renesas Technology Corp R5F563T5EGFM Datasheet HTML 7Page - Renesas Technology Corp R5F563T5EGFM Datasheet HTML 8Page - Renesas Technology Corp R5F563T5EGFM Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 186 page
background image
R01DS0087EJ0220 Rev.2.20
Page 2 of 186
Mar 31, 2016
RX63T Group
1. Overview
1.
Overview
1.1
Outline of Specifications
Table 1.1 lists the specifications in outline, and Table 1.2 lists the functions of products.
Table 1.1 shows an outline of the maximum specifications, and the available peripheral modules and number of
channels differ according to the number of pins on the package and the ROM capacity. For details, see Table 1.2,
Comparison of Functions for Different Packages.
Table 1.1
Outline of Specifications (1/7)
Classification
Module/Function
Description
CPU
CPU
 Maximum operating frequency: 100 MHz
 32-bit RX CPU
 Minimum instruction execution time: One instruction per state (cycle of the system
clock)
 Address space: 4-Gbyte linear
 Register set of the CPU
General purpose: Sixteen 32-bit registers
Control: Nine 32-bit registers
Accumulator: One 64-bit register
 Basic instructions: 73
 Floating-point operation instructions: 8
 DSP instructions: 9
 Addressing modes: 10
 Data arrangement
Instructions: Little endian
Data: Selectable as little endian or big endian
 On-chip 32-bit multiplier: 32 × 32  64 bits
 On-chip divider: 32 / 32  32 bits
 Barrel shifter: 32 bits
 Memory protection unit (MPU)
FPU
 Single precision floating point (32 bits)
 Data types and floating-point exceptions in conformance with the IEEE754 standard
Memory
ROM
 Capacity: 512 Kbytes, 384 Kbytes, 256 Kbytes, 64 Kbytes, 48 Kbytes, 32 Kbytes
 100 MHz, no-wait access
 On-board programming: Programs can be modified through SCI or USB while the MCU
is mounted on the board.
 Off-board programming: Programs can be modified using parallel programmer.
(only in 144-, 120-, 112- and 100-pin versions)
RAM
 Capacity: 48 Kbytes, 32 Kbytes, 24 Kbytes, 8 Kbytes
 100 MHz, no-wait access
E2 data flash
 Capacity: 32 Kbytes, 8 Kbytes
 Programming/erasing: 100,000 times
 On-board programming:
Programs can be modified through SCI or USB while the MCU is mounted on the board.
Programming from the user program is possible.
MCU operating modes
[144-, 120-, 112- and 100-pin versions]
Single-chip mode, on-chip ROM enabled extended mode, on-chip ROM disabled
extended mode (switchable by software)
[64- and 48-pin versions]
Single-chip mode


Similar Part No. - R5F563T5EGFM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F563T5EDFL RENESAS-R5F563T5EDFL Datasheet
669Kb / 16P
   MPU/MCU
R5F563T5EDFM RENESAS-R5F563T5EDFM Datasheet
669Kb / 16P
   MPU/MCU
More results

Similar Description - R5F563T5EGFM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
R5F562TAADFH RENESAS-R5F562TAADFH Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
RX62N RENESAS-RX62N_12 Datasheet
1Mb / 149P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet
RX62N RENESAS-RX62N Datasheet
1Mb / 25P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet, USB 2.0
RX71M RENESAS-RX71M Datasheet
1Mb / 164P
   240-MHz 32-bit RX MCU, on-chip FPU, 480 DMIPS, up to 4-MB flash memory
Rev.1.20 Oct 20, 2022
RX64M RENESAS-RX64M_16 Datasheet
2Mb / 228P
   120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
RX65N RENESAS-RX65N Datasheet
1Mb / 190P
   120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
RX72M RENESAS-RX72M Datasheet
1Mb / 158P
   240-MHz 32-bit RX MCU, on-chip double-precision FPU, 1396 CoreMark
RX72N RENESAS-RX72N Datasheet
2Mb / 179P
   240-MHz 32-bit RX MCU, on-chip double-precision FPU, 1396 CoreMark
Rev.1.11 Feb 26, 2021
RX66N RENESAS-RX66N Datasheet
1Mb / 175P
   120-MHz 32-bit RX MCU, on-chip double-precision FPU, 698 CoreMark
Feb 26, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com