Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RX110 Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # RX110
Description  32 MHz 32-bit RX MCUs, 50 DMIPS
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX110 Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button RX110_16 Datasheet HTML 40Page - Renesas Technology Corp RX110_16 Datasheet HTML 41Page - Renesas Technology Corp RX110_16 Datasheet HTML 42Page - Renesas Technology Corp RX110_16 Datasheet HTML 43Page - Renesas Technology Corp RX110_16 Datasheet HTML 44Page - Renesas Technology Corp RX110_16 Datasheet HTML 45Page - Renesas Technology Corp RX110_16 Datasheet HTML 46Page - Renesas Technology Corp RX110_16 Datasheet HTML 47Page - Renesas Technology Corp RX110_16 Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 108 page
background image
R01DS0202EJ0120 Rev.1.20
Page 44 of 108
Jul 29, 2016
RX110 Group
4. I/O Registers
Note 1. Odd addresses cannot be accessed in 16-bit units. When accessing a register in 16-bit units, access the address of the
TMOCNTL register. Table 24.6 lists register allocation for 16-bit access in the User’s Manual: Hardware.
007F C0C0h
FLASH
Protection Unlock Register
FPR
8
8
2 or 3 FCLK
007F C0C1h
FLASH
Protection Unlock Status Register
FPSR
8
8
2 or 3 FCLK
007F C0C2h
FLASH
Flash Read Buffer Register L
FRBL
16
16
2 or 3 FCLK
007F C0C4h
FLASH
Flash Read Buffer Register H
FRBH
16
16
2 or 3 FCLK
007F FF80h
FLASH
Flash P/E Mode Control Register
FPMCR
8
8
2 or 3 FCLK
007F FF81h
FLASH
Flash Area Select Register
FASR
8
8
2 or 3 FCLK
007F FF82h
FLASH
Flash Processing Start Address Register L
FSARL
16
16
2 or 3 FCLK
007F FF84h
FLASH
Flash Processing Start Address Register H
FSARH
8
8
2 or 3 FCLK
007F FF85h
FLASH
Flash Control Register
FCR
8
8
2 or 3 FCLK
007F FF86h
FLASH
Flash Processing End Address Register L
FEARL
16
16
2 or 3 FCLK
007F FF88h
FLASH
Flash Processing End Address Register H
FEARH
8
8
2 or 3 FCLK
007F FF89h
FLASH
Flash Reset Register
FRESETR
8
8
2 or 3 FCLK
007F FF8Ah
FLASH
Flash Status Register 0
FSTATR0
8
8
2 or 3 FCLK
007F FF8Bh
FLASH
Flash Status Register 1
FSTATR1
8
8
2 or 3 FCLK
007F FF8Ch
FLASH
Flash Write Buffer Register L
FWBL
16
16
2 or 3 FCLK
007F FF8Eh
FLASH
Flash Write Buffer Register H
FWBH
16
16
2 or 3 FCLK
007F FFB2h
FLASH
Flash P/E Mode Entry Register
FENTRYR
16
16
2 or 3 FCLK
Table 4.1
List of I/O Registers (Address Order) (13/13)
Address
Module
Symbol
Register Name
Register
Symbol
Number of
Bits
Access
Size
Number of Access States


Similar Part No. - RX110_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX110 RENESAS-RX110_15 Datasheet
1Mb / 103P
   RX110_15
More results

Similar Description - RX110_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX23T RENESAS-RX23T Datasheet
1Mb / 98P
   40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
R5F562TAADFH RENESAS-R5F562TAADFH Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
logo
NXP Semiconductors
LPC11C00 NXP-LPC11C00 Datasheet
290Kb / 2P
   NXP 50-MHz, 32-bit Cortex-M0??MCUs
January 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com