Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RX110 Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # RX110
Description  32 MHz 32-bit RX MCUs, 50 DMIPS
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX110 Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button RX110_16 Datasheet HTML 44Page - Renesas Technology Corp RX110_16 Datasheet HTML 45Page - Renesas Technology Corp RX110_16 Datasheet HTML 46Page - Renesas Technology Corp RX110_16 Datasheet HTML 47Page - Renesas Technology Corp RX110_16 Datasheet HTML 48Page - Renesas Technology Corp RX110_16 Datasheet HTML 49Page - Renesas Technology Corp RX110_16 Datasheet HTML 50Page - Renesas Technology Corp RX110_16 Datasheet HTML 51Page - Renesas Technology Corp RX110_16 Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 108 page
background image
R01DS0202EJ0120 Rev.1.20
Page 48 of 108
Jul 29, 2016
RX110 Group
5. Electrical Characteristics
Table 5.7
DC Characteristics (5) (1/2)
Conditions:
1.8 V
≤ VCC ≤ 3.6 V, 1.8 V ≤ AVCC0 ≤ 3.6 V, VSS = AVSS0 = 0 V, T
a = –40 to +105°C
Item
Symbol
Typ
*4
Max
Unit
Test
Conditions
Supply
current*1
High-speed
operating mode
Normal
operating
mode
No peripheral operation*2
ICLK = 32 MHz
ICC
3.2
mA
ICLK = 16 MHz
2.1
ICLK = 8 MHz
1.5
All peripheral operation:
Normal*3
ICLK = 32 MHz
9.6
ICLK = 16 MHz
5.6
ICLK = 8 MHz
3.5
All peripheral operation:
Max.*3
ICLK = 32 MHz
21.6
Sleep mode
No peripheral operation*2
ICLK = 32 MHz
1.5
ICLK = 16 MHz
1.2
ICLK = 8 MHz
1.0
All peripheral operation:
Normal*3
ICLK = 32 MHz
5.1
ICLK = 16 MHz
3.1
ICLK = 8 MHz
2.0
Deep sleep
mode
No peripheral operation*2
ICLK = 32 MHz
1.0
ICLK = 16 MHz
0.80
ICLK = 8 MHz
0.70
All peripheral operation:
Normal*3
ICLK = 32 MHz
3.4
ICLK = 16 MHz
2.2
ICLK = 8 MHz
1.5
Middle-speed
operating modes
Normal
operating
mode
No peripheral operation*5
ICLK = 12 MHz
ICC
1.7
mA
ICLK = 8 MHz
1.3
ICLK = 1 MHz
0.72
All peripheral operation:
Normal*6
ICLK = 12 MHz
4.2
ICLK = 8 MHz
3.3
ICLK = 1 MHz
1.2
All peripheral
operation: Max.*6
ICLK = 12 MHz
10
Sleep mode
No peripheral operation*5
ICLK = 12 MHz
1.0
ICLK = 8 MHz
0.82
ICLK = 1 MHz
0.65
All peripheral operation:
Normal*6
ICLK = 12 MHz
2.3
ICLK = 8 MHz
1.9
ICLK = 1 MHz
1.0
Deep sleep
mode
No peripheral operation*5
ICLK = 12 MHz
0.8
ICLK = 8 MHz
0.66
ICLK = 1 MHz
0.58
All peripheral operation:
Normal*6
ICLK = 12 MHz
1.6
ICLK = 8 MHz
1.5
ICLK = 1 MHz
0.87


Similar Part No. - RX110_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX110 RENESAS-RX110_15 Datasheet
1Mb / 103P
   RX110_15
More results

Similar Description - RX110_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX23T RENESAS-RX23T Datasheet
1Mb / 98P
   40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
R5F562TAADFH RENESAS-R5F562TAADFH Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
logo
NXP Semiconductors
LPC11C00 NXP-LPC11C00 Datasheet
290Kb / 2P
   NXP 50-MHz, 32-bit Cortex-M0??MCUs
January 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com