Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RX111 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # RX111
Description  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX111 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button RX111_16 Datasheet HTML 81Page - Renesas Technology Corp RX111_16 Datasheet HTML 82Page - Renesas Technology Corp RX111_16 Datasheet HTML 83Page - Renesas Technology Corp RX111_16 Datasheet HTML 84Page - Renesas Technology Corp RX111_16 Datasheet HTML 85Page - Renesas Technology Corp RX111_16 Datasheet HTML 86Page - Renesas Technology Corp RX111_16 Datasheet HTML 87Page - Renesas Technology Corp RX111_16 Datasheet HTML 88Page - Renesas Technology Corp RX111_16 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 85 of 127
May 31, 2016
RX111 Group
5. Electrical Characteristics
5.3.4
Control Signal Timing
Note: • 200 ns minimum in software standby mode.
Note 1. tPcyc indicates the cycle of PCLKB.
Note 2. tNMICK indicates the cycle of the NMI digital filter sampling clock.
Note 3. tIRQCK indicates the cycle of the IRQi digital filter sampling clock (i = 0 to 7).
Figure 5.36
NMI Interrupt Input Timing
Figure 5.37
IRQ Interrupt Input Timing
Table 5.31
Control Signal Timing
Conditions: 1.8 V ≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVSS0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, Ta = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
NMI pulse width
tNMIW
200
ns
NMI digital filter disabled
(NMIFLTE.NFLTEN = 0)
tPcyc × 2 ≤ 200 ns
tPcyc × 2*1
——
tPcyc × 2 > 200 ns
200
NMI digital filter enabled
(NMIFLTE.NFLTEN = 1)
tNMICK × 3 ≤ 200 ns
tNMICK × 3.5*2
——
tNMICK × 3 > 200 ns
IRQ pulse width
tIRQW
200
ns
IRQ digital filter disabled
(IRQFLTE0.FLTENi = 0)
tPcyc × 2 ≤ 200 ns
tPcyc × 2*1
——
tPcyc × 2 > 200 ns
200
IRQ digital filter enabled
(IRQFLTE0.FLTENi = 1)
tIRQCK × 3 ≤ 200 ns
tIRQCK × 3.5*3
——
tIRQCK × 3 > 200 ns
NMI
tNMIW
IRQ
tIRQW


Similar Part No. - RX111_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX111 RENESAS-RX111_15 Datasheet
1Mb / 114P
   Renesas MCUs
More results

Similar Description - RX111_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX110 RENESAS-RX110 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS up to 128 Kbytes of flash memory, up to 5 comms channels, 12-bit A/D, RTC
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com