Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RX111 Datasheet(PDF) 94 Page - Renesas Technology Corp

Part # RX111
Description  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX111 Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button RX111_16 Datasheet HTML 90Page - Renesas Technology Corp RX111_16 Datasheet HTML 91Page - Renesas Technology Corp RX111_16 Datasheet HTML 92Page - Renesas Technology Corp RX111_16 Datasheet HTML 93Page - Renesas Technology Corp RX111_16 Datasheet HTML 94Page - Renesas Technology Corp RX111_16 Datasheet HTML 95Page - Renesas Technology Corp RX111_16 Datasheet HTML 96Page - Renesas Technology Corp RX111_16 Datasheet HTML 97Page - Renesas Technology Corp RX111_16 Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 94 of 127
May 31, 2016
RX111 Group
5. Electrical Characteristics
Figure 5.48
RSPI Timing (Master, CPHA = 0) (Bit Rate: PCLKB Set to Divided by 2)
Figure 5.49
RSPI Timing (Master, CPHA = 1) (Bit Rate: PCLKB Set to Division Ratio Other Than
Divided by 2) and Simple SPI Timing (Master, CKPH = 0)
SSLA0 to
SSLA3
output
RSPCKA
CPOL = 0
output
RSPCKA
CPOL = 1
output
MISOA
input
MOSIA
output
LSB IN
tDr, tDf
tSU
tHF
tLEAD
tTD
tLAG
tSSLr, tSSLf
tOH
tOD
MSB IN
MSB OUT
DATA
LSB OUT
IDLE
MSB OUT
MSB IN
DATA
tHF
tDr, tDf
tSU
tH
tLEAD
tTD
tLAG
tSSLr, tSSLf
tOH
MSB IN
DATA
LSB IN
MSB IN
MSB OUT
DATA
LSB OUT
IDLE
MSB OUT
tOD
SCKn
CKPOL = 1
output
SCKn
CKPOL = 0
output
SMISOn
input
SMOSIn
output
(n = 1, 5, 12)
Simple SPI
RSPI
SSLA0 to
SSLA3
output
RSPCKA
CPOL = 0
output
RSPCKA
CPOL = 1
output
MISOA
input
MOSIA
output


Similar Part No. - RX111_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX111 RENESAS-RX111_15 Datasheet
1Mb / 114P
   Renesas MCUs
More results

Similar Description - RX111_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX110 RENESAS-RX110 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS up to 128 Kbytes of flash memory, up to 5 comms channels, 12-bit A/D, RTC
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com