Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RX113 Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # RX113
Description  32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
Download  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button RX113_16 Datasheet HTML 44Page - Renesas Technology Corp RX113_16 Datasheet HTML 45Page - Renesas Technology Corp RX113_16 Datasheet HTML 46Page - Renesas Technology Corp RX113_16 Datasheet HTML 47Page - Renesas Technology Corp RX113_16 Datasheet HTML 48Page - Renesas Technology Corp RX113_16 Datasheet HTML 49Page - Renesas Technology Corp RX113_16 Datasheet HTML 50Page - Renesas Technology Corp RX113_16 Datasheet HTML 51Page - Renesas Technology Corp RX113_16 Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 131 page
background image
R01DS0216EJ0110 Rev.1.10
Page 48 of 131
Mar 31, 2016
RX113 Group
4. I/O Registers
0008 C191h
MPC
PA1 Pin Function Control Register
PA1PFS
8
8
2 or 3 PCLKB
0008 C192h
MPC
PA2 Pin Function Control Register
PA2PFS
8
8
2 or 3 PCLKB
0008 C193h
MPC
PA3 Pin Function Control Register
PA3PFS
8
8
2 or 3 PCLKB
0008 C194h
MPC
PA4 Pin Function Control Register
PA4PFS
8
8
2 or 3 PCLKB
0008 C195h
MPC
PA5 Pin Function Control Register
PA5PFS
8
8
2 or 3 PCLKB
0008 C196h
MPC
PA6 Pin Function Control Register
PA6PFS
8
8
2 or 3 PCLKB
0008 C197h
MPC
PA7 Pin Function Control Register
PA7PFS
8
8
2 or 3 PCLKB
0008 C198h
MPC
PB0 Pin Function Control Register
PB0PFS
8
8
2 or 3 PCLKB
0008 C199h
MPC
PB1 Pin Function Control Register
PB1PFS
8
8
2 or 3 PCLKB
0008 C19Ah
MPC
PB2 Pin Function Control Register
PB2PFS
8
8
2 or 3 PCLKB
0008 C19Bh
MPC
PB3 Pin Function Control Register
PB3PFS
8
8
2 or 3 PCLKB
0008 C19Ch
MPC
PB4 Pin Function Control Register
PB4PFS
8
8
2 or 3 PCLKB
0008 C19Dh
MPC
PB5 Pin Function Control Register
PB5PFS
8
8
2 or 3 PCLKB
0008 C19Eh
MPC
PB6 Pin Function Control Register
PB6PFS
8
8
2 or 3 PCLKB
0008 C19Fh
MPC
PB7 Pin Function Control Register
PB7PFS
8
8
2 or 3 PCLKB
0008 C1A0h
MPC
PC0 Pin Function Control Register
PC0PFS
8
8
2 or 3 PCLKB
0008 C1A1h
MPC
PC1 Pin Function Control Register
PC1PFS
8
8
2 or 3 PCLKB
0008 C1A2h
MPC
PC2 Pin Function Control Register
PC2PFS
8
8
2 or 3 PCLKB
0008 C1A3h
MPC
PC3 Pin Function Control Register
PC3PFS
8
8
2 or 3 PCLKB
0008 C1A4h
MPC
PC4 Pin Function Control Register
PC4PFS
8
8
2 or 3 PCLKB
0008 C1A5h
MPC
PC5 Pin Function Control Register
PC5PFS
8
8
2 or 3 PCLKB
0008 C1A6h
MPC
PC6 Pin Function Control Register
PC6PFS
8
8
2 or 3 PCLKB
0008 C1A7h
MPC
PC7 Pin Function Control Register
PC7PFS
8
8
2 or 3 PCLKB
0008 C1A8h
MPC
PD0 Pin Function Control Register
PD0PFS
8
8
2 or 3 PCLKB
0008 C1A9h
MPC
PD1 Pin Function Control Register
PD1PFS
8
8
2 or 3 PCLKB
0008 C1AAh
MPC
PD2 Pin Function Control Register
PD2PFS
8
8
2 or 3 PCLKB
0008 C1ABh
MPC
PD3 Pin Function Control Register
PD3PFS
8
8
2 or 3 PCLKB
0008 C1ACh
MPC
PD4 Pin Function Control Register
PD4PFS
8
8
2 or 3 PCLKB
0008 C1B0h
MPC
PE0 Pin Function Control Register
PE0PFS
8
8
2 or 3 PCLKB
0008 C1B1h
MPC
PE1 Pin Function Control Register
PE1PFS
8
8
2 or 3 PCLKB
0008 C1B2h
MPC
PE2 Pin Function Control Register
PE2PFS
8
8
2 or 3 PCLKB
0008 C1B3h
MPC
PE3 Pin Function Control Register
PE3PFS
8
8
2 or 3 PCLKB
0008 C1B4h
MPC
PE4 Pin Function Control Register
PE4PFS
8
8
2 or 3 PCLKB
0008 C1B5h
MPC
PE5 Pin Function Control Register
PE5PFS
8
8
2 or 3 PCLKB
0008 C1B6h
MPC
PE6 Pin Function Control Register
PE6PFS
8
8
2 or 3 PCLKB
0008 C1B7h
MPC
PE7 Pin Function Control Register
PE7PFS
8
8
2 or 3 PCLKB
0008 C1BEh
MPC
PF6 Pin Function Control Register
PF6PFS
8
8
2 or 3 PCLKB
0008 C1BFh
MPC
PF7 Pin Function Control Register
PF7PFS
8
8
2 or 3 PCLKB
0008 C1D0h
MPC
PJ0 Pin Function Control Register
PJ0PFS
8
8
2 or 3 PCLKB
0008 C1D2h
MPC
PJ2 Pin Function Control Register
PJ2PFS
8
8
2 or 3 PCLKB
0008 C1D3h
MPC
PJ3 Pin Function Control Register
PJ3PFS
8
8
2 or 3 PCLKB
0008 C1D6h
MPC
PJ6 Pin Function Control Register
PJ6PFS
8
8
2 or 3 PCLKB
0008 C1D7h
MPC
PJ7 Pin Function Control Register
PJ7PFS
8
8
2 or 3 PCLKB
0008 C290h
SYSTEM
Reset Status Register 0
RSTSR0
8
8
4 or 5 PCLKB
0008 C291h
SYSTEM
Reset Status Register 1
RSTSR1
8
8
4 or 5 PCLKB
0008 C293h
SYSTEM
Main Clock Oscillator Forced Oscillation Control Register
MOFCR
8
8
4 or 5 PCLKB
0008 C297h
SYSTEM
Voltage Monitoring Circuit Control Register
LVCMPCR
8
8
4 or 5 PCLKB
0008 C298h
SYSTEM
Voltage Detection Level Select Register
LVDLVLR
8
8
4 or 5 PCLKB
0008 C29Ah
SYSTEM
Voltage Monitoring 1 Circuit Control Register 0
LVD1CR0
8
8
4 or 5 PCLKB
0008 C29Bh
SYSTEM
Voltage Monitoring 2 Circuit Control Register 0
LVD2CR0
8
8
4 or 5 PCLKB
0008 C400h
RTC
64-Hz Counter
R64CNT
8
8
2 or 3 PCLKB
0008 C402h
RTC
Second Counter
RSECCNT
8
8
2 or 3 PCLKB
Table 4.1
List of I/O Registers (Address Order) (19/23)
Address
Module
Symbol
Register Name
Register
Symbol
Number of
Bits
Access
Size
Number of Access
States


Similar Part No. - RX113_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX113 RENESAS-RX113_15 Datasheet
1Mb / 121P
   Renesas MCUs
More results

Similar Description - RX113_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX110 RENESAS-RX110 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS up to 128 Kbytes of flash memory, up to 5 comms channels, 12-bit A/D, RTC
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com