Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RX113 Datasheet(PDF) 66 Page - Renesas Technology Corp

Part # RX113
Description  32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
Download  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Datasheet(HTML) 66 Page - Renesas Technology Corp

Back Button RX113_16 Datasheet HTML 62Page - Renesas Technology Corp RX113_16 Datasheet HTML 63Page - Renesas Technology Corp RX113_16 Datasheet HTML 64Page - Renesas Technology Corp RX113_16 Datasheet HTML 65Page - Renesas Technology Corp RX113_16 Datasheet HTML 66Page - Renesas Technology Corp RX113_16 Datasheet HTML 67Page - Renesas Technology Corp RX113_16 Datasheet HTML 68Page - Renesas Technology Corp RX113_16 Datasheet HTML 69Page - Renesas Technology Corp RX113_16 Datasheet HTML 70Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 131 page
background image
R01DS0216EJ0110 Rev.1.10
Page 66 of 131
Mar 31, 2016
RX113 Group
5. Electrical Characteristics
Note:
Do not exceed the permissible total supply current.
Table 5.16
Permissible Output Currents (2)
Conditions: 1.8 V
≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVCC0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V,
Ta = –40 to +105°C (G version)
Item
Symbol
Max.
Unit
Permissible output low current
(average value per pin)
Ports P40 to P44, P46, ports P90 to P92, ports PJ6, PJ7
IOL
0.4
mA
Ports other than above
8.0
Permissible output low current
(maximum value per pin)
Ports P40 to P44, P46, ports P90 to P92, ports PJ6, PJ7
0.4
Ports other than above
8.0
Permissible output low current
Total of ports P40 to P44, P46, ports P90 to P92, ports PJ6,
PJ7
I
OL
1.6
Total of ports P02, P04, P07, P20 to P27, P30, P31, PJ0, PJ2,
PJ3
20
Total of ports P10 to P17, port P32, ports P50 to P56
ports PB0 to PB7, ports PC0 to PC7
20
Total of ports PA0 to PA7, ports PD0 to PD4, ports PE0 to
PE7, ports PF6, PF7
20
Total of all output pins
40
Permissible output high current
(average value per pin)
Ports P40 to P44, P46, ports P90 to P92, ports PJ6, PJ7
IOH
–0.1
Ports other than above
–4.0
Permissible output high current
(maximum value per pin)
Ports P40 to P44, P46, ports P90 to P92, ports PJ6, PJ7
–0.1
Ports other than above
–4.0
Permissible output high current
Total of ports P40 to P44, P46, ports P90 to P92, ports PJ6,
PJ7
I
OH
–0.6
Total of ports P02, P04, P07, P20 to P27, P30, P31, PJ0, PJ2,
PJ3
–10
Total of ports P10 to P17, port P32, ports P50 to P56,
ports PB0 to PB7, ports PC0 to PC7
–15
Total of ports PA0 to PA7, ports PD0 to PD4, ports PE0 to
PE7, ports PF6, PF7
–15
Total of all output pins
–40


Similar Part No. - RX113_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX113 RENESAS-RX113_15 Datasheet
1Mb / 121P
   Renesas MCUs
More results

Similar Description - RX113_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX110 RENESAS-RX110 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS up to 128 Kbytes of flash memory, up to 5 comms channels, 12-bit A/D, RTC
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com