Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RX113 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # RX113
Description  32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
Download  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button RX113_16 Datasheet HTML 27Page - Renesas Technology Corp RX113_16 Datasheet HTML 28Page - Renesas Technology Corp RX113_16 Datasheet HTML 29Page - Renesas Technology Corp RX113_16 Datasheet HTML 30Page - Renesas Technology Corp RX113_16 Datasheet HTML 31Page - Renesas Technology Corp RX113_16 Datasheet HTML 32Page - Renesas Technology Corp RX113_16 Datasheet HTML 33Page - Renesas Technology Corp RX113_16 Datasheet HTML 34Page - Renesas Technology Corp RX113_16 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 131 page
background image
R01DS0216EJ0110 Rev.1.10
Page 31 of 131
Mar 31, 2016
RX113 Group
4. I/O Registers
0008 240Ch
DTC
DTC Module Start Register
DTCST
8
8
2 ICLK
0008 240Eh
DTC
DTC Status Register
DTCSTS
16
16
2 ICLK
0008 7010h
ICU
Interrupt Request Register 016
IR016
8
8
2 ICLK
0008 701Bh
ICU
Interrupt Request Register 027
IR027
8
8
2 ICLK
0008 701Ch
ICU
Interrupt Request Register 028
IR028
8
8
2 ICLK
0008 701Dh
ICU
Interrupt Request Register 029
IR029
8
8
2 ICLK
0008 701Eh
ICU
Interrupt Request Register 030
IR030
8
8
2 ICLK
0008 701Fh
ICU
Interrupt Request Register 031
IR031
8
8
2 ICLK
0008 7020h
ICU
Interrupt Request Register 032
IR032
8
8
2 ICLK
0008 7021h
ICU
Interrupt Request Register 033
IR033
8
8
2 ICLK
0008 7022h
ICU
Interrupt Request Register 034
IR034
8
8
2 ICLK
0008 7024h
ICU
Interrupt Request Register 036
IR036
8
8
2 ICLK
0008 7025h
ICU
Interrupt Request Register 037
IR037
8
8
2 ICLK
0008 7026h
ICU
Interrupt Request Register 038
IR038
8
8
2 ICLK
0008 702Ch
ICU
Interrupt Request Register 044
IR044
8
8
2 ICLK
0008 702Dh
ICU
Interrupt Request Register 045
IR045
8
8
2 ICLK
0008 702Eh
ICU
Interrupt Request Register 046
IR046
8
8
2 ICLK
0008 702Fh
ICU
Interrupt Request Register 047
IR047
8
8
2 ICLK
0008 7039h
ICU
Interrupt Request Register 057
IR057
8
8
2 ICLK
0008 703Ah
ICU
Interrupt Request Register 058
IR058
8
8
2 ICLK
0008 703Bh
ICU
Interrupt Request Register 059
IR059
8
8
2 ICLK
0008 703Ch
ICU
Interrupt Request Register 060
IR060
8
8
2 ICLK
0008 703Dh
ICU
Interrupt Request Register 061
IR061
8
8
2 ICLK
0008 703Eh
ICU
Interrupt Request Register 062
IR062
8
8
2 ICLK
0008 703Fh
ICU
Interrupt Request Register 063
IR063
8
8
2 ICLK
0008 7040h
ICU
Interrupt Request Register 064
IR064
8
8
2 ICLK
0008 7041h
ICU
Interrupt Request Register 065
IR065
8
8
2 ICLK
0008 7042h
ICU
Interrupt Request Register 066
IR066
8
8
2 ICLK
0008 7043h
ICU
Interrupt Request Register 067
IR067
8
8
2 ICLK
0008 7044h
ICU
Interrupt Request Register 068
IR068
8
8
2 ICLK
0008 7045h
ICU
Interrupt Request Register 069
IR069
8
8
2 ICLK
0008 7046h
ICU
Interrupt Request Register 070
IR070
8
8
2 ICLK
0008 7047h
ICU
Interrupt Request Register 071
IR071
8
8
2 ICLK
0008 7058h
ICU
Interrupt Request Register 088
IR088
8
8
2 ICLK
0008 7059h
ICU
Interrupt Request Register 089
IR089
8
8
2 ICLK
0008 705Ah
ICU
Interrupt Request Register 090
IR090
8
8
2 ICLK
0008 705Ch
ICU
Interrupt Request Register 092
IR092
8
8
2 ICLK
0008 705Dh
ICU
Interrupt Request Register 093
IR093
8
8
2 ICLK
0008 7066h
ICU
Interrupt Request Register 102
IR102
8
8
2 ICLK
0008 7067h
ICU
Interrupt Request Register 103
IR103
8
8
2 ICLK
0008 706Ah
ICU
Interrupt Request Register 106
IR106
8
8
2 ICLK
0008 706Ch
ICU
Interrupt Request Register 108
IR108
8
8
2 ICLK
0008 706Dh
ICU
Interrupt Request Register 109
IR109
8
8
2 ICLK
0008 706Eh
ICU
Interrupt Request Register 110
IR110
8
8
2 ICLK
0008 7072h
ICU
Interrupt Request Register 114
IR114
8
8
2 ICLK
0008 7073h
ICU
Interrupt Request Register 115
IR115
8
8
2 ICLK
0008 7074h
ICU
Interrupt Request Register 116
IR116
8
8
2 ICLK
0008 7075h
ICU
Interrupt Request Register 117
IR117
8
8
2 ICLK
0008 7076h
ICU
Interrupt Request Register 118
IR118
8
8
2 ICLK
0008 7077h
ICU
Interrupt Request Register 119
IR119
8
8
2 ICLK
0008 7078h
ICU
Interrupt Request Register 120
IR120
8
8
2 ICLK
0008 7079h
ICU
Interrupt Request Register 121
IR121
8
8
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (2/23)
Address
Module
Symbol
Register Name
Register
Symbol
Number of
Bits
Access
Size
Number of Access
States


Similar Part No. - RX113_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX113 RENESAS-RX113_15 Datasheet
1Mb / 121P
   Renesas MCUs
More results

Similar Description - RX113_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX110 RENESAS-RX110 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS up to 128 Kbytes of flash memory, up to 5 comms channels, 12-bit A/D, RTC
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com