Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A767KN826M1VLAE031 Datasheet(PDF) 1 Page - Kemet Corporation

Part # A767KN826M1VLAE031
Description  Polymer Aluminum, 105C LowZ, A767, 82 uF, 20%, 35 V, -55/105C
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

A767KN826M1VLAE031 Datasheet(HTML) 1 Page - Kemet Corporation

  A767KN826M1VLAE031_17 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - 76a32177-9797-40e7-bb21-035c61aabfb1
KEMET Part Number: A767KN826M1VLAE031
Polymer Aluminum, 105C LowZ, A767, 82 uF, 20%, 35 V, -55/+105C
F
Dimensions
D
8mm +/-0.5mm
L
9.7mm +/-0.3mm
W
0.8mm +0.3mm
A
8.3mm +/-0.2mm
B
8.3mm +/-0.2mm
C
9mm +/-0.2mm
E
2.9mm NOM
P
3.2mm NOM
Packaging Specifications
Packaging: T&R, 380mm
Packaging Quantity: 500
General Information
Dielectric: Polymer Aluminum
Style: SMD Can
Series: A767
Description: Surface Mount, Polymer
Aluminum
RoHS: Yes
Lead: V-Chip
Specifications
Capacitance: 82 uF
Capacitance Tolerance: 20%
Voltage DC: 35 VDC, 40.2 VDC (Surge)
Temperature Range: -55/+105C
Rated Temperature: 105C
Life: 2000 Hrs
Resistance: 31 mOhms (100kHz 20C)
Current: 3600 mAmps (100kHz 105C)
Impedance Ratio at -25C: 1.25
Impedance Ratio at -55C: 1.25
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - A767KN826M1VLAE031_17

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A767KN826M1VLAE031 KEMET-A767KN826M1VLAE031 Datasheet
3Mb / 17P
   Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
More results

Similar Description - A767KN826M1VLAE031_17

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A767EB226M1VLAE050 KEMET-A767EB226M1VLAE050_17 Datasheet
73Kb / 1P
   Polymer Aluminum, 105C LowZ, A767, 22 uF, 20%, 35 V, -55/105C
A767MU686M1JLAE030 KEMET-A767MU686M1JLAE030 Datasheet
63Kb / 1P
   A767, Polymer Aluminum, 105C LowZ, 68 uF, 20%, 63 V, -55/105C
A767KS476M1JLAE036 KEMET-A767KS476M1JLAE036 Datasheet
62Kb / 1P
   A767, Polymer Aluminum, 105C LowZ, 47 uF, 20%, 63 V, -55/105C
A767MU107M1JLAE028 KEMET-A767MU107M1JLAE028 Datasheet
63Kb / 1P
   A767, Polymer Aluminum, 105C LowZ, 100 uF, 20%, 63 V, -55/105C
A765EB106M1VLAE085 KEMET-A765EB106M1VLAE085_17 Datasheet
73Kb / 1P
   Polymer Aluminum, 105C LowZ, A765, 10 uF, 20%, 35 V, -55/105C
EXV106M035A9DAA KEMET-EXV106M035A9DAA Datasheet
74Kb / 1P
   Aluminum Electrolytic, 105C LowZ, EXV, 10 uF, 20%, 35 V, -55/105C
EXV157M035A9PAA KEMET-EXV157M035A9PAA Datasheet
75Kb / 1P
   Aluminum Electrolytic, 105C LowZ, EXV, 150 uF, 20%, 35 V, -55/105C
EXV107M035A9MAA KEMET-EXV107M035A9MAA Datasheet
75Kb / 1P
   Aluminum Electrolytic, 105C LowZ, EXV, 100 uF, 20%, 35 V, -55/105C
A765KN107M1ELAE024 KEMET-A765KN107M1ELAE024_17 Datasheet
73Kb / 1P
   Polymer Aluminum, 105C LowZ, A765, 100 uF, 20%, 25 V, -55/105C
A765MU227M1ELAE050 KEMET-A765MU227M1ELAE050_17 Datasheet
73Kb / 1P
   Polymer Aluminum, 105C LowZ, A765, 220 uF, 20%, 25 V, -55/105C
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com