Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RX230 Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # RX230
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
Download  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX230 Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button RX230 Datasheet HTML 58Page - Renesas Technology Corp RX230 Datasheet HTML 59Page - Renesas Technology Corp RX230 Datasheet HTML 60Page - Renesas Technology Corp RX230 Datasheet HTML 61Page - Renesas Technology Corp RX230 Datasheet HTML 62Page - Renesas Technology Corp RX230 Datasheet HTML 63Page - Renesas Technology Corp RX230 Datasheet HTML 64Page - Renesas Technology Corp RX230 Datasheet HTML 65Page - Renesas Technology Corp RX230 Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 177 page
background image
R01DS0261EJ0110 Rev.1.10
Page 62 of 177
Oct 30, 2015
RX230 Group, RX231 Group
4. I/O Registers
0008 AC00h
SDHI
Command Register
SDCMD
32
32
3 or 4 PCLKB
cycles when
reading,
2 or 3 PCLKB
cycles when
writing
3 ICLK cycles when
reading,
2 ICLK cycles when
writing
0008 AC08h
SDHI
Argument Register
SDARG
32
32
3 or 4 PCLKB
cycles when
reading,
2 or 3 PCLKB
cycles when
writing
3 ICLK cycles when
reading,
2 ICLK cycles when
writing
0008 AC10h
SDHI
Data Stop Register
SDSTOP
32
32
3 or 4 PCLKB
cycles when
reading,
2 or 3 PCLKB
cycles when
writing
3 ICLK cycles when
reading,
2 ICLK cycles when
writing
0008 AC14h
SDHI
Block Count Register
SDBLKCNT
32
32
3 or 4 PCLKB
cycles when
reading,
2 or 3 PCLKB
cycles when
writing
3 ICLK cycles when
reading,
2 ICLK cycles when
writing
0008 AC18h
SDHI
Response Register 10
SDRSP10
32
32
3 or 4 PCLKB
cycles when
reading,
2 or 3 PCLKB
cycles when
writing
3 ICLK cycles when
reading,
2 ICLK cycles when
writing
0008 AC20h
SDHI
Response Register 32
SDRSP32
32
32
3 or 4 PCLKB
cycles when
reading,
2 or 3 PCLKB
cycles when
writing
3 ICLK cycles when
reading,
2 ICLK cycles when
writing
0008 AC28h
SDHI
Response Register 54
SDRSP54
32
32
3 or 4 PCLKB
cycles when
reading,
2 or 3 PCLKB
cycles when
writing
3 ICLK cycles when
reading,
2 ICLK cycles when
writing
0008 AC30h
SDHI
Response Register 76
SDRSP76
32
32
3 or 4 PCLKB
cycles when
reading,
2 or 3 PCLKB
cycles when
writing
3 ICLK cycles when
reading,
2 ICLK cycles when
writing
0008 AC38h
SDHI
SD Status Register 1
SDSTS1
32
32
3 or 4 PCLKB
cycles when
reading,
2 or 3 PCLKB
cycles when
writing
3 ICLK cycles when
reading,
2 ICLK cycles when
writing
0008 AC3Ch
SDHI
SD Status Register 2
SDSTS2
32
32
3 or 4 PCLKB
cycles when
reading,
2 or 3 PCLKB
cycles when
writing
3 ICLK cycles when
reading,
2 ICLK cycles when
writing
0008 AC40h
SDHI
SD Interrupt Mask Register 1
SDIMSK1
32
32
3 or 4 PCLKB
cycles when
reading,
2 or 3 PCLKB
cycles when
writing
3 ICLK cycles when
reading,
2 ICLK cycles when
writing
0008 AC44h
SDHI
SD Interrupt Mask Register 2
SDIMSK2
32
32
3 or 4 PCLKB
cycles when
reading,
2 or 3 PCLKB
cycles when
writing
3 ICLK cycles when
reading,
2 ICLK cycles when
writing
0008 AC48h
SDHI
SDHI Clock Control Register
SDCLKCR
32
32
3 or 4 PCLKB
cycles when
reading,
2 or 3 PCLKB
cycles when
writing
3 ICLK cycles when
reading,
2 ICLK cycles when
writing
Table 4.1
List of I/O Registers (Address Order) (20 / 42)
Address
Module
Symbol
Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
ICLK
 PCLK
ICLK <PCLK


Similar Part No. - RX230

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX230 RENESAS-RX230_V01 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory, various communication functions including USB 2.0 full-speed host/function/OTG, CAN, SD hostnterface,serial sound interface, capacitive touch sensing unit,
Sep 28, 2018
More results

Similar Description - RX230

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX23T RENESAS-RX23T Datasheet
1Mb / 98P
   40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX634 RENESAS-RX634 Datasheet
902Kb / 106P
   54 MHz 32-bit RX MCU with FPU, 90 DMIPS, up to 2-Mbyte flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX23E-A RENESAS-RX23E-A Datasheet
1Mb / 98P
   32-MHz, 32-bit RX MCUs with up to 256-KB flash memory,
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX230 RENESAS-RX230_V01 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory, various communication functions including USB 2.0 full-speed host/function/OTG, CAN, SD hostnterface,serial sound interface, capacitive touch sensing unit,
Sep 28, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com