Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3A7 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # S3A7
Description  32-bit ARM Cortex-M4 microcontroller
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A7 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button S3A7 Datasheet HTML 69Page - Renesas Technology Corp S3A7 Datasheet HTML 70Page - Renesas Technology Corp S3A7 Datasheet HTML 71Page - Renesas Technology Corp S3A7 Datasheet HTML 72Page - Renesas Technology Corp S3A7 Datasheet HTML 73Page - Renesas Technology Corp S3A7 Datasheet HTML 74Page - Renesas Technology Corp S3A7 Datasheet HTML 75Page - Renesas Technology Corp S3A7 Datasheet HTML 76Page - Renesas Technology Corp S3A7 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 133 page
background image
R01DS0263EU0100 Rev.1.00
Page 73 of 130
Feb 23, 2016
S3A7
2. Electrical Characteristics
Note 1.
tPBcyc: PCLKB cycle.
Note 2.
tcac: CAC count clock source cycle.
2.3.9
SCI Timing
Note 1.
tPcyc: PCLKA cycle.
Figure 2.49
SCK clock input timing
Table 2.37
SCI timing (1)
Conditions: VCC = AVCC0 = VREFH = VCC_USB = 1.6 to 5.5 V
Item
Symbol
Min
Max
Unit*1
Test
conditions
SCI
Input clock cycle
Asynchronous
tScyc
4-
tPcyc
Figure 2.49
Clock synchronous
6
-
Input clock pulse width
tSCKW
0.4
0.6
tScyc
Input clock rise time
tSCKr
-20
ns
Input clock fall time
tSCKf
-20
ns
Output clock cycle
Asynchronous
tScyc
6-
tPcyc
Clock synchronous
4
-
Output clock pulse width
tSCKW
0.4
0.6
tScyc
Output clock rise time
1.8 V or above
tSCKr
-20
ns
1.6 V or above
-
30
Output clock fall time
1.8 V or above
tSCKf
-20
ns
1.6 V or above
-
30
Transmit data delay
(master)
Clock
synchronous
1.8 V or above
tTXD
-40
ns
Figure 2.50
1.6 V or above
-
45
Transmit data delay
(slave)
Clock
synchronous
2.7 V or above
-
55
ns
2.4 V or above
-
60
1.8 V or above
-
100
1.6 V or above
-
125
Receive data setup
time (master)
Clock
synchronous
2.7 V or above
tRXS
45
-
ns
2.4 V or above
55
-
1.8 V or above
90
-
1.6 V or above
105
-
Receive data setup
time (slave)
Clock
synchronous
2.7 V or above
40
-
ns
1.6 V or above
45
-
Receive data hold
time (master)
Clock synchronous
tRXH
5-
ns
Receive data hold
time (slave)
Clock synchronous
tRXH
40
-
ns
tSCKW
tSCKr
tSCKf
tScyc
SCKn
(n = 0 to 4, 9)


Similar Part No. - S3A7

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
S3A CHENG-YI-S3A Datasheet
119Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Pan Jit International I...
S3A PANJIT-S3A Datasheet
415Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE- 50-100 Volts CURRENT- 3.0 Ampere)
logo
Bruckewell Technology L...
S3A BWTECH-S3A Datasheet
84Kb / 2P
   SURFACE MOUNTGLASS PASSIVATED RECTIFIERS
logo
Leshan Radio Company
S3A LRC-S3A Datasheet
189Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V
logo
Diotec Semiconductor
S3A DIOTEC-S3A Datasheet
166Kb / 2P
   Surface Mount Si-Rectifiers
More results

Similar Description - S3A7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
S7G2 RENESAS-S7G2 Datasheet
1Mb / 116P
   32-bit ARM Cortex-M4 microcontroller
logo
NXP Semiconductors
LPC540XX NXP-LPC540XX Datasheet
3Mb / 168P
   32-bit ARM Cortex-M4 microcontroller
Rev. 1.8-22 June 2018
LPC546XX NXP-LPC546XX Datasheet
3Mb / 169P
   32-bit ARM Cortex-M4 microcontroller
Rev. 2.5-20 June 2018
LPC408X-7X NXP-LPC408X-7X Datasheet
2Mb / 123P
   32-bit ARM Cortex-M4 MCU;
Rev. 1-17 September 2012
LPC5411X NXP-LPC5411X Datasheet
2Mb / 105P
   32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
   32-bit ARM Cortex-M3 microcontroller;
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com