Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5D9 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # S5D9
Description  Microcontroller
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S5D9 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button S5D9 Datasheet HTML 41Page - Renesas Technology Corp S5D9 Datasheet HTML 42Page - Renesas Technology Corp S5D9 Datasheet HTML 43Page - Renesas Technology Corp S5D9 Datasheet HTML 44Page - Renesas Technology Corp S5D9 Datasheet HTML 45Page - Renesas Technology Corp S5D9 Datasheet HTML 46Page - Renesas Technology Corp S5D9 Datasheet HTML 47Page - Renesas Technology Corp S5D9 Datasheet HTML 48Page - Renesas Technology Corp S5D9 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 115 page
background image
R01DS0303EU0100 Rev.1.00
Page 45 of 115
Nov 3, 2016
S5D9
2. Electrical Characteristics
Figure 2.12
Deep Software Standby mode cancellation timing
Figure 2.13
Recovery timing from Software Standby mode to Snooze mode
2.3.5
NMI and IRQ Noise Filter
Note:
200 ns minimum in Software Standby mode.
Note 1.
tPcyc indicates the PCLKB cycle.
Table 2.17
NMI and IRQ noise filter
Item
Symbol
Min
Typ
Max
Unit
Test conditions
NMI pulse width
tNMIW
200
-
-
ns
NMI digital filter disabled
tPcyc × 2 ≤ 200 ns
tPcyc × 2*1
--
tPcyc × 2 > 200 ns
200
-
-
NMI digital filter enabled
tNMICK × 3 ≤ 200 ns
tNMICK × 3.5*2
--
tNMICK × 3 > 200 ns
IRQ pulse width
tIRQW
200
-
-
ns
IRQ digital filter disabled
tPcyc × 2 ≤ 200 ns
tPcyc × 2*1
--
tPcyc × 2 > 200 ns
200
-
-
IRQ digital filter enabled
tIRQCK × 3 ≤ 200 ns
tIRQCK × 3.5*3
--
tIRQCK × 3 > 200 ns
Oscillator
IRQ
Internal reset
(low is valid)
Reset exception handling start
Deep Software Standby mode
Deep Software Standby
reset
(low is valid)
tDSBY
tDSBYWT
tSNZ
IRQ
ICLK(to DTC, SRAM)*1
PCLK
ICLK(except DTC, SRAM)
Oscillator
Software Standby mode
Snooze mode
Note 1. When SNZCR.SNZDTCEN is set to 1, ICLK is supplied to DTC and SRAM.


Similar Part No. - S5D9

ManufacturerPart #DatasheetDescription
logo
SAMYANG ELECTRONICS CO....
S5D SAMYANG-S5D Datasheet
1Mb / 3P
   PLASTIC SILICON RECTIFIER
logo
Micro Commercial Compon...
S5D MCC-S5D Datasheet
345Kb / 3P
   5 Amp Silicon Rectifier 50 to 1000 Volts
logo
Shenzhen Taychipst Elec...
S5D TAYCHIPST-S5D Datasheet
14Mb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Gaomi Xinghe Electronic...
S5D GXELECTRONICS-S5D Datasheet
416Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
DAESAN ELECTRONIC CORP.
S5D DAESAN-S5D Datasheet
458Kb / 2P
   STANDARD RECTIFIER
More results

Similar Description - S5D9

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com