Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S124 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # S124
Description  32-bit ARM Cortex-M0 microcontroller
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S124 Datasheet(HTML) 3 Page - Renesas Technology Corp

  S124 Datasheet HTML 1Page - Renesas Technology Corp S124 Datasheet HTML 2Page - Renesas Technology Corp S124 Datasheet HTML 3Page - Renesas Technology Corp S124 Datasheet HTML 4Page - Renesas Technology Corp S124 Datasheet HTML 5Page - Renesas Technology Corp S124 Datasheet HTML 6Page - Renesas Technology Corp S124 Datasheet HTML 7Page - Renesas Technology Corp S124 Datasheet HTML 8Page - Renesas Technology Corp S124 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 98 page
background image
R01DS0264EU0100 Rev.1.00
Page 3 of 95
Feb 23, 2016
S124
1. Overview
Low Voltage Detection (LVD)
The Low Voltage Detection (LVD) monitors the voltage level input to the VCC pin and the
detection level can be selected using a software program. See section 7, Low Voltage
Detection (LVD) in User's Manual.
Clock
 Main clock oscillator (MOSC)
 Sub-clock oscillator (SOSC)
 High-speed on-chip oscillator (HOCO)
 Middle-speed on-chip oscillator (MOCO)
 Low-speed on-chip oscillator (LOCO)
 Independent Watchdog Timer on-chip oscillator
 Clock out support.
See section 8, Clock Generation Circuit in User's Manual.
Clock Frequency Accuracy
Measurement Circuit (CAC)
The clock frequency accuracy measurement circuit (CAC) is used to check the system clock
frequency with a reference clock signal by counting the number of pulses of the system clock
to be measured. The reference clock can be provided externally through a CACREF pin or
internally from various on-chip oscillators.
Event signals can be generated when the clock does not match or measurement ends.
This feature is particularly useful in implementing a fail-safe mechanism for home and
industrial automation applications.
See section 9, Clock Frequency Accuracy Measurement Circuit (CAC) in User's Manual.
Low Power Mode
The MCU has several functions for reducing power consumption, such as setting clock
dividers, stopping modules, selecting power control mode in normal operation, and
transitioning to low power modes. See section 10, Low Power Modes in User's Manual.
Register Write Protection
The Register Write Protection function protects important registers from being overwritten due
to software errors. See section 11, Register Write Protection in User's Manual.
Watchdog Timer (WDT)
The Watchdog Timer (WDT) is a 14-bit down-counter. It can be used to reset the MCU when
the counter underflows because the system has run out of control and is unable to refresh the
WDT. In addition, a non-maskable interrupt or interrupt can be generated by an underflow. The
refresh-permitted period can be set to refresh the counter and used as the condition to detect
when the system runs out of control. See section 22, Watchdog Timer (WDT) in User's Manual.
Independent Watchdog Timer (IWDT)
The Independent Watchdog Timer (IWDT) consists of a 14-bit down-counter that must be
serviced periodically to prevent counter underflow. The IWDT provides functionality to reset
the MCU or to generate a non-maskable interrupt/interrupt for a timer underflow. Because the
timer operates with an independent, dedicated clock source, it is particularly useful in returning
the MCU to a known state as a fail safe mechanism when the system runs out of control. The
watchdog timer can be triggered automatically on reset, underflow, or refresh error, or by a
refresh of the count value in the registers. See section 23, Independent Watchdog Timer
(IWDT) in User's Manual.
Table 1.4
Interrupt Control
Feature
Functional description
Interrupt Controller Unit (ICU)
The Interrupt Controller Unit (ICU) controls which event signals are linked to the NVIC/DTC
module. The ICU also controls NMI interrupts. See section 12, Interrupt Controller Unit (ICU) in
User's Manual.
Table 1.5
Event Link
Feature
Functional description
Event Link Controller (ELC)
The Event Link Controller (ELC) uses the interrupt requests generated by various peripheral
modules as event signals to connect them to different modules, enabling direct interaction
between the modules without CPU intervention. See section 15, Event Link Controller (ELC) in
User's Manual.
Table 1.6
Direct memory access
Feature
Functional description
Data Transfer Controller (DTC)
The MCU incorporates a Data Transfer Controller (DTC) that performs data transfers when
activated by an interrupt request. See section 14, Data Transfer Controller (DTC) in User's
Manual.
Table 1.3
System (2/2)
Feature
Functional description


Similar Part No. - S124

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
S12400H NJSEMI-S12400H Datasheet
93Kb / 2P
   RMS on -state current
logo
Hamamatsu Corporation
S12426 HAMAMATSU-S12426 Datasheet
611Kb / 5P
   Low bias operation, high-speed Si APD for 900 nm
S12426 HAMAMATSU-S12426_15 Datasheet
611Kb / 5P
   Low bias operation, high-speed Si APD for 900 nm
S12443 HAMAMATSU-S12443_15 Datasheet
797Kb / 10P
   CMOS linear image sensor
More results

Similar Description - S124

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com