Electronic Components Datasheet Search |
|
R7FS124763A01CFM Datasheet(PDF) 11 Page - Renesas Technology Corp |
|
R7FS124763A01CFM Datasheet(HTML) 11 Page - Renesas Technology Corp |
11 / 98 page R01DS0264EU0100 Rev.1.00 Page 11 of 95 Feb 23, 2016 S124 1. Overview SCI SCK0, SCK1, SCK9 I/O Input/output pins for the clock (clock synchronous mode). RXD0, RXD1, RXD9 Input Input pins for received data (asynchronous mode/clock synchronous mode). TXD0, TXD1, TXD9 Output Output pins for transmitted data (asynchronous mode/clock synchronous mode). CTS0_RTS0, CTS1_RTS1, CTS9_RTS9 I/O Input/Output pins for controlling the start of transmission and reception (asynchronous mode/clock synchronous mode), active LOW. SCL0, SCL1, SCL9 I/O Input/output pins for the IIC clock (simple IIC). SDA0, SDA1, SDA9 I/O Input/output pins for the IIC data (simple IIC). SCK0, SCK1, SCK9 I/O Input/output pins for the clock (simple SPI). MISO0, MISO1, MISO9 I/O Input/output pins for slave transmission of data (simple SPI). MOSI0, MOSI1, MOSI9 I/O Input/output pins for master transmission of data (simple SPI). SS0, SS1, SS9 Input Slave-select input pins (simple SPI), active LOW. IIC SCL0, SCL1 I/O Input/output pins for clock. SDA0, SDA1 I/O Input/output pins for data. SPI RSPCKA, RSPCKB I/O Clock input/output pin. MOSIA, MOSIB I/O Inputs or outputs data output from the master. MISOA, MISOB I/O Inputs or outputs data output from the slave. SSLA0, SSLB0 I/O Input or output pin for slave selection. SSLA1 to SSLA3, SSLB1 to SSLB3 Output Output pin for slave selection. CAN CRX0 Input Receive data. CTX0 Output Transmit data. USBFS VSS_USB Input Ground pins. VCC_USB_LDO Input Power supply pin for USB LDO regulator. VCC_USB I/O Input: Power supply pin for USB transceiver. Output: USB LDO regulator output pin. This pin should be connected to an external capacitor. USB_DP I/O D+ I/O pin of the USB on-chip transceiver. This pin should be connected to the D+ pin of the USB bus. USB_DM I/O D– I/O pin of the USB on-chip transceiver. This pin should be connected to the D– pin of the USB bus. USB_VBUS Input USB cable connection monitor pin. This pin should be connected to VBUS of the USB bus. The VBUS pin status (connected or disconnected) can be detected when the USB module is operating as a function controller. Analog power supply AVCC0 Input Analog voltage supply pin for the analog. Connect this pin to VCC. AVSS0 Input Analog ground pin. Connect this pin to VSS. VREFH0 Input Analog reference voltage supply pin for the A/D converter. Connect this pin to VCC when not using the A/D converter. VREFL0 Input Analog reference ground pin for the A/D converter. Connect this pin to VSS when not using the A/D converter. Table 1.14 Pin functions (2/3) Function Signal I/O Description |
Similar Part No. - R7FS124763A01CFM |
|
Similar Description - R7FS124763A01CFM |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |