Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FS124763A01CNE Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R7FS124763A01CNE
Description  32-bit ARM Cortex-M0 microcontroller
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FS124763A01CNE Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R7FS124763A01CNE Datasheet HTML 7Page - Renesas Technology Corp R7FS124763A01CNE Datasheet HTML 8Page - Renesas Technology Corp R7FS124763A01CNE Datasheet HTML 9Page - Renesas Technology Corp R7FS124763A01CNE Datasheet HTML 10Page - Renesas Technology Corp R7FS124763A01CNE Datasheet HTML 11Page - Renesas Technology Corp R7FS124763A01CNE Datasheet HTML 12Page - Renesas Technology Corp R7FS124763A01CNE Datasheet HTML 13Page - Renesas Technology Corp R7FS124763A01CNE Datasheet HTML 14Page - Renesas Technology Corp R7FS124763A01CNE Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 98 page
background image
R01DS0264EU0100 Rev.1.00
Page 11 of 95
Feb 23, 2016
S124
1. Overview
SCI
SCK0, SCK1,
SCK9
I/O
Input/output pins for the clock (clock synchronous mode).
RXD0, RXD1,
RXD9
Input
Input pins for received data (asynchronous mode/clock synchronous
mode).
TXD0, TXD1,
TXD9
Output
Output pins for transmitted data (asynchronous mode/clock synchronous
mode).
CTS0_RTS0,
CTS1_RTS1,
CTS9_RTS9
I/O
Input/Output pins for controlling the start of transmission and reception
(asynchronous mode/clock synchronous mode), active LOW.
SCL0, SCL1,
SCL9
I/O
Input/output pins for the IIC clock (simple IIC).
SDA0, SDA1,
SDA9
I/O
Input/output pins for the IIC data (simple IIC).
SCK0, SCK1,
SCK9
I/O
Input/output pins for the clock (simple SPI).
MISO0, MISO1,
MISO9
I/O
Input/output pins for slave transmission of data (simple SPI).
MOSI0, MOSI1,
MOSI9
I/O
Input/output pins for master transmission of data (simple SPI).
SS0, SS1, SS9
Input
Slave-select input pins (simple SPI), active LOW.
IIC
SCL0, SCL1
I/O
Input/output pins for clock.
SDA0, SDA1
I/O
Input/output pins for data.
SPI
RSPCKA,
RSPCKB
I/O
Clock input/output pin.
MOSIA, MOSIB
I/O
Inputs or outputs data output from the master.
MISOA, MISOB
I/O
Inputs or outputs data output from the slave.
SSLA0, SSLB0
I/O
Input or output pin for slave selection.
SSLA1 to SSLA3,
SSLB1 to SSLB3
Output
Output pin for slave selection.
CAN
CRX0
Input
Receive data.
CTX0
Output
Transmit data.
USBFS
VSS_USB
Input
Ground pins.
VCC_USB_LDO
Input
Power supply pin for USB LDO regulator.
VCC_USB
I/O
Input: Power supply pin for USB transceiver.
Output: USB LDO regulator output pin. This pin should be connected to an
external capacitor.
USB_DP
I/O
D+ I/O pin of the USB on-chip transceiver. This pin should be connected to
the D+ pin of the USB bus.
USB_DM
I/O
D– I/O pin of the USB on-chip transceiver. This pin should be connected to
the D– pin of the USB bus.
USB_VBUS
Input
USB cable connection monitor pin. This pin should be connected to VBUS
of the USB bus. The VBUS pin status (connected or disconnected) can be
detected when the USB module is operating as a function controller.
Analog power supply
AVCC0
Input
Analog voltage supply pin for the analog. Connect this pin to VCC.
AVSS0
Input
Analog ground pin. Connect this pin to VSS.
VREFH0
Input
Analog reference voltage supply pin for the A/D converter. Connect this pin
to VCC when not using the A/D converter.
VREFL0
Input
Analog reference ground pin for the A/D converter. Connect this pin to VSS
when not using the A/D converter.
Table 1.14
Pin functions (2/3)
Function
Signal
I/O
Description


Similar Part No. - R7FS124763A01CNE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R7FS128782A01CLM RENESAS-R7FS128782A01CLM Datasheet
1Mb / 107P
   Microcontroller
R7FS128782A01CLM#AC0 RENESAS-R7FS128782A01CLM#AC0 Datasheet
1Mb / 107P
   Microcontroller
R7FS128783A01CFJ RENESAS-R7FS128783A01CFJ Datasheet
1Mb / 107P
   Microcontroller
R7FS128783A01CFJ#AA0 RENESAS-R7FS128783A01CFJ#AA0 Datasheet
1Mb / 107P
   Microcontroller
R7FS128783A01CFL RENESAS-R7FS128783A01CFL Datasheet
1Mb / 107P
   Microcontroller
More results

Similar Description - R7FS124763A01CNE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com