Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5399 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 1N5399
Description  General Purpose Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N5399 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  1N5399 Datasheet HTML 1Page - Fairchild Semiconductor 1N5399 Datasheet HTML 2Page - Fairchild Semiconductor 1N5399 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1N5391-1N5399, Rev. C
2001 Fairchild Semiconductor Corporation
1N5391 - 1N5399
General Purpose Rectifiers
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Device
Units
5391
5392
5393
5394
5395
5396
5397
5398
5399
V
F
Forward Voltage @ 1.5 A
1.4
V
I
R
Reverse Current @ rated V
R TA = 25°C
T
A = 100°C
5.0
300
µA
µA
C
T
Total Capacitance
V
R = 4.0 V, f = 1.0 MHz
25
pF
DO-15
COLOR BAND DENOTES CATHODE
Features
1.5 ampere operation at T
A
= 70°C
with no thermal runaway.
High current capability.
Low leakage.
Symbol
Parameter
Value
Units
5391 5392 5393
5394
5395
5396
5397
5398
5399
V
RRM
Peak Repetitive Reverse Voltage
50
100
200
300
400
500
600
800
1000
V
I
F(AV)
Average Rectified Forward Current,
.375 " lead length @ T
A = 75°C
1.5
A
I
FSM
Non-repetitive Peak Forward Surge
Current
8.3 ms Single Half-Sine-Wave
50
A
T
stg
Storage Temperature Range
-55 to +150
°C
T
J
Operating Junction Temperature
-55 to +150
°C
Symbol
Parameter
Value
Units
PD
Power Dissipation
4.8
W
RθJA
Thermal Resistance, Junction to Ambient
26
°C/W
Thermal Characteristics


Similar Part No. - 1N5399

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
1N5399 UNIOHM-1N5399 Datasheet
66Kb / 2P
   1.5 AMP SILICON RECTIFIERS
logo
Pan Jit International I...
1N5399 PANJIT-1N5399 Datasheet
47Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
Taiwan Semiconductor Co...
1N5399 TSC-1N5399 Datasheet
198Kb / 4P
   Silicon Rectifiers
logo
Compact Technology Corp...
1N5399 CTC-1N5399 Datasheet
44Kb / 2P
   PLASTIC SILICON RECTIFIERS (DO-41)
logo
Dc Components
1N5399 DCCOM-1N5399 Datasheet
412Kb / 2P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
More results

Similar Description - 1N5399

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S25VB60 SHINDENGEN-S25VB60 Datasheet
158Kb / 5P
   GENERAL PURPOSE RECTIFIERS
U6KBA80R SHINDENGEN-U6KBA80R Datasheet
170Kb / 6P
   GENERAL PURPOSE RECTIFIERS
logo
SeCoS Halbleitertechnol...
QG501C SECOS-QG501C_15 Datasheet
341Kb / 2P
   General Purpose Rectifiers
logo
Shindengen Electric Mfg...
LN25XB60 SHINDENGEN-LN25XB60 Datasheet
178Kb / 6P
   GENERAL PURPOSE RECTIFIERS
logo
Shenzhen Taychipst Elec...
BY251 TAYCHIPST-BY251 Datasheet
623Kb / 2P
   GENERAL PURPOSE RECTIFIERS
logo
Hi-Sincerity Mocroelect...
H1N400X HSMC-H1N400X Datasheet
23Kb / 2P
   General Purpose Rectifiers
logo
Shindengen Electric Mfg...
S1WBA60S SHINDENGEN-S1WBA60S Datasheet
171Kb / 5P
   General purpose rectifiers
logo
Compact Technology Corp...
GS2A CTC-GS2A Datasheet
90Kb / 2P
   GENERAL PURPOSE RECTIFIERS
logo
Fairchild Semiconductor
1N5393 FAIRCHILD-1N5393_13 Datasheet
138Kb / 5P
   General-Purpose Rectifiers
logo
Comchip Technology
CGR1A7-HF COMCHIP-CGR1A7-HF Datasheet
85Kb / 3P
   General Purpose Rectifiers
logo
NXP Semiconductors
PS07J PHILIPS-PS07J Datasheet
51Kb / 9P
   General purpose rectifiers
Rev. 02-26 July 2004
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com