Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD48288118AF1 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # UPD48288118AF1
Description  288M-BIT Low Latency DRAM
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD48288118AF1 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button UPD48288118AF1 Datasheet HTML 31Page - Renesas Technology Corp UPD48288118AF1 Datasheet HTML 32Page - Renesas Technology Corp UPD48288118AF1 Datasheet HTML 33Page - Renesas Technology Corp UPD48288118AF1 Datasheet HTML 34Page - Renesas Technology Corp UPD48288118AF1 Datasheet HTML 35Page - Renesas Technology Corp UPD48288118AF1 Datasheet HTML 36Page - Renesas Technology Corp UPD48288118AF1 Datasheet HTML 37Page - Renesas Technology Corp UPD48288118AF1 Datasheet HTML 38Page - Renesas Technology Corp UPD48288118AF1 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
µµµµPD48288118AF1
R10DS0255EJ0101 Rev. 1.01
Page 35 of 51
Jan. 15, 2016
2.16 Read & Write configuration in Multiplexed Address Mode
In multiplexed address mode, the READ and WRITE latencies are increased by one clock cycle. The
µPD48288118AF1 cycle time remains the same, as described in Table 2-7.
Table 2-7. Configuration in Multiplexed Address Mode
Parameter
Configuration
Unit
1
Note1
2
3
4
Note1, 2
5
tRC
4
6
8
3
5
tCK
tRL
5
7
9
4
6
tCK
tWL
6
8
10
5
7
tCK
Valid frequency range
266-175
400-175
533-175
200-175
333-175
MHz
Notes 1. BL = 8 is not available.
2. The minimum tRC is typically 3 cycles, except in the case of a WRITE followed by a READ to the same bank.
In this instance the minimum tRC is 4 cycles.
2.17 Refresh Command in Multiplexed Address Mode
Similar to other commands, the refresh command is executed on the next rising clock edge when in the multiplexed
address mode. However, since only bank address is required for AREF, the next command can be applied on the
following clock. The operation of the AREF command and any other command is represented in Figure 2-29.
Figure 2-29. Burst REFRESH Operation
Remark
AREF
: AUTO REFRESH
AC
: Any command
Ax
: First part Ax of address
Ay
: Second part Ay of address
BAp
: Bank p is chosen so that tRC is met.
ADDRESS
CK#
CK
COMMAND
0
1
2
3
4
5
6
7
8
AC
AREF
AREF
AREF
AREF
AREF
AREF
AREF
Don't care
AREF
9
10
Ax
Ay
AC
Ax
Ay
11
BANK
ADDRESS
BAp
BA0
BA1
BA2
BA3
BA4
BA5
BA6
BA7
BAp
NOP
ADDRESS
CK#
CK
COMMAND
0
1
2
3
4
5
6
7
8
AC
AREF
AREF
AREF
AREF
AREF
AREF
AREF
Don't care
AREF
9
10
Ax
Ay
AC
Ax
Ay
11
BANK
ADDRESS
BAp
BA0
BA1
BA2
BA3
BA4
BA5
BA6
BA7
BAp
NOP


Similar Part No. - UPD48288118AF1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD48288118AFF-E18-DW1 RENESAS-UPD48288118AFF-E18-DW1 Datasheet
1Mb / 52P
   288M-BIT Low Laten cy DRAM Separate I/O
Oct 01, 2012
UPD48288118AFF-E18-DW1-A RENESAS-UPD48288118AFF-E18-DW1-A Datasheet
1Mb / 52P
   288M-BIT Low Laten cy DRAM Separate I/O
Oct 01, 2012
UPD48288118AFF-E24-DW1 RENESAS-UPD48288118AFF-E24-DW1 Datasheet
1Mb / 52P
   288M-BIT Low Laten cy DRAM Separate I/O
Oct 01, 2012
UPD48288118AFF-E24-DW1-A RENESAS-UPD48288118AFF-E24-DW1-A Datasheet
1Mb / 52P
   288M-BIT Low Laten cy DRAM Separate I/O
Oct 01, 2012
UPD48288118AFF-E25-DW1 RENESAS-UPD48288118AFF-E25-DW1 Datasheet
1Mb / 52P
   288M-BIT Low Laten cy DRAM Separate I/O
Oct 01, 2012
More results

Similar Description - UPD48288118AF1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD48288209AF1 RENESAS-UPD48288209AF1 Datasheet
1Mb / 54P
   288M-BIT Low Latency DRAM
UPD48288209-A RENESAS-UPD48288209-A Datasheet
862Kb / 50P
   288M-BIT Low Latency DRAM Common I/O
Feb 01, 2013
UPD48288118-A RENESAS-UPD48288118-A Datasheet
843Kb / 48P
   288M-BIT Low Latency DRAM Separate I/O
Feb 01, 2013
UPD48576118F1 RENESAS-UPD48576118F1 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM
UPD48576209F1 RENESAS-UPD48576209F1 Datasheet
1Mb / 54P
   576M-BIT Low Latency DRAM
UPD48288209A RENESAS-UPD48288209A Datasheet
1Mb / 53P
   288M-BIT Low Laten cy DRAM Common I/O
Oct 01, 2012
UPD48288109A RENESAS-UPD48288109A Datasheet
1Mb / 52P
   288M-BIT Low Laten cy DRAM Separate I/O
Oct 01, 2012
UPD48576209 RENESAS-UPD48576209 Datasheet
1Mb / 53P
   576M-BIT Low Latency DRAM Common I/O
Oct 01, 2012
UPD48576109 RENESAS-UPD48576109 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM Separate I/O
Oct 01, 2012
logo
Elpida Memory
EDR2518ABSE ELPIDA-EDR2518ABSE Datasheet
1Mb / 79P
   288M bits Direct Rambus DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com