Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD48288209AF1 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # UPD48288209AF1
Description  288M-BIT Low Latency DRAM
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD48288209AF1 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button UPD48288209AF1 Datasheet HTML 41Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 42Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 43Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 44Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 45Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 46Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 47Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 48Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 54 page
background image
µµµµPD48288209AF1, µµµµPD48288218AF1, µµµµPD48288236AF1
R10DS0254EJ0101 Rev. 1.01
Page 45 of 53
Jan. 15, 2016
Table 3-3. JTAG AC Characteristics (0°C
≤≤≤≤ TC ≤≤≤≤ 95°C)
Parameter
Symbol
Conditions
MIN.
MAX.
Unit
Note
Clock
Clock cycle time
tTHTH
20
ns
Clock frequency
fTF
50
MHz
Clock HIGH time
tTHTL
10
ns
Clock LOW time
tTLTH
10
ns
Output time
TCK LOW to TDO unknown
tTLOX
0
ns
TCK LOW to TDO valid
tTLOV
10
ns
Setup time
TMS setup time
tMVTH
5
ns
TDI valid to TCK HIGH
tDVTH
5
ns
Capture setup time
tCSJ
5
ns
1
Hold time
TMS hold time
tTHMX
5
ns
TCK HIGH to TDI invalid
tTHDX
5
ns
Capture hold time
tCHJ
5
ns
1
Note
tCSJ and tCHJ refer to the setup and hold time requirements of latching data from the boundary scan register.
JTAG Timing Diagram
tTHTH
tTLOV
tTLTH
tTHTL
tMVTH
tTHDX
tDVTH
tTHMX
TCK
TMS
TDI
TDO
tTLOX


Similar Part No. - UPD48288209AF1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD48288209AFF-E18-DW1 RENESAS-UPD48288209AFF-E18-DW1 Datasheet
1Mb / 53P
   288M-BIT Low Laten cy DRAM Common I/O
Oct 01, 2012
UPD48288209AFF-E18-DW1-A RENESAS-UPD48288209AFF-E18-DW1-A Datasheet
1Mb / 53P
   288M-BIT Low Laten cy DRAM Common I/O
Oct 01, 2012
UPD48288209AFF-E24-DW1 RENESAS-UPD48288209AFF-E24-DW1 Datasheet
1Mb / 53P
   288M-BIT Low Laten cy DRAM Common I/O
Oct 01, 2012
UPD48288209AFF-E24-DW1-A RENESAS-UPD48288209AFF-E24-DW1-A Datasheet
1Mb / 53P
   288M-BIT Low Laten cy DRAM Common I/O
Oct 01, 2012
UPD48288209AFF-E25-DW1 RENESAS-UPD48288209AFF-E25-DW1 Datasheet
1Mb / 53P
   288M-BIT Low Laten cy DRAM Common I/O
Oct 01, 2012
More results

Similar Description - UPD48288209AF1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD48288118AF1 RENESAS-UPD48288118AF1 Datasheet
1Mb / 52P
   288M-BIT Low Latency DRAM
UPD48288209-A RENESAS-UPD48288209-A Datasheet
862Kb / 50P
   288M-BIT Low Latency DRAM Common I/O
Feb 01, 2013
UPD48288118-A RENESAS-UPD48288118-A Datasheet
843Kb / 48P
   288M-BIT Low Latency DRAM Separate I/O
Feb 01, 2013
UPD48576118F1 RENESAS-UPD48576118F1 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM
UPD48576209F1 RENESAS-UPD48576209F1 Datasheet
1Mb / 54P
   576M-BIT Low Latency DRAM
UPD48288209A RENESAS-UPD48288209A Datasheet
1Mb / 53P
   288M-BIT Low Laten cy DRAM Common I/O
Oct 01, 2012
UPD48288109A RENESAS-UPD48288109A Datasheet
1Mb / 52P
   288M-BIT Low Laten cy DRAM Separate I/O
Oct 01, 2012
UPD48576209 RENESAS-UPD48576209 Datasheet
1Mb / 53P
   576M-BIT Low Latency DRAM Common I/O
Oct 01, 2012
UPD48576109 RENESAS-UPD48576109 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM Separate I/O
Oct 01, 2012
logo
Elpida Memory
EDR2518ABSE ELPIDA-EDR2518ABSE Datasheet
1Mb / 79P
   288M bits Direct Rambus DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com