Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD48288209AF1 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # UPD48288209AF1
Description  288M-BIT Low Latency DRAM
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD48288209AF1 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button UPD48288209AF1 Datasheet HTML 42Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 43Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 44Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 45Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 46Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 47Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 48Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 49Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 54 page
background image
µµµµPD48288209AF1, µµµµPD48288218AF1, µµµµPD48288236AF1
R10DS0254EJ0101 Rev. 1.01
Page 46 of 53
Jan. 15, 2016
Table 3-4. Scan Register Definition (1)
Register name
Description
Instruction register
The 8 bit instruction registers hold the instructions that are executed by the TAP controller.
The register can be loaded when it is placed between the TDI and TDO pins.
The
instruction register is automatically preloaded with the IDCODE instruction at power-up
whenever the controller is placed in test-logic-reset state.
Bypass register
The bypass register is a single bit register that can be placed between TDI and TDO. It
allows serial test data to be passed through the RAMs TAP to another device in the scan
chain with as little delay as possible. The bypass register is set LOW (VSS) when the
bypass instruction is executed.
ID register
The ID Register is a 32 bit register that is loaded with a device and vendor specific 32 bit
code when the controller is put in capture-DR state with the IDCODE command loaded in
the instruction register. The register is then placed between the TDI and TDO pins when
the controller is moved into shift-DR state.
Boundary register
The boundary register, under the control of the TAP controller, is loaded with the contents
of the RAMs I/O ring when the controller is in capture-DR state and then is placed between
the TDI and TDO pins when the controller is moved to shift-DR state.
Several TAP
instructions can be used to activate the boundary register.
The Scan Exit Order tables describe which device bump connects to each boundary
register location. The first column defines the bit’s position in the boundary register. The
second column is the name of the input or I/O at the bump and the third column is the bump
number.
Table 3-5. Scan Register Definition (2)
Register name
Bit size
Unit
Instruction register
8
bit
Bypass register
1
bit
ID register
32
bit
Boundary register
113
bit
Table 3-6. ID Register Definition
Part number
Organization
ID [31:28] vendor
revision no.
ID [27:12] part no.
ID [11:1] vendor ID no.
ID [0]
fix bit
µPD48288209AF1
32M x 9
0100
0001 0000 1010 0111
00000010000
1
µPD48288218AF1
16M x 18
0101
0001 0000 1010 0111
00000010000
1
µPD48288236AF1
8M x 36
0110
0001 0000 1010 0111
00000010000
1


Similar Part No. - UPD48288209AF1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD48288209AFF-E18-DW1 RENESAS-UPD48288209AFF-E18-DW1 Datasheet
1Mb / 53P
   288M-BIT Low Laten cy DRAM Common I/O
Oct 01, 2012
UPD48288209AFF-E18-DW1-A RENESAS-UPD48288209AFF-E18-DW1-A Datasheet
1Mb / 53P
   288M-BIT Low Laten cy DRAM Common I/O
Oct 01, 2012
UPD48288209AFF-E24-DW1 RENESAS-UPD48288209AFF-E24-DW1 Datasheet
1Mb / 53P
   288M-BIT Low Laten cy DRAM Common I/O
Oct 01, 2012
UPD48288209AFF-E24-DW1-A RENESAS-UPD48288209AFF-E24-DW1-A Datasheet
1Mb / 53P
   288M-BIT Low Laten cy DRAM Common I/O
Oct 01, 2012
UPD48288209AFF-E25-DW1 RENESAS-UPD48288209AFF-E25-DW1 Datasheet
1Mb / 53P
   288M-BIT Low Laten cy DRAM Common I/O
Oct 01, 2012
More results

Similar Description - UPD48288209AF1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD48288118AF1 RENESAS-UPD48288118AF1 Datasheet
1Mb / 52P
   288M-BIT Low Latency DRAM
UPD48288209-A RENESAS-UPD48288209-A Datasheet
862Kb / 50P
   288M-BIT Low Latency DRAM Common I/O
Feb 01, 2013
UPD48288118-A RENESAS-UPD48288118-A Datasheet
843Kb / 48P
   288M-BIT Low Latency DRAM Separate I/O
Feb 01, 2013
UPD48576118F1 RENESAS-UPD48576118F1 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM
UPD48576209F1 RENESAS-UPD48576209F1 Datasheet
1Mb / 54P
   576M-BIT Low Latency DRAM
UPD48288209A RENESAS-UPD48288209A Datasheet
1Mb / 53P
   288M-BIT Low Laten cy DRAM Common I/O
Oct 01, 2012
UPD48288109A RENESAS-UPD48288109A Datasheet
1Mb / 52P
   288M-BIT Low Laten cy DRAM Separate I/O
Oct 01, 2012
UPD48576209 RENESAS-UPD48576209 Datasheet
1Mb / 53P
   576M-BIT Low Latency DRAM Common I/O
Oct 01, 2012
UPD48576109 RENESAS-UPD48576109 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM Separate I/O
Oct 01, 2012
logo
Elpida Memory
EDR2518ABSE ELPIDA-EDR2518ABSE Datasheet
1Mb / 79P
   288M bits Direct Rambus DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com