Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTC2SA1020 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTC2SA1020
Description  PNP EPITAXIAL SILICON TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTC2SA1020 Datasheet(HTML) 3 Page - Unisonic Technologies

  UTC2SA1020 Datasheet HTML 1Page - Unisonic Technologies UTC2SA1020 Datasheet HTML 2Page - Unisonic Technologies UTC2SA1020 Datasheet HTML 3Page - Unisonic Technologies UTC2SA1020 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UTC2SA1020
PNP EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
3
QW-R208-021,A
I(tot)
mA
-0.4
Ic -VBE
0
-0.8
0
-1.2
-0.5
-1.0
-1.5
-2.0
Base Emitter Voltage VBE(V)
-1.6
I(tot)
mA
20
Pc-Ta
040
0
100
60
140 160
0.2
0.6
0.8
1.0
1.Mounted on Ceramic
Substrate (250mm2*0.8t)
2.Ta=25
80
0.4
I(tot)
mA
-0.01
-0.03
VCE(sat)-Ic
-0.005
-0.03
-3
-0.01
Collector Current IC(A)
-0.05
-0.1
-0.3
-0.5
-0.1
-0.3
-1
-1
COMMON EMITTER
IC/IB=20
Ta=100
25
-55
I(tot)
mA
-0.01
-0.3
VCE(sat)-Ic
-0.005
-0.03
-3
-0.1
Collector Current IC(A)
-0.5
-1
-3
-5
-0.1
-0.3
-1
-10
COMMON EMITTER
IC/IB=20
Ta=100
℃ 25℃
-55
Ta=100
25
-55
COMMON EMITTER
VCE=-2V
Ambient Temperature Ta
120
1.2
1
2
-0.3
Safe Operation Area
-1
-0.1
-0.3
-3
-0.05
-0.5
-1
Collector Emitter Voltage VCE (V)
-3
-5
-10
-30
-100
Ic max.(pulsed)*
-0.03
-0.01
Ic max.(pulsed)*
10ms*
1ms*
100
ms
*
1s*
DC OPERATION
Ta=25
*Single nonrepetitive pulse
Ta=25
Curves must be derated
linearly with increase
in temperature
VCEO MAX


Similar Part No. - UTC2SA1020

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC2SA1015 UTC-UTC2SA1015 Datasheet
62Kb / 2P
   PNP EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - UTC2SA1020

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com