Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTC2SA1020 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTC2SA1020
Description  PNP EPITAXIAL SILICON TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTC2SA1020 Datasheet(HTML) 1 Page - Unisonic Technologies

  UTC2SA1020 Datasheet HTML 1Page - Unisonic Technologies UTC2SA1020 Datasheet HTML 2Page - Unisonic Technologies UTC2SA1020 Datasheet HTML 3Page - Unisonic Technologies UTC2SA1020 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UTC2SA1020
PNP EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R208-021,A
SILICON PNP EPITAXIAL
TRANSISTOR
DESCRIPTION
The UTC 2SA1020 is designed for power amplifier and
power switching applications.
FEATURES
*Low collector saturation voltage:
VCE(sat)=-0.5V(max.) (IC=-1A)
*High speed switching time: tstg=1.0
µs(Typ.)
*Complement to UTC 2SC2655
SOT-89
1
1:EMITTER 2:COLLECTOR 3:BASE
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
Ic
-2
A
Collector Power Dissipation
PC
0.5
W
Collector Power Dissipation
PC*
1
W
Junction Temperature
Tj
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
* : Mounted on cermic substrate( 250mm2 × 0.8t )
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector cut-off current
ICBO
VCB=-50V, IE=0
-1.0
µA
Emitter cut-off current
IEBO
VEB=-5V, IC=0
-1.0
µA
Collector to emitter breakdown
voltage
V(BR)CEO
Ic=-10mA, IB=0
-50
V
DC Current Gain
hFE1
hFE2
VCE=-2V, IC=-0.5A
VCE=-2V, IC=-1.5A
70
40
240
Collector to emitter saturation
voltage
VCE(sat)
Ic=-1A, IB=-0.05A
-0.5
V
Base to emitter saturation voltage
VBE(sat)
Ic=-1A, IB=-0.05A
-1.2
V
Transition frequency
fT
VCE=-2V, Ic=-0.5A
100
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
40
pF
Turn-on time
ton
0.1
µs
Storage time
tstg
1.0
µs
Switching time
Fall time
tf
0.1
µs


Similar Part No. - UTC2SA1020

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC2SA1015 UTC-UTC2SA1015 Datasheet
62Kb / 2P
   PNP EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - UTC2SA1020

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com