Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD48576118F1 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # UPD48576118F1
Description  576M-BIT Low Latency DRAM
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD48576118F1 Datasheet(HTML) 1 Page - Renesas Technology Corp

  UPD48576118F1 Datasheet HTML 1Page - Renesas Technology Corp UPD48576118F1 Datasheet HTML 2Page - Renesas Technology Corp UPD48576118F1 Datasheet HTML 3Page - Renesas Technology Corp UPD48576118F1 Datasheet HTML 4Page - Renesas Technology Corp UPD48576118F1 Datasheet HTML 5Page - Renesas Technology Corp UPD48576118F1 Datasheet HTML 6Page - Renesas Technology Corp UPD48576118F1 Datasheet HTML 7Page - Renesas Technology Corp UPD48576118F1 Datasheet HTML 8Page - Renesas Technology Corp UPD48576118F1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
R10DS0257EJ0101 Rev. 1.01
Page 1 of 51
Jan. 15, 2016
Datasheet
µµµµPD48576118F1
576M-BIT Low Latency DRAM
Separate I/O
Description
The
µPD48576118F1 is a 33,554,432 word by 18 bit synchronous double data rate Low Latency RAM fabricated with
advanced CMOS technology using one-transistor memory cell.
The
µPD48576118F1 integrate unique synchronous peripheral circuitry and a burst counter. All input registers
controlled by an input clock pair (CK and CK#) are latched on the positive edge of CK and CK#. These products are
suitable for application which require synchronous operation, high speed, low voltage, high density and wide bit
configuration.
Specification
• Density: 576M bit
• Organization
-
Separate I/O: 4M words x 18 bits x 8 banks
• Operating frequency: 533 / 400 / 300 MHz
• Interface: HSTL I/O
• Package: 144-pin FBGA
-
Package size: 18.5 x 11
-
Lead free
• Power supply
-
2.5 V VEXT
-
1.8 V VDD
-
1.5 V or 1.8 V VDDQ
• Refresh command
-
Auto Refresh
-
16K cycle / 32 ms for each bank
-
128K cycle / 32 ms for total
• Operating case temperature : Tc = 0 to 95°C
Features
• SRAM-type interface
• Double-data-rate architecture
• PLL circuitry
• Cycle time:
1.875 ns @ tRC = 15 ns
2.5 ns @ tRC = 15 ns
2.5 ns @ tRC = 20 ns
3.3 ns @ tRC = 20 ns
• Non-multiplexed addresses
• Multiplexing option is available.
• Data mask for WRITE commands
• Differential input clocks (CK and CK#)
• Differential input data clocks (DK and DK#)
• Data valid signal (QVLD)
• Programmable burst length: 2 / 4 / 8 (x18)
• User programmable impedance output (25 Ω - 60 Ω)
• JTAG boundary scan
R10DS0257EJ0101
Rev. 1.01
Jan. 15, 2016


Similar Part No. - UPD48576118F1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD48576118FF-E18-DW1 RENESAS-UPD48576118FF-E18-DW1 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM Separate I/O
Oct 01, 2012
UPD48576118FF-E18-DW1-A RENESAS-UPD48576118FF-E18-DW1-A Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM Separate I/O
Oct 01, 2012
UPD48576118FF-E24-DW1 RENESAS-UPD48576118FF-E24-DW1 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM Separate I/O
Oct 01, 2012
UPD48576118FF-E24-DW1-A RENESAS-UPD48576118FF-E24-DW1-A Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM Separate I/O
Oct 01, 2012
UPD48576118FF-E25-DW1 RENESAS-UPD48576118FF-E25-DW1 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM Separate I/O
Oct 01, 2012
More results

Similar Description - UPD48576118F1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD48576209F1 RENESAS-UPD48576209F1 Datasheet
1Mb / 54P
   576M-BIT Low Latency DRAM
UPD48576109 RENESAS-UPD48576109 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM Separate I/O
Oct 01, 2012
UPD48576209 RENESAS-UPD48576209 Datasheet
1Mb / 53P
   576M-BIT Low Latency DRAM Common I/O
Oct 01, 2012
UPD48288209AF1 RENESAS-UPD48288209AF1 Datasheet
1Mb / 54P
   288M-BIT Low Latency DRAM
UPD48288118AF1 RENESAS-UPD48288118AF1 Datasheet
1Mb / 52P
   288M-BIT Low Latency DRAM
UPD48288209-A RENESAS-UPD48288209-A Datasheet
862Kb / 50P
   288M-BIT Low Latency DRAM Common I/O
Feb 01, 2013
UPD48288118-A RENESAS-UPD48288118-A Datasheet
843Kb / 48P
   288M-BIT Low Latency DRAM Separate I/O
Feb 01, 2013
logo
GSI Technology
GS4576C36GL-25I GSI-GS4576C36GL-25I Datasheet
2Mb / 63P
   576Mb CIO Low Latency DRAM (LLDRAM II)
logo
Micron Technology
MT49H8M32 MICRON-MT49H8M32 Datasheet
652Kb / 43P
   REDUCED LATENCY DRAM RLDRAM
logo
Renesas Technology Corp
RMHE41A184AGBG RENESAS-RMHE41A184AGBG Datasheet
644Kb / 52P
   1.1G-BIT Low Latency DRAM-III Common I/O Burst Length of 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com