Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45R2K-C Datasheet(PDF) 46 Page - Holtek Semiconductor Inc

Part # HT45R2K-C
Description  Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R2K-C Datasheet(HTML) 46 Page - Holtek Semiconductor Inc

Back Button HT45R2K-C_15 Datasheet HTML 42Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 43Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 44Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 45Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 46Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 47Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 48Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 49Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 50Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 105 page
background image
Rev. 1.40
46
�a��� 1�� �01�
Rev. 1.40
47
�a��� 1�� �01�
HT45R2K-C/-B/-A
Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45R2K-C/-B/-A
Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
TheTimer/EventCounter1preloadregisterischangedwheneachtimethereisawriteoperation
toTMR1H.ReadingTMR1HwilllatchthecontentsofTMR1HandTMR1Lcounterstothe
destinationandthelower-orderbytebuffer,respectively.ReadingTMR1Lwillreadthecontentsof
thelower-orderbytebuffer.TMR1CistheTimer/EventCounter1controlregister,whichdefinesthe
operatingmode,countingenableordisable,theTMR1activeedgeandtheprescalerstageselections.
AlsotherearethreeregistersrelatedtotheTimer/EventCounter2namedTMR2H,TMR2Land
TMR2C.TheoperationsofreadingfromandwritingtotheTimer/EventCounter2registersnamed
TMR2HandTMR2LarethesamewithTimer/EventCounter1describedabove.
TheTxM0andTxM1bitsinTMRxCregisterwherexmaybeequalto0,1or2definetheoperation
mode.Theeventcountmodeisusedtocountexternalevents,whichmeansthattheclocksource
mustcomefromtheexternal(TMR0,TMR1orTMR2)pin.Thetimermodefunctionsasanormal
timerwiththeclocksourcecomingfromtheinternalselectedclocksource.
Finally,thepulsewidthmeasurementmodecanbeusedtocountahighorlowleveldurationofan
externalsignalontheTMR0,TMR1orTMR2pinswiththetimingbasedontheinternallyselected
clocksource.Intheeventcountortimermode,theTimer/EventCounterstartscountingatthe
currentcontentsintheTimer/EventCounterandendsatFFHfor-8-bitcounterorFFFFHfor16-
bitcounter.Onceanoverflowoccurs,thecounterisreloadedfromthetimer/eventcounterpreload
register,andgeneratesaninterruptrequestflag,T0F,T1ForT2F.Inthepulsewidthmeasurement
modewiththevaluesoftheTimerenablecontrolbitTxONandtheactiveedgecontrolbitTxE
equalto“1”,aftertheTMRxpinhasreceivedatransientfromlowtohigh(orhightolowiftheTxE
bitis“0”),itwillstartcountinguntiltheTMRxpinreturnstotheoriginallevelandresetstheTxON
bit.Themeasuredresultremainsinthetimer/eventcountereveniftheactivatedtransientoccurs
again.Therefore,onlya1-cyclemeasurementcanbemadeuntiltheTxONbitisagainset.Thecycle
measurementwillre-functionaslongasitreceivesfurthertransientpulses.Inthisoperationmode,
thetimer/eventcounterbeginscountingnotaccordingtothelogiclevelbuttothetransientedges.
Inthecaseofcounteroverflows,thecounterisreloadedfromthetimer/eventcounterregisterand
issuesaninterruptrequest,asintheothertwomodes,i.e.,eventandtimermodes.
Re l oad
Ov er fl ow
to In te rr up t
T0 M1 T0 M0
TM R0
T0 E
M ode C ont ro l
8- bi t T im er /E v ent C ount er
Pr el oad Re gi s te r
8- Bi t Ti me r/ Ev ent C ount er
(T MR 0)
Da ta B us
T0 PS C2 ~T 0P SC 0
1/ 2
BZ 0
8- st age P re sca le r
8- 1 MU X
f IN T0
M
U
X
f SYS
T0 S
f T0
M
U
X
LF S
LI RC ( 12k Hz )
LX T ( 32. 768k Hz )
f L
T0 OM
Timer/Event Count 0
TM R1
T1 E
Da ta B us
Re l oad
Ov er fl ow
to I nt er ru pt
Low B yt e
Bu ffe r
Hi gh By te Low B yt e
16- Bi t Ti me r/ Ev ent C ount er
16- bi t Ti me r/ Ev en t C ount er
Pr el oad Re gi st er
1/ 2
BZ 1
f IN T1
8- st age P re sca le r
8- 1 MU X
T1 PS C2 ~T 1P SC 0
M
U
X
f SYS /4
T1 S
f T1
M
U
X
LF S
LI RC( 12k Hz )
LX T ( 32. 768k Hz )
f L
T1 M1 T1 M0
M ode C ont ro l
T1 OM
Timer/Event Count 1


Similar Part No. - HT45R2K-C_15

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45R2K-C HOLTEK-HT45R2K-C Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
More results

Similar Description - HT45R2K-C_15

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45R2K-C HOLTEK-HT45R2K-C Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45F77 HOLTEK-HT45F77 Datasheet
7Mb / 203P
   Body Fat Scale Flash MCU
HT45F75 HOLTEK-HT45F75 Datasheet
8Mb / 190P
   Body Fat Scale Flash MCU
BH66F2650 HOLTEK-BH66F2650 Datasheet
8Mb / 223P
   Body Fat Measurment Flash MCU
logo
Cypress Semiconductor
CYDC256B16 CYPRESS-CYDC256B16 Datasheet
610Kb / 26P
   1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
CYDM256A16 CYPRESS-CYDM256A16 Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_09 Datasheet
571Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_08 Datasheet
548Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
logo
Catalyst Semiconductor
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
logo
Cypress Semiconductor
CYDM256B16 CYPRESS-CYDM256B16 Datasheet
889Kb / 25P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com