Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45R2K-C Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT45R2K-C
Description  Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R2K-C Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT45R2K-C_15 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 19Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 21Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 22Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 23Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 105 page
background image
Rev. 1.40
�0
�a��� 1�� �01�
Rev. 1.40
�1
�a��� 1�� �01�
HT45R2K-C/-B/-A
Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45R2K-C/-B/-A
Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
Data Memory
TheDataMemoryisavolatileareaof8-bitwideRAMinternalmemoryandisthelocationwhere
temporaryinformationisstored.
Structure
Thedatamemoryisdividedintofourbanks,Bank0~3.TheBank0issubdividedintotwosections,
thefirstoftheseisanareaofRAM,knownastheSpecialFunctionDataMemory.Herearelocated
registerswhicharenecessaryforcorrectoperationofthedevice.Manyoftheseregisterscanbe
readfromandwrittentodirectlyunderprogramcontrol,however,someremainprotectedfromuser
manipulation.ThesecondareaofDataMemoryisreservedforgeneralpurposeuse.Alllocations
withinthisareaarereadandwriteaccessibleunderprogramcontrol.
ThegeneralpurposedatamemoryBank1andBank2arededicatedfortheLCDandSinePattern
functionsrespectivelywhiletheBank3isusedforgeneralpurposedatamemory.Thetotalcapacity
ofgeneralpurposedatamemory,availablefordesigner,is256bytes,composedbyBank0and
Bank4.TheaccompanyingtableillustratestheDataMemoryarrangement.
Capacity
Bank
Description
��6×8
Bank 0(00H~3FH)
Spe�ial Fun�tion Data �emo�y( 64Bytes)
Bank 0(40H~FFH)
Gene�al Pu�pose Data �emo�y(19� Bytes)
Bank 1(40H~�BH)
Gene�al Pu�pose Data �emo�y fo� LCD(�8 Bytes)
Bank �(40H~7FH)
Gene�al Pu�pose Data �emo�y fo� Sine Patte�n(64 Bytes)
Bank 3(40H~7FH)
Gene�al Pu�pose Data �emo�y(64 Bytes)
Note:TheDataRAMCapacityconsistsofthegeneralpurposedataRAMinBank0andBank3,excepttheBank1
andBank2whichareassignedtotheLCDandSinePatternfunctions.
Allmicrocontrollerprogramsrequireanareaofread/writememorywheretemporarydatacanbe
storedandretrievedforuselater.ItisthisareaofRAMmemorythatisknownasGeneralPurpose
DataMemory.ThisareaofDataMemoryisfullyaccessiblebytheuserprogramforbothreadand
writeoperations.Byusingthe“SET[m].i”and“CLR[m].i”instructionsindividualbitscanbeset
orresetunderprogramcontrolgivingtheuseralargerangeofflexibilityforbitmanipulationinthe
DataMemory.
Forthisdevice,theDataMemoryisdividedintofourbanks,whichareselectedusingaBank
Pointer.OnlydatainBank0canbedirectlyaddressed,datainBank1~3mustbeindirectly
addressed.
B ank 0
G ene ra l
Pu r pos e
IA R0
MP 0
LC D
Me mo ry
Si ne
Pa tte rn
G eneal
Pu r pos e
IA R0
MP 0
IA R0
MP 0
IA R0
MP 0
B ank 1
B ank 2B ank 3
5B H
7F H
00H
3F H
40H
FF H
S pec ia l Pu r pos e
Da ta M em or y
G ene ra l Pu rp os e
Da ta M em or y
Da ta M em or y St ru ct ur e


Similar Part No. - HT45R2K-C_15

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45R2K-C HOLTEK-HT45R2K-C Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
More results

Similar Description - HT45R2K-C_15

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45R2K-C HOLTEK-HT45R2K-C Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45F77 HOLTEK-HT45F77 Datasheet
7Mb / 203P
   Body Fat Scale Flash MCU
HT45F75 HOLTEK-HT45F75 Datasheet
8Mb / 190P
   Body Fat Scale Flash MCU
BH66F2650 HOLTEK-BH66F2650 Datasheet
8Mb / 223P
   Body Fat Measurment Flash MCU
logo
Cypress Semiconductor
CYDC256B16 CYPRESS-CYDC256B16 Datasheet
610Kb / 26P
   1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
CYDM256A16 CYPRESS-CYDM256A16 Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_09 Datasheet
571Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_08 Datasheet
548Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
logo
Catalyst Semiconductor
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
logo
Cypress Semiconductor
CYDM256B16 CYPRESS-CYDM256B16 Datasheet
889Kb / 25P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com