Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45R2K-C Datasheet(PDF) 27 Page - Holtek Semiconductor Inc

Part # HT45R2K-C
Description  Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R2K-C Datasheet(HTML) 27 Page - Holtek Semiconductor Inc

Back Button HT45R2K-C_15 Datasheet HTML 23Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 24Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 25Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 26Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 27Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 28Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 29Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 30Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 31Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 105 page
background image
Rev. 1.40
�6
�a��� 1�� �01�
Rev. 1.40
�7
�a��� 1�� �01�
HT45R2K-C/-B/-A
Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45R2K-C/-B/-A
Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
Oscillator Configuration
Thedeviceprovidesthreesystemoscillatorcircuitsknownasacrystaloscillator(HXT),anexternal
RCoscillator(ERC)andaninternalhighspeedRCoscillator(HIRC)whichareusedforthesystem
clock.Therearealsoaninternal12kHzRC(LIRC)anda32.768kHzcrystaloscillator(LXT)which
canprovideasourceclockfortheWDTclocknamedfS,theLCDdriverclock,namedfSUBandthe
Timer/Eventcounterslowfrequencyclock,namedfL,forvarioustimingpurposes.
ERC
LXT
LIRC
High Frequency
Oscillation(HOSC)
Low Frequency
Oscillation(LOSC)
LFS
fL
fSYS
fSYS/4
fSUB
WDT
Timer
fs
HIRC
HXT
Configuration Option
“Halt”
OSCON
fSYS
FSUBS
LCD
“Halt”
FSUBC
Prescaler
(/3, /4, /8)
LCDCK [1:0]
fSYS /4
Configuration Option
System Clock Configurations
InthePowerdownmode,thesystemoscillator,theinternal12kHzRCoscillator(LIRC)orthe
external32.768kHzcrystaloscillator(LXT)maybeenabledordisableddependinguponthe
correspondingclockcontrolbitdescribedintherelevantsections.Thesystemcanbewoken-upfrom
thePowerdownmodebytheoccurrenceofaninterrupt,atransitiondeterminedbyconfiguration
optionsonanyofthePortApins,aWDToverfloworatimeroverflow.Theaccompanyingtable
illustratestheOscillatortypelist.
Type
Name
Freq.
Pins
Exte�nal C�ystal
HXT
400kHz~1��Hz
OSC1/OSC�
Exte�nal RC
ERC
400kHz~1��Hz
OSC1
Inte�nal Hig� Speed RC
HIRC
4� 8 o� 1��Hz
Exte�nal Low Speed C�ystal
LXT
3�.768kHz
XT1/XT�
Inte�nal Low Speed RC
LIRC
1�kHz
Oscillator Types


Similar Part No. - HT45R2K-C_15

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45R2K-C HOLTEK-HT45R2K-C Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
More results

Similar Description - HT45R2K-C_15

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45R2K-C HOLTEK-HT45R2K-C Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45F77 HOLTEK-HT45F77 Datasheet
7Mb / 203P
   Body Fat Scale Flash MCU
HT45F75 HOLTEK-HT45F75 Datasheet
8Mb / 190P
   Body Fat Scale Flash MCU
BH66F2650 HOLTEK-BH66F2650 Datasheet
8Mb / 223P
   Body Fat Measurment Flash MCU
logo
Cypress Semiconductor
CYDC256B16 CYPRESS-CYDC256B16 Datasheet
610Kb / 26P
   1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
CYDM256A16 CYPRESS-CYDM256A16 Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_09 Datasheet
571Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_08 Datasheet
548Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
logo
Catalyst Semiconductor
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
logo
Cypress Semiconductor
CYDM256B16 CYPRESS-CYDM256B16 Datasheet
889Kb / 25P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com