Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45R4U Datasheet(PDF) 30 Page - Holtek Semiconductor Inc

Part # HT45R4U
Description  TinyPowerTM A/D Type e-Banking ASSP OTP MCU with LCD
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R4U Datasheet(HTML) 30 Page - Holtek Semiconductor Inc

Back Button HT45R4U Datasheet HTML 26Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 27Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 28Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 29Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 30Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 31Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 32Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 33Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 34Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 105 page
background image
Rev. 1.10
30
�a��� 1�� �01�
Rev. 1.10
31
�a��� 1�� �01�
HT45R4U
TinyPowerTM A/D Type
e-Banking ASSP OTP MCU with LCD
I/O Port Control Registers
EachI/OporthasitsowncontrolregisterknownasPAC,PBC,PDCandPEC,tocontroltheinput/
outputconfiguration.Withthiscontrolregister,eachCMOSoutputorinputwithorwithoutpull-
highresistorstructurescanbereconfigureddynamicallyundersoftwarecontrol.EachpinoftheI/O
portsisdirectlymappedtoabitinitsassociatedportcontrolregister.FortheI/Opintofunctionas
aninput,thecorrespondingbitofthecontrolregistermustbewrittenasa″1″.Thiswillthenallow
thelogicstateoftheinputpintobedirectlyreadbyinstructions.Whenthecorrespondingbitofthe
controlregisteriswrittenasa″0″,theI/OpinwillbesetupasaCMOSoutput.Ifthepiniscurrently
setupasanoutput,instructionscanstillbeusedtoreadtheoutputregister.However,itshouldbe
notedthattheprogramwillinfactonlyreadthestatusoftheoutputdatalatchandnottheactual
logicstatusoftheoutputpin.
PAC Register
Bit
7
6
5
4
3
2
1
0
Name
D7
D6
D�
D4
D3
D�
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
1
1
1
1
1
1
1
1
PBCRegister
Bit
7
6
5
4
3
2
1
0
Name
D7
D6
D�
D4
D3
D�
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
1
1
1
1
1
1
1
1
PCC Register
Bit
7
6
5
4
3
2
1
0
Name
D7
D6
D�
D4
D3
D�
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
1
1
1
1
1
1
1
1
PDC Register
Bit
7
6
5
4
3
2
1
0
Name
D7
D6
D�
D4
D3
D�
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
1
1
1
1
1
1
1
1
Bit7~0
I/OPortbit7~bit0Input/OutputControl
0:output
1:input
PEC Register
Bit
7
6
5
4
3
2
1
0
Name
D1
D0
R/W
R/W
R/W
POR
1
1
Bit7~2
Unimplemented,readas"0"
Bit1~0
PortEbit1~bit0Input/OutputControl
0:output
1:input


Similar Part No. - HT45R4U

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45R06 HOLTEK-HT45R06 Datasheet
313Kb / 41P
   A/D Type 8-Bit OTP MCU
HT45R22E HOLTEK-HT45R22E Datasheet
432Kb / 72P
   Remote Type 8-bit OTP MCU with EEPROM
HT45R2K-A HOLTEK-HT45R2K-A Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45R2K-A HOLTEK-HT45R2K-A Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45R2K-B HOLTEK-HT45R2K-B Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
More results

Similar Description - HT45R4U

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT56R66 HOLTEK-HT56R66_12 Datasheet
745Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_12 Datasheet
786Kb / 108P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_13 Datasheet
5Mb / 145P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R64 HOLTEK-HT56R64_12 Datasheet
674Kb / 90P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT82R732 HOLTEK-HT82R732 Datasheet
436Kb / 74P
   e-Banking 8-Bit OTP MCU
HT56R22 HOLTEK-HT56R22 Datasheet
739Kb / 131P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R22 HOLTEK-HT56R22_12 Datasheet
824Kb / 134P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R67 HOLTEK-HT56R67_10 Datasheet
696Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit MCU
HT56R22 HOLTEK-HT56R22_14 Datasheet
718Kb / 127P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R67 HOLTEK-HT56R67_12 Datasheet
758Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com