Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R002 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT46R002
Description  Cost-Effective A/D 8-Bit OTP MCU
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R002 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT46R002 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 83 page
background image
Rev. 1.21
22
April 11, 2017
Rev. 1.21
23
April 11, 2017
HT46R002/HT46R003
Cost-Effective A/D 8-Bit OTP MCU
HT46R002/HT46R003
Cost-Effective A/D 8-Bit OTP MCU
Oscillator
Variousoscillatoroptionsoffertheuserawiderangeoffunctionsaccordingtotheirvarious
applicationrequirements.Theflexiblefeaturesoftheoscillatorfunctionsensurethatthebest
optimizationcanbeachievedintermsofspeedandpowersaving.
System Oscillator Overview
Inadditiontobeingthesourceofthemainsystemclocktheoscillatorsalsoprovideclocksources
fortheWatchdogTimerfunction,PWMandTimer/Eventcounter.
Type
Name
Freq.
Internal High Speed RC
HIRC
8MHz
Internal Low Speed RC
LIRC
12kHz
Oscillator Types
System Clock Configurations
Thereisonesystemoscillatorimplementedinthesedevices,internal8MHzRC,HIRC.Alsothere
isaninternal12kHzRCoscillatorLIRCusedastheclocksourcefortheWDTfunction,PWMand
Timer/Eventcounter.Moredetailsaredescribedintheaccompanysections.
Internal RC Oscillator – HIRC
TheinternalRCoscillatorisafullyintegratedsystemoscillatorrequiringnoexternalcomponents.
TheinternalRCoscillatorhasthefrequencyof8MHz.Devicetrimmingduringthemanufacturing
processandtheinclusionofinternalfrequencycompensationcircuitisusedtoensurethatthe
influenceofthepowersupplyvoltage,temperatureandprocessvariationsontheoscillation
frequencyareminimized.Notethatthisinternalsystemclockoptionrequiresnoexternalpinsforits
operation.RefertotheA.C.Characteristicsformorefrequencyaccuracydetails.
Internal 12kHz Oscillator – LIRC
TheLIRCisafullyself-containedfreerunningon-chipRCoscillatorwithatypicalfrequencyof
12kHzat5V,requiringnoexternalcomponentsforitsimplementation.Whenthedeviceentersthe
SleepMode,thesystemclockwillstoprunningbuttheLIRCoscillatorcontinuestofree-runand
tokeepthewatchdogactive.However,topreservepowerincertainapplicationstheLIRCcanbe
disabledbydisablingtheWDTfunction,PWMandTimer/Eventcounter.Timer/Eventcounterand
PWMfunctioninthehaltmode.


Similar Part No. - HT46R002

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R003B HOLTEK-HT46R003B Datasheet
5Mb / 76P
   Cost-Effective A/D 8-bit OTP MCU
HT46R004 HOLTEK-HT46R004 Datasheet
5Mb / 84P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R0042 HOLTEK-HT46R0042 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R005 HOLTEK-HT46R005 Datasheet
383Kb / 62P
   Small Package 8-Bit OTP MCU
HT46R005 HOLTEK-HT46R005_12 Datasheet
394Kb / 62P
   Small Package 8-Bit OTP MCU
More results

Similar Description - HT46R002

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R0042 HOLTEK-HT46R0042 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R004 HOLTEK-HT46R004 Datasheet
5Mb / 84P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R003B HOLTEK-HT46R003B Datasheet
5Mb / 76P
   Cost-Effective A/D 8-bit OTP MCU
HT46R46-H HOLTEK-HT46R46-H Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R48 HOLTEK-HT46R48 Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R47-H HOLTEK-HT46R47-H Datasheet
293Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R48E HOLTEK-HT46R48E Datasheet
339Kb / 46P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT48R002 HOLTEK-HT48R002 Datasheet
5Mb / 71P
   Cost-Effective I/O 8-Bit OTP MCU
HT46R46E HOLTEK-HT46R46E Datasheet
318Kb / 45P
   Cost-Effective A/D Type 8-Bit MCU
HT46R4A HOLTEK-HT46R4A Datasheet
468Kb / 60P
   Cost-Effective A/D Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com