Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R068B Datasheet(PDF) 47 Page - Holtek Semiconductor Inc

Part # HT46R068B
Description  Enhanced A/D 8-Bit OTP MCU
Download  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R068B Datasheet(HTML) 47 Page - Holtek Semiconductor Inc

Back Button HT46R068B_15 Datasheet HTML 43Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 44Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 45Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 46Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 47Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 48Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 49Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 50Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 51Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 135 page
background image
Rev. 1.50
46
�e���a�� 05� �015
Rev. 1.50
47
�e���a�� 05� �015
HT46R068B/HT46R069B
Enhanced A/D 8-Bit OTP MCU
HT46R068B/HT46R069B
Enhanced A/D 8-Bit OTP MCU
Input/Output Ports
HoltekmicrocontrollersofferconsiderableflexibilityontheirI/Oports.Mostpinscanhaveeitheran
inputoroutputdesignationunderuserprogramcontrol.Additionally,astherearepull-highresistors
andwake-upsoftwareconfigurations,theuserisprovidedwithanI/Ostructuretomeettheneedsof
awiderangeofapplicationpossibilities.
Forinputoperation,theseportsarenon-latching,whichmeanstheinputsmustbereadyattheT2
risingedgeofinstruction"MOVA,[m]",wheremdenotestheportaddress.Foroutputoperation,all
thedataislatchedandremainsunchangeduntiltheoutputlatchisrewritten.
Pull-high Resistors
Manyproductapplicationsrequirepull-highresistorsfortheirswitchinputsusuallyrequiringtheuse
ofanexternalresistor.Toeliminatetheneedfortheseexternalresistors,whenconfiguredasaninput
havethecapabilityofbeingconnectedtoaninternalpull-highresistor.Thesepull-highresistorsare
selectableviaaregisterknownasPAPU,PBPU,PCPU,PDPU,PEPUandPFPUlocatedintheData
Memory.Thepull-highresistorsareimplementedusingweakPMOStransistors.NotethatpinPA7
doesnothaveapull-highresistorselection.
Port A Wake-up
IftheHALTinstructionisexecuted,thedevicewillentertheIdle/SleepMode,wherethesystem
clockwillstopresultinginpowerbeingconserved,afeaturethatisimportantforbatteryandother
low-powerapplications.
Variousmethodsexisttowake-upthemicrocontroller,oneofwhichistochangethelogiccondition
ononeofthePA0~PA7pinsfromhightolow.AfteraHALTinstructionforcesthemicrocontroller
intoenteringtheIdle/SleepMode,theprocessorwillremainidleorinalow-powerstateuntilthe
logicconditionoftheselectedwake-uppinonPortAchangesfromhightolow.Thisfunctionis
especiallysuitableforapplicationsthatcanbewokenupviaexternalswitches.NotethatpinsPA0
toPA7canbeselectedindividuallytohavethiswake-upfeatureusinganinternalregisterknownas
PAWK,locatedintheDataMemory.


Similar Part No. - HT46R068B_15

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R068B HOLTEK-HT46R068B_12 Datasheet
4Mb / 134P
   Enhanced A/D Type 8-bit OTP MCU
More results

Similar Description - HT46R068B_15

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R063B HOLTEK-HT46R063B Datasheet
550Kb / 96P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064 HOLTEK-HT46R064 Datasheet
564Kb / 99P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064 HOLTEK-HT46R064_13 Datasheet
685Kb / 101P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R068B HOLTEK-HT46R068B Datasheet
5Mb / 134P
   Enhanced A/D Type 8-bit OTP MCU
HT46R016 HOLTEK-HT46R016 Datasheet
5Mb / 91P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R068B HOLTEK-HT46R068B_12 Datasheet
4Mb / 134P
   Enhanced A/D Type 8-bit OTP MCU
HT46R064 HOLTEK-HT46R064_12 Datasheet
651Kb / 102P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064B HOLTEK-HT46R064B_12 Datasheet
636Kb / 98P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R0664 HOLTEK-HT46R0664_12 Datasheet
3Mb / 94P
   Enhanced A/DLCD Type 8-Bit OTP MCU
HT46R0664 HOLTEK-HT46R0664 Datasheet
3Mb / 92P
   Enhanced A/DLCD Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com