Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46RU67 Datasheet(PDF) 26 Page - Holtek Semiconductor Inc

Part # HT46RU67
Description  100-pin LQFP
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46RU67 Datasheet(HTML) 26 Page - Holtek Semiconductor Inc

Back Button HT46RU67_14 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46RU67_14 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46RU67_14 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46RU67_14 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46RU67_14 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46RU67_14 Datasheet HTML 27Page - Holtek Semiconductor Inc HT46RU67_14 Datasheet HTML 28Page - Holtek Semiconductor Inc HT46RU67_14 Datasheet HTML 29Page - Holtek Semiconductor Inc HT46RU67_14 Datasheet HTML 30Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 68 page
background image
HT46RU67/HT46CU67
Rev. 1.30
26
2014-06-10
PB 口可以用作 A/D 转换输入。PWM 功能与 PD0/PD1/PD2/PD3 共用引脚。如果使能 PWM 功能,
PD0/PD1/PD2/PD3 工作在输出模式,则 PD0/PD1/PD2/PD3 引脚为 PWM0/PWM1/PWM2/PWM3 信号输出。
向 PD0~PD3 数据寄存器写入“1”,则输出 PWM 信号;而向 PD0~PD3 数据寄存器写入“0”,则 PD0~PD3
输出保持为“0”。PD0~PD3 的输入/输出功能如下所示:
I/O 模式
I/P(正常)
O/P(正常)
I/P(PWM)
O/P(PWM)
PD0~PD3
逻辑输入
逻辑输出
逻辑输入
PWM0~PWM3
建议用软件将未使用和没有引出的输入/输出口设置为输出模式,以防止这些端口在输入浮空时增加系
统的功耗。
PFD 的控制信号和输出频率如下所示:
定时/计数器
定时/计数
器预置值
PA3 数据
寄存器
PA3 引脚
状态
PFD 输出频率
关闭
X
0
0
X
关闭
X
1
U
X
打开
N
0
0
X
打开
N
1
PFD
fTMR/[2×(M-N)]
注:
“X”表示未定义
“U”表示未知
对于 PFD0 或 PFD1,“M”等于“65536”
“N”定时/计数器初始值
fTMR”定时/计数器输入频率


Similar Part No. - HT46RU67_14

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46RU67 HOLTEK-HT46RU67 Datasheet
496Kb / 67P
   A/D Type 8-Bit MCU with LCD
More results

Similar Description - HT46RU67_14

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R64 HOLTEK-HT46R64_14 Datasheet
1Mb / 51P
   52/100-pin LQFP
logo
Renesas Technology Corp
R0E55630EDMB01 RENESAS-R0E55630EDMB01 Datasheet
309Kb / 8P
   100-pin 0.5mm-pitch LQFP
R0E5563NEDMB01 RENESAS-R0E5563NEDMB01 Datasheet
338Kb / 8P
   100-pin 0.5mm-pitch LQFP
logo
Holtek Semiconductor In...
HT48R52A HOLTEK-HT48R52A_14 Datasheet
816Kb / 36P
   44-pin QFP / LQFP
HT48R54A HOLTEK-HT48R54A_14 Datasheet
509Kb / 42P
   44-pin QFP/LQFP
logo
Renesas Technology Corp
R0E55630EDMB00 RENESAS-R0E55630EDMB00 Datasheet
344Kb / 8P
   144-pin 0.5mm-pitch LQFP
R0E5563NEDMB00 RENESAS-R0E5563NEDMB00 Datasheet
325Kb / 8P
   144-pin 0.5mm-pitch LQFP
M3T-100LCC-QSD RENESAS-M3T-100LCC-QSD Datasheet
146Kb / 1P
   Converter for Connecting 100-pin 0.65mm-pitch LCC to 100-pin 0.5mm-pitch LQFP
logo
Holtek Semiconductor In...
HT46R62 HOLTEK-HT46R62_13 Datasheet
1Mb / 50P
   52-pin LQFP竊?6-pin SSOP
logo
Renesas Technology Corp
M3T-FLX-100NSD RENESAS-M3T-FLX-100NSD Datasheet
361Kb / 1P
   Converter for Connecting 100-core Flexible Board FLX100 to 100-pin 0.5mm-pitch LQFP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com