Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48R002 Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT48R002
Description  Cost-Effective I/O 8-Bit OTP MCU
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R002 Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT48R002 Datasheet HTML 28Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 29Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 30Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 31Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 32Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 33Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 34Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 35Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 71 page
background image
Rev. 1.11
32
April 11, 2017
Rev. 1.11
33
April 11, 2017
HT48R002/HT48R003
Cost-Effective I/O 8-Bit OTP MCU
HT48R002/HT48R003
Cost-Effective I/O 8-Bit OTP MCU
HT48R003
Register
Power-on Reset
RES Reset
(Normal operation) RES Reset (HALT)
WDT Time-out
(Normal Operation)
WDT Time-out
(HALT)*
PCL
0000 0000
0000 0000
0000 0000
0000 0000
0000 0000
MP0
1xxx xxxx
1uuu uuuu
1uuu uuuu
1uuu uuuu
1uuu uuuu
MP1
1xxx xxxx
1uuu uuuu
1uuu uuuu
1uuu uuuu
1uuu uuuu
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
--xx xxxx
--uu uuuu
--uu uuuu
--uu uuuu
--uu uuuu
WDTS
---- -1 1 1
---- -1 1 1
---- -1 1 1
---- -1 1 1
---- -uuu
STATUS
--00 xxxx
--uu uuuu
--01 uuuu
--1u uuuu
--1 1 uuuu
INTC0
--00 -000
--00 -000
--00 -000
--00 -000
--uu -uuu
TMR0
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMR0C
00-0 1000
00-0 1000
00-0 1000
00-0 1000
uu-u uuuu
PA
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAWU
--0- -000
--0- -000
--0- -000
--0- -000
--u- -uuu
PAPU
-000 0000
-000 0000
-000 0000
-000 0000
-uuu uuuu
PC
- - 11 1111
- - 11 1111
- - 11 1111
- - 11 1111
--uu uuuu
PCC
- - 11 1111
- - 11 1111
- - 11 1111
- - 11 1111
--uu uuuu
PCPU
--00 0000
--00 0000
--00 0000
--00 0000
--uu uuuu
CTRL0
---- -0--
---- -0--
---- -0--
---- -0--
---- -u--
CTRL1
10- - - - - -
10- - - - - -
10- - - - - -
10- - - - - -
uu- - - - - -
WDTC
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
EXTRESB
---0 0000
---0 0000
---0 0000
---0 0000
---u uuuu
Note:“*”means“warmreset”
“-”notimplement
“u”means“unchanged”
“x”means“unknown”


Similar Part No. - HT48R002

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R005 HOLTEK-HT48R005 Datasheet
383Kb / 62P
   Small Package 8-Bit OTP MCU
HT48R005 HOLTEK-HT48R005_12 Datasheet
394Kb / 62P
   Small Package 8-Bit OTP MCU
HT48R006 HOLTEK-HT48R006 Datasheet
451Kb / 72P
   Small Package 8-Bit OTP MCU
More results

Similar Description - HT48R002

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R0AA-1 HOLTEK-HT48R0AA-1 Datasheet
262Kb / 40P
   Cost-Effective I/O Type 8-Bit OTP MCU
HT48R062 HOLTEK-HT48R062_08 Datasheet
230Kb / 31P
   Cost-Effective I/O Type 8-Bit MCU
HT48R05A-1 HOLTEK-HT48R05A-1_08 Datasheet
287Kb / 39P
   Cost-Effective I/O Type 8-Bit MCU
HT48C05 HOLTEK-HT48C05 Datasheet
264Kb / 38P
   Cost-Effective I/O Type 8-Bit MCU
HT48R07A-1 HOLTEK-HT48R07A-1 Datasheet
298Kb / 37P
   Cost-Effective I/O Type 8-Bit MCU
HT48R062 HOLTEK-HT48R062 Datasheet
220Kb / 31P
   Cost-Effective I/O Type 8-Bit MCU
HT46R002 HOLTEK-HT46R002 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R004 HOLTEK-HT46R004 Datasheet
5Mb / 84P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R003B HOLTEK-HT46R003B Datasheet
5Mb / 76P
   Cost-Effective A/D 8-bit OTP MCU
HT46R0042 HOLTEK-HT46R0042 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com