Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82B40R Datasheet(PDF) 30 Page - Holtek Semiconductor Inc

Part # HT82B40R
Description  I/O 8-Bit MCU with USB Interface
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82B40R Datasheet(HTML) 30 Page - Holtek Semiconductor Inc

Back Button HT82B40R_14 Datasheet HTML 26Page - Holtek Semiconductor Inc HT82B40R_14 Datasheet HTML 27Page - Holtek Semiconductor Inc HT82B40R_14 Datasheet HTML 28Page - Holtek Semiconductor Inc HT82B40R_14 Datasheet HTML 29Page - Holtek Semiconductor Inc HT82B40R_14 Datasheet HTML 30Page - Holtek Semiconductor Inc HT82B40R_14 Datasheet HTML 31Page - Holtek Semiconductor Inc HT82B40R_14 Datasheet HTML 32Page - Holtek Semiconductor Inc HT82B40R_14 Datasheet HTML 33Page - Holtek Semiconductor Inc HT82B40R_14 Datasheet HTML 34Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
HT82B40R/HT82B40A
Rev. 1.70
30
November 5, 2014
Bit No.
Label
R/W
Function
0
SUSPEND
R
Read only,
USB suspend indication. When this bit is set to ²1² (set by the SIE), it indi-
cates that the USB bus has entered the suspend mode. The USB interrupt is also trig-
gered on any change of this bit.
1
RMOT_ WK
W
USB remote wake up command. Set by the MCU to force the USB host to leave the
suspend mode. When this bit is set to
²1²,a2ms delay for clearing this bit to ²0² is
needed to insure the RMWK command is accepted by SIE.
2
URST_FLAG R/W
USB reset indication. This bit is set/cleared by the USB SIE. This bit is used to detect
which bus (PS2 or USB) is attached. When the URST is set to
²1², this indicates that
a USB reset has occurred (the attached bus is USB) and a USB interrupt will be in-
itialised.
3
RESUME_O
R
USB resume indication. When the USB leaves the suspend mode, this bit is set to
²1²
(set by the SIE). This bit will appear for 20ms waiting for the MCU to detect. When the
RESUME is set by the SIE, an interrupt will be generated to wake-up the MCU. In or-
der to detect the suspend state, the MCU should set the USBCKEN and clear SUSP2
(in the SCC register) to enable the SIE detect function. The RESUME will be cleared
while SUSP is going to
²0². When the MCU is detecting the SUSP, the condition of
RESUME (which wakes-up the MCU ) should be noted and taken into consideration.
4
PS2_DAI
R
Read only, USBPDN/DATA input
5
PS2_CKI
R
Read only, USBPDP/CLK input
6
PS2_DAO
W
Data for driving the USBPDN/DATA pin when working under 3D PS2 mouse function.
(Default=
²1²)
7
PS2_CKO
W
Data for driving the USBPDP/CLK pin when working under 3D PS2 mouse function.
(Default=
²1²)
USC (20H) Register
The USR (USB endpoint interrupt status register) register is used to indicate which endpoint is accessed and to select
the serial bus, PS2 or USB. The endpoint request flags, EP0IF, EP1IF and EP2IF, are used to indicate which endpoints
are accessed. If an endpoint is accessed, the related endpoint request flag will be set to
²1² and the USB interrupt will
occur, if the USB interrupt is enabled and the stack is not full. When the active endpoint request flag is served, the end-
point request flag has to be cleared to
²0².
Bit No.
Label
R/W
Function
0
EP0_INT
R/W
When this bit is set to
²1² (set by the SIE), it indicates that endpoint 0 is accessed
and a USB interrupt will occur. When the interrupt has been served, this bit should
be cleared by firmware.
1
EP1_INT
R/W
When this bit is set to
²1² (set by the SIE), it indicates that endpoint 1 is accessed
and a USB interrupt will occur. When the interrupt has been served, this bit should
be cleared by firmware.
2
EP2_INT
R/W
When this bit is set to
²1² (set by the SIE), it indicates that endpoint 2 is accessed
and a USB interrupt will occur. When the interrupt has been served, this bit should
be cleared by firmware.
3, 6
¾¾
Reserved
4
5
MODE_CTRL0
MODE_CTRL1
R/W
00 : Non-USB mode, turn-off V33O, both USBPDP and USBPDN can be read and
write - default
01 : Non-USB mode, has 200
W between VDD and V33O, both USBPDP and
USBPDN can be read and write
10 : USB mode, 1.5k
W between USBPDN and V33O, V33O output 3.3V,
both USBPDP and USBPDN are read only
11 : Non-USB mode, V33O output 3.3V, both USBPDP and USBPDN can be read
and write
7
USB_flag
R/W
This flag is used to indicate that the
MCUis in the USB mode - Bit=1
This bit is R/W by FW and will be cleared to
²0² after power-on reset - Default=²0²
USR (21H) Register


Similar Part No. - HT82B40R_14

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82B40R HOLTEK-HT82B40R_11 Datasheet
392Kb / 58P
   I/O MCU with USB Interface
More results

Similar Description - HT82B40R_14

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82B40R HOLTEK-HT82B40R Datasheet
416Kb / 57P
   I/O MCU with USB Interface
HT82B40R HOLTEK-HT82B40R_11 Datasheet
392Kb / 58P
   I/O MCU with USB Interface
HT82B42R HOLTEK-HT82B42R Datasheet
3Mb / 86P
   I/O MCU with USB Interface
HT82B60R HOLTEK-HT82B60R Datasheet
489Kb / 70P
   I/O MCU with USB Interface
HT82B42R HOLTEK-HT82B42R_14 Datasheet
3Mb / 84P
   I/O MCU with USB Interface
HT68FB30 HOLTEK-HT68FB30 Datasheet
208Kb / 26P
   Enhanced I/O Flash Type 8-Bit MCU with EEPROM & USB Interface
HT68FB540 HOLTEK-HT68FB540 Datasheet
5Mb / 199P
   I/O Flash USB 8-Bit MCU with SPI
HT82A525R HOLTEK-HT82A525R_16 Datasheet
385Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
HT82A525R HOLTEK-HT82A525R Datasheet
505Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
HT82A525R HOLTEK-HT82A525R_12 Datasheet
446Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com