Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82B42R Datasheet(PDF) 58 Page - Holtek Semiconductor Inc

Part # HT82B42R
Description  I/O MCU with USB Interface
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82B42R Datasheet(HTML) 58 Page - Holtek Semiconductor Inc

Back Button HT82B42R_14 Datasheet HTML 54Page - Holtek Semiconductor Inc HT82B42R_14 Datasheet HTML 55Page - Holtek Semiconductor Inc HT82B42R_14 Datasheet HTML 56Page - Holtek Semiconductor Inc HT82B42R_14 Datasheet HTML 57Page - Holtek Semiconductor Inc HT82B42R_14 Datasheet HTML 58Page - Holtek Semiconductor Inc HT82B42R_14 Datasheet HTML 59Page - Holtek Semiconductor Inc HT82B42R_14 Datasheet HTML 60Page - Holtek Semiconductor Inc HT82B42R_14 Datasheet HTML 61Page - Holtek Semiconductor Inc HT82B42R_14 Datasheet HTML 62Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 84 page
background image
Rev. 1.10
�8
�ove��e� 0�� �01�
Rev. 1.10
�9
�ove��e� 0�� �01�
HT82B42R/HT82B42RE
I/O MCU with USB Interface
TheSPIfunctioninthisdeviceoffersthefollowingfeatures:
• Fullduplexsynchronousdatatransfer
• BothMasterandSlavemodes
• LSBfirstorMSBfirstdatatransmissionmodes
• Transmissioncompleteflag
• Risingorfallingactiveclockedge
ThestatusoftheSPIinterfacepinsisdeterminedbyanumberoffactorssuchaswhetherthedevice
isinthemasterorslavemodeandupontheconditionofcertaincontrolbitssuchasSPI_CSENand
SPI_EN.
SPI Registers
TherearethreeinternalregisterswhichcontroltheoveralloperationoftheSPIinterface.Theseare
theSBDRdataregisterandtworegistersSPIRandSBCR.
Register
Name
Bit
7
6
5
4
3
2
1
0
SPIR
SPI_E� SPI_CSE� SPI_MODE SPI_CPOL
SBCR
CKS
M1
M0
SBE�
MLS
CSE�
WCOL
TRF
SBDR
D7
D6
D�
D�
D3
D�
D1
D0
TheSBDRregisterisusedtostorethedatabeingtransmittedandreceived.Beforethedevicewrites
datatotheSPIbus,theactualdatatobetransmittedmustbeplacedintheSBDRregister.Afterthe
dataisreceivedfromtheSPIbus,thedevicecanreaditfromtheSBDRregister.Anytransmission
orreceptionofdatafromtheSPIbusmustbemadeviatheSBDRregister.
SBDR Register
Bit
7
6
5
4
3
2
1
0
�a�e
D7
D6
D�
D�
D3
D�
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
RW
POR
X
X
X
X
X
X
X
X
Bit7~0
D7~D0:SPIdatabits
NotethatdatawrittentotheSBDRregisterwillonlybewrittentotheTXRXbuffer,whereasdata
readfromtheSBDRregisterwillactualbereadfromtheregister.
TherearealsotwocontrolregistersfortheSPIinterface,SPIRandSBCR.RegisterSPIRisusedto
controltheenable/disablefunctionandtosettheSPIclockactiveedgetype.RegisterSBCRisused
forothercontrolfunctionssuchasLSB/MSBselection,writecollisionflag,datatransmissionclock
frequencyselectionetc..


Similar Part No. - HT82B42R_14

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82B42RE HOLTEK-HT82B42RE Datasheet
3Mb / 86P
   I/O MCU with USB Interface
More results

Similar Description - HT82B42R_14

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82B40R HOLTEK-HT82B40R Datasheet
416Kb / 57P
   I/O MCU with USB Interface
HT82B40R HOLTEK-HT82B40R_11 Datasheet
392Kb / 58P
   I/O MCU with USB Interface
HT82B42R HOLTEK-HT82B42R Datasheet
3Mb / 86P
   I/O MCU with USB Interface
HT82B60R HOLTEK-HT82B60R Datasheet
489Kb / 70P
   I/O MCU with USB Interface
HT82B40R HOLTEK-HT82B40R_14 Datasheet
370Kb / 54P
   I/O 8-Bit MCU with USB Interface
HT68FB30 HOLTEK-HT68FB30 Datasheet
208Kb / 26P
   Enhanced I/O Flash Type 8-Bit MCU with EEPROM & USB Interface
HT68FB540 HOLTEK-HT68FB540 Datasheet
5Mb / 199P
   I/O Flash USB 8-Bit MCU with SPI
HT82A525R HOLTEK-HT82A525R_16 Datasheet
385Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
HT82A525R HOLTEK-HT82A525R_12 Datasheet
446Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
HT82A525R HOLTEK-HT82A525R Datasheet
505Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com