Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82R732 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT82R732
Description  e-Banking 8-Bit OTP MCU
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82R732 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT82R732 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 74 page
background image
Block Diagram
The following block diagram illustrates the main functional blocks.
Pin Assignment
Rev. 1.00
6
October 31, 2013
HT82R732
e-Banking 8-Bit OTP MCU
8 - b i t R I S C
M C U C o r e
T i m e r
I / O
P o r t s
T i m e
B a s e
R O M / R A M
M e m o r y
P F D
D r i v e r
R e s e t &
I n t e r r u p t
T i m i n g
G e r n e r a t i o n
S t a c k
L C D
D r i v e r
L V R / L V D
2 8
2 7
2 6
2 5
2 4
2 3
2 2
2 1
2 0
1 9
1 8
1 7
1 6
1 5
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
S E G 9
S E G 1 0
S E G 1 1
S E G 1 2
S E G 1 3
S E G 1 4
C O M 3
C O M 2
C O M 1
C O M 0
C 2
C 1
L V C
L V B
S E G 8
P A 7 / S E G 7
P A 6 / S E G 6
P A 5 / S E G 5
P A 4 / S E G 4
P A 3 / [ P F D ] / S E G 3
P A 2 / S E G 2
P A 1 / S E G 1
P A 0 / S E G 0
R E S
V S S
X T 1
X T 2
V D D / L V A
H T 8 2 R 7 3 2
2 8 S S O P - A
H T 8 2 R 7 3 2
4 8 L Q F P - A
P A 4 / S E G 4
P A 3 / [ P F D ] / S E G 3
P A 2 / S E G 2
P A 1 / S E G 1
P A 0 / S E G 0
P B 7 / T C 1
P B 6 / T C 0
P B 5 / I N T
P B 4 / P F D
P B 3
P B 2
P B 1
1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2 2 3 2 4
4 8 4 7 4 6 4 5 4 4 4 3 4 2 4 1 4 0 3 9 3 8 3 7
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
3 6
3 5
3 4
3 3
3 2
3 1
3 0
2 9
2 8
2 7
2 6
2 5
S E G 1 7
S E G 1 8
S E G 1 9
S E G 2 0
S E G 2 1
S E G 2 2
S E G 2 3
C O M 3
C O M 2
C O M 1
C O M 0
C 2


Similar Part No. - HT82R732

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HT82-05087 BITECH-HT82-05087 Datasheet
416Kb / 4P
   T1/CEPT/ISDN-Pri Telecom Products
HT82-05099 BITECH-HT82-05099 Datasheet
416Kb / 4P
   T1/CEPT/ISDN-Pri Telecom Products
HT82-99627 BITECH-HT82-99627 Datasheet
85Kb / 4P
   VDSL Coupling Transformers
HT82-99652 BITECH-HT82-99652 Datasheet
85Kb / 4P
   VDSL Coupling Transformers
HT82-99653 BITECH-HT82-99653 Datasheet
85Kb / 4P
   VDSL Coupling Transformers
More results

Similar Description - HT82R732

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45R4U HOLTEK-HT45R4U Datasheet
4Mb / 105P
   TinyPowerTM A/D Type e-Banking ASSP OTP MCU with LCD
logo
Core Technology (Shenzh...
CSU8RP3115B CHIPSEA-CSU8RP3115B Datasheet
2Mb / 93P
   8 - bit RISC OTP MCU
logo
Holtek Semiconductor In...
HT48R006 HOLTEK-HT48R006 Datasheet
451Kb / 72P
   Small Package 8-Bit OTP MCU
HT46R01B HOLTEK-HT46R01B Datasheet
425Kb / 71P
   Small Package 8-Bit OTP MCU
HT82M75REW HOLTEK-HT82M75REW Datasheet
952Kb / 103P
   2.4GHz Transceiver 8-Bit OTP MCU
HT48RA3 HOLTEK-HT48RA3 Datasheet
245Kb / 36P
   8-Bit Remote Type OTP MCU
HT48R005 HOLTEK-HT48R005_12 Datasheet
394Kb / 62P
   Small Package 8-Bit OTP MCU
HT46R01B-1 HOLTEK-HT46R01B-1 Datasheet
437Kb / 71P
   Small Package 8-Bit OTP MCU
HT46R01M HOLTEK-HT46R01M_10 Datasheet
465Kb / 69P
   1.5V Battery 8-Bit OTP MCU
HT46R01M HOLTEK-HT46R01M Datasheet
443Kb / 69P
   1.5V Battery 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com